Part Number Hot Search : 
161A1 DLQ5231B SMCJ75 20030 SP8J4 SIHF9520 RT9727A SC1302B
Product Description
Full Text Search
 

To Download LR8809 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v0.3 1(7) ultra-small package built-in delay high-precision voltage detector ce8809 series ? introduction ? application ? block diagrams ultra-small built-in delay high-precision voltage detector LR8809 series the LR8809 series is a series of high-precision voltage detectors with a built-in delay time generator of fixed time. developed using cmos process. the detection voltage is fixed internally, with an accuracy of 2.0 %. internal oscillator and counter timer can delay the release signal without external parts, delay times 200 ms two output forms, nch pen-drain and cmos output are available. ? features ? ultra-low current consumption: 1.0 a@3.5v(typ) ? high-precision detec tion voltage: 2.0 % ? hysteresis characteristics: -v det 5%(typ) ? operating voltage range: 0.95 v to 8.0 v ? detection voltage: 1.5v to 6.0 v (0.1 v step) ? delay time: 200 ms(typ) ? output forms: nmos open-drain output (active low) cmos output (active low) ? memory battery back-up circuits ? power-on reset circuits ? power failure detection ? power monitor for portable equipment such as notebook computers, digital cameras, pda, and cellular phones. ? constant voltage power monitors for cameras, video equipment and communication devices. ? power monitor for microcomputers and reset for cpus. ? ordering information ce8809 ??? designator symbol description c cmos n nch open drain ? integer output voltage(1.5v~6.0v) e.g. 3.0v= :3, :0 m/ma package sot23-3 n/na package sot343(sc-82) p package sot89-3 t/ta package to-92 e package sot23-6 nch open-drain cmos output note:*1-parasitic diode lr c leshan radio company,ltd. LR8809
v0.3 2(7) ? pin configurations table 1 LR8809 series sot-23-3 pin no. m ma functions 1 v dd v dd voltage input pin v out - voltage detection output pin 2 - v ss gnd pin v ss - gnd pin 3 - v out voltage detection output pin table 2 LR8809 series sot-89-3 pin no p functions 1 v out voltage detection output pin 2 v dd voltage input pin 3 v ss gnd pin table 4 LR8809 series sot343 pin no t ta functions v out - voltage detection output pin 1 - v dd voltage input pin v dd - voltage input pin 2 - v ss gnd pin v ss - gnd pin 3 - v out voltage detection output pin pin no n na functions v out - voltage detection output pin 1 - v dd voltage input pin v dd - voltage input pin 2 v ss gnd pin 3 nc - no connection v ss - gnd pin 4 - v out voltage detection output pin table 3 LR8809 series to-92 lr c leshan radio company,ltd.
v0.3 3(7) ? absolute maximum ratings (ta=25c unless otherwise specified) item symbol absolute maximum ratings unit power supply voltage v dd v ss 0.3 ~ v ss 10 v output voltage v out v ss 0.3 ~ v ss 10 v sot-23-3 250 mw sot-89 500 mw to-92 500 mw power dissipation sot343 pd 250 mw operating ambient temperature topr 40 ~ 85 c storage temperature tstg 40 ~ 125 c ? electrical characteristics (ta=25c unless otherwise specified) item symbol condition min. typ. max. unit detection voltage *1 ? v det ? ? v det(s) 0.98 ? v det(s) ? v det(s) 1.02 v hysteresis width v hys ? 0.02 ? v det(s) 0.05 ? v det(s) 0.08 ? v det(s) v ce8809c/n20 26 ? 1.0 2.0 ua ce8809 c/n 26 39 ? 1.2 2.5 ua current consumption i ss v dd = v det 0.5v ce8809 c/n 39 60 ? 1.5 3.0 ua operating voltage v dd ? 0.95 ? 8 v pin no e functions 1 nc no connection 2 v ss gnd pin 3 v out voltage detection output pin 4 v dd voltage input pin 5 nc no connection 6 nc no connection table 5 LR8809 series sot23-6 lr c leshan radio company,ltd.
v0.3 4(7) ce8809 c/n 20 26 3.0 13.0 ? ma ce8809 c/n 26 39 3.0 15.0 ? ma nmos v out =0.5 v v dd = v det 0.5 v ce8809 c/n 39 60 3.0 18.0 ? ma ce8809 c/n 20 26 1.5 4.0 ? ma ce8809 c/n 26 39 1.5 6.0 ? ma output current i out pmos v dd v out =0.5 v v dd = v det 0.5 v ce8809 c/n 39 60 1.5 8.0 ? ma leakage current i leak only for nmos open-drain output products, v dd =8.0 v, v out =8.0 v ? 0.1 ua temperature coefficient ta= ? 40c ~ +85c ? 120 360 ppm/ c delay time t d 200 ms *1. ? vdet: actual detection voltage value, ? vdet(s): specified detection voltage value ? functional description 1. when a voltage higher t han the release voltage (+v det ) is applied to the voltage input pin (v dd ), the voltage will gradually fall..w hen a voltage higher than the detect voltage (-v det ) is applied to v dd , output (v out ) will be equal to the input at v dd . note that high impedance exists at v out with the n-channel open drain configuration. if the pin is pulled up, v out t will be equal to the pull up voltage. 2. when v dd falls below -v det , v out will be equal to the ground voltage (v ss ) level (detect state). note that this also applies to n-channel open drain configurations. 3. when v dd falls to a level below that of the minimum operating voltage (v min ) output will become unstable. because the output pin is generally pulled up with n-channel open drain configurations, output will be equal to pull up voltage. 4. when v dd rises above the v ss level (excepting levels lower than minimum operating voltage), v out will be equal to v ss until v dd reaches the +v det level. 5 . although v dd will rise to a level higher than +v det , v out maintains ground voltage level via the delay circuit. 6. following transient delay time, v dd will be output at v out . note that high impedance exists with the n-channel open drain c onfiguration and that voltage will be dependent on pull up. notes : 1. the difference between -v det and +v det represents the hysteresis range. 2. propagation delay time (t d ) represents the time it takes for v dd to appear at v out once the said voltage has exceeded the +v det level. lr c leshan radio company,ltd.
v0.3 5(7) ? standard circuits 1 cmos output 2 nch open-drain lr c leshan radio company,ltd. LR8809 LR8809 LR8809
v0.3 6(7) ? package information sot-23-3 to-92 lr c leshan radio company,ltd.
v0.3 7(7) sot-89 dimensions in millimeters symbols min nom max a 1.40 1.50 1.60 b 0.36 0.42 0.48 b1 0.41 0.47 0.53 b2 1.40 1.60 1.75 c 0.38 0.40 0.43 d 4.40 4.50 4.60 e 4.25 e1 2.40 2.50 2.60 1.40 1.50 1.60 l 1.80 l1 0.40 sot343 sc-82 lr c leshan radio company,ltd.


▲Up To Search▲   

 
Price & Availability of LR8809

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X