Part Number Hot Search : 
CHDTA 001547 B3011 AX160 ISL65 1ATNB SI4922DY 00100
Product Description
Full Text Search
 

To Download LDA102S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.clare.com ds-lda102-r01 1 lda102 unidirectional-input, single-transistor output optocoupler part number description lda102 6-pin dip (50/tube) LDA102S 6-pin surface mount (50/tube) LDA102Str 6-pin surface mount (1000/reel) parameter rating units breakdown voltage 30 v p current transfer ratio (minimum) 50 % saturation voltage 0.5 v input control current 1 ma applications features description ordering information pin configuration ? sensor circuitry ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? medical equipment: patient/equipment isolation ? aerospace ? industrial controls ? small 6-pin package, thru-hole or surface mount ? low drive power requirements (ttl/cmos compatible) ? no moving parts ? high reliability ? arc-free with no snubbing circuits ? 3750v rms input/output isolation ? no emi/rfi generation ? machine insertable, wave solderable ? surface mount tape & reel version available the lda102 is a unidirectional-input optocoupler with a single transistor output. optically coupled technology provides a 3750v rms isolation barrier between the input and the output. approvals ? ul recognized component: file # e76270 ? en/iec 60950-1 compliant 1 3 2 4 5 6 a k n/c b c e
www.clare.com 2 lda102 r01 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings electrical characteristics parameters conditions symbol min typ max units output characteristics @ 25oc (unless otherwise noted) phototransistor breakdown voltage i c =10a bv ceo 30 - - v phototransistor dark current v ce =5v, i f =0ma i ceo - - 500 na saturation voltage i c =2ma, i f =1ma v cesat - - 0.5 v current transfer ratio i f =1ma, v ce =0.5v ctr 50 350 - % output capacitance 25v, f=1mhz c out -6-pf input characteristics @ 25oc input control current i c =2ma, v ce =0.5v i f --1ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v common characteristics @ 25oc input to output capacitance - c i/o -3-pf parameter ratings units breakdown voltage 30 v p reverse input voltage 5 v input control current 50 ma peak (10ms) 1 a power dissipation input 1 150 mw phototransistors 2 150 isolation voltage input to output 3750 v rms operational temperature -40 to +85 oc storage temperature -40 to +125 oc 1 derate linearly 1.33 mw/oc 2 derate linearly 2.0 mw/oc electrical absolute maximum ratings are at 25oc characteristic symbol test condition typ units turn-on time t on v cc =5v, i f =2ma, r l =1k 7 s turn-off time t off 20 switching characteristics @ 25oc switching time test circuit v cc v ce r l i f pulse width=5ms duty cycle=1% i f 10% 90% t on t off v ce
lda102 www.clare.com 3 r01 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. led forward voltage (v) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 led forward current (ma) 0 10 20 30 40 50 lda102 led voltage vs. current (linear) (t a =25oc) led forward voltage (v) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 led forward current (ma) 0.1 1 10 100 lda102 led voltage vs. current (log) (t a =25oc) temperature (oc) -40 -20 0 20 40 60 80 100 led forward voltage (v) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 lda102 led forward voltage vs. temperature i f =50ma i f =20ma i f =10ma i f =5ma i f =2ma i f =1ma led forward current (ma) 0 102030405060 current transfer ratio (%) 100 200 300 400 500 600 700 lda102 typical ctr vs. led forward current (t a =25oc, v ce =5v) -40oc 85oc 55oc 25oc collector voltage (v) 0123456 collector current (ma) 0 20 40 60 80 100 lda102 typical collector current vs. collector voltage (t a =25oc) i f =50ma i f =1ma i f =2ma i f =5ma i f =10ma i f =20ma temperature (oc) i ce current (ma) lda102 i ce current vs. temperature (v ce =5v) -40 -20 0 20 40 60 80 100 120 0 20 40 60 80 100 i f =20ma i f =2ma i f =5ma i f =10ma i f =15ma i f =1ma temperature (oc) -40 -20 0 20 40 60 80 100 saturation voltage (v) 0.08 0.10 0.12 0.14 0.16 0.18 0.20 lda102 saturation voltage vs. temperature (i f =2ma, i c =1ma) temperature (oc) -40 -20 0 20 40 60 80 100 blocking voltage (v p ) 87 88 89 90 91 92 93 94 95 96 lda102 blocking voltage vs. temperature temperature (oc) -40 -20 0 20 40 60 80 100 leakage current (na) 0 100 200 300 400 500 lda102 collector leakage current vs. temperature v ce =10v v ce =3v v ce =5v load resistance ( ) 100 1k 10k 100k 1m turn-on time ( s) 0 2 4 6 8 10 12 14 lda102 turn-on time vs. load resistance (t a =25oc, v cc =5v) i f =1ma i f =5ma i f =2ma load resistance (k ) 0 100 200 300 400 500 600 turn-off time (ms) 0 2 4 6 8 10 lda102 turn-off time vs. load resistance (t a =25oc, v cc =5v) i f =1ma i f =5ma i f =2ma
www.clare.com 4 lda102 r01 mechanical dimensions manufacturing information soldering for proper assembly, the component must be processed in accordance with the current revision of ipc/jedec standard j-std-020. failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. washing clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. 6.350 0.127 (0.250 0.005) 2.540 0.127 (0.100 0.005) 7.620 0.127 (0.300 0.005) 5.080 0.127 (0.200 0.005) 6 - 0.800 dia. (6 - 0.031 dia.) 6-pin dip thru-hole package pc board pattern 0.254 typ (0.010 typ) 9.144 0.508 (0.360 0.020) 7.239 typ (0.285 typ) 7.620 0.254 (0.300 0.010) 3.302 0.051 (0.130 0.002) 4.064 typ (0.160 typ) 0.457 0.076 (0.018 0.003) dimensions mm (inches) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 6.350 0.127 (0.250 0.005) 1.651 0.254 (0.065 0.010) 0.254 0.0127 (0.010 0.0005) 7.620 0.254 (0.300 0.010) 0.635 0.127 (0.025 0.005) 6-pin surface mount package (?s? suffix) recommended pcb land pattern dimensions mm (inches) 3.302 0.051 (0.130 0.002) 4.445 0.254 (0.175 0.010) 2.54 (0.10) 8.90 (0.3503) 1.65 (0.0649) 0.65 (0.0255) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 9.524 0.508 (0.375 0.020) 6.350 0.127 (0.250 0.005) 0.457 0.076 (0.018 0.003) 1.651 0.254 (0.065 0.010)
clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publica tion and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clare?s standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products incl uding, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clare?s product may result in direct physical harm, i njury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or make changes to its products at any time without notice. specification: ds-lda102-r01 ?copyright 2008, clare, inc. all rights reserved. printed in usa. 2/26/08 for additional information please visit our website at: www.clare.com 5 lda102 w = 16.00 max (0.63 max) b 0 = 10.10 (0.400) a 0 = 10.10 (0.400) p = 12.00 (0.472) k 1 = 3.80 (0.15) k 0 = 4.90 (0.19) top cover tape user direction of feed note: tape dimensions not shown comply with jedec standard eia-481-2 dimensions mm (inches) embossment embossed carrier 330.2 dia (13.00 dia) top cover tape thickness 0.102 max (0.004 max) tape and reel packaging for 6-pin ?r? and ?s? suffix parts


▲Up To Search▲   

 
Price & Availability of LDA102S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X