Part Number Hot Search : 
GG1178 AAT863 HZU3CLL J0000F RL4ZZ CLC1011 ACE100 SA130
Product Description
Full Text Search
 

To Download KTD718-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1997. 1. 25 1/2 semiconductor technical data ktd718 triple diffused npn transistor revision no : 0 high power amplifier application. features  recommended for 45  50w audio frequency amplifier output stage.  complementary to ktb688. maximum rating (ta=25 1 ) 1. base 2. collector 3. emitter to-3p(n) c g l k h a d b e f i d p pt m j q 123 a 15.9 max millimeters dim b 4.8 max c 20.0 0.3 d 2.0 0.3 d 1.0+0.3/-0.25 e2.0 f1.0 g 3.3 max h9.0 i4.5 j 2.0 k 1.8 max l 20.5 0.5 p 5.45 0.2 q 3.2 0.2 t 0.6+0.3/-0.1 2.8 m + _ + _ + _ + _ + _ electrical characteristics (ta=25 1 ) note : h fe classification r:55  110, o:80  160 characteristic symbol rating unit collector-base voltage v cbo 120 v collector-emitter voltage v ceo 120 v emitter-base voltage v ebo 5 v collector current i c 10 a base current i b 1 a collector power dissipation (tc=25 1 ) p c 80 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =120v, i e =0 - - 10  a emitter cut-off current i ebo v eb =5v, i c =0 - - 10  a collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 120 - - v dc current gain h fe (note) v ce =5v, i c =1a 55 - 160 collector-emitter saturation voltage v ce(sat) i c =6a, i b =0.6a - - 2.0 v base-emitter voltage v be v ce =5v, i c =5a - - 1.5 v transition frequency f t v ce =5v, i c =1a - 12 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 170 - pf
1997. 1. 25 2/2 ktd718 revision no : 0 collector power dissipation 0 c 0 ambient temperature ta ( c) pc - ta 10 dc current gain h fe 0.3 0.1 0.03 0.01 collector current i (a) c h - i i - v ce collector-emitter voltage v (v) 0 c collector current i (a) 0.01 voltage v (v) ce(sat) 0.3 0.1 0.03 0.01 collector current i (a) c v - i 0 cce 2468101214 2 4 6 8 10 12 common emitter tc=25 c 400 300 200 100 50 i =20ma 0 b fe c 1310 30 50 100 300 500 1k common emitter v =5v ce tc=100 c tc=25 c tc=-25 c ce(sat) c collector-emitter saturation 1310 0.03 0.05 0.1 0.3 0.5 1 common emitter i /i =10 c b tc= 100 c tc=25 c tc=-25 c p (w) 40 80 120 160 200 240 20 40 60 80 100 ta=tc infinite heat sink 300 x 300 x 2mm al heat sink 200 x 200 x 2mm al heat sink 100 x 100 x 2mm al heat sink no heat sink 1 2 3 4 5 1 2 3 4 5 safe operating area collector-emitter voltage v (v) 1 3 10 30 c 0.1 collector current i (a) ce 100 300 0.3 1 3 10 30 single nonrepetitive pulse tc=25 c curves must be derated linearly wiht increase in temperature. * i max(pulsed) c c i max(continuous) * t=1ms 10ms 100ms * * * 5 00m s dc ope r a ti o n tc=25 c * v max. ceo


▲Up To Search▲   

 
Price & Availability of KTD718-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X