Part Number Hot Search : 
GS2993 300B12 STPS20 LT196 PEB2466 74VCX1 BCX52TA D61012
Product Description
Full Text Search
 

To Download IN74HC03A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IN74HC03A IN74HC03A quad 2-input nand gate with open-drain outputs high-performance silicon-gate cmos ordering information in74hc 03an pl ast i c in74hc 03ad soic t a = -55 t o 125 c for all packages the in74hc 03a i s i d ent i cal i n pi nout t o t h e ls/ a ls03. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resi st ors, they are com p atible with ls/alsttl outputs. the IN74HC03A nand gate has, as its output, a high-perform ance m o s n-channel transistor. this nand gate can, therefore, with a suitable pullup resistor, be us ed in wired-and applications. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices pin assignment logic diagram pin 14 =v cc pin 7 = gnd function table input s o u t put a b y l l z l h z h l z h h l z= high im pedance rev. 00
IN74HC03A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
IN74HC03A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c unit v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v v ol m a x i mu m l o w - level out put vol t a ge v in =v ih ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in =v ih ? i out ? 4.0 m a ? i out ? 5.2 m a 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 6.0 1 . 0 1 0 4 0 a i oz m a x i mu m t h r e e - state leakage current out put i n hi gh-im pedance state v in = v il or v ih i out = v cc or gnd 6.0 0.5 5.0 10 a rev. 00
IN74HC03A ac electrical characteristics (cl=50pf,input tr=tf=6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c unit t plz , t pzl m a xi m u m propagat i on del a y , input a or b t o out put y (fi gures 1 and 2) 2.0 4.5 6.0 120 24 20 150 30 26 180 36 31 ns t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 2) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in m a xi m u m input c a paci t a nce - 10 10 10 pf c out maxim u m three-state output capacitance (out put i n hi gh-im pedance st at e) - 1 0 1 0 1 0 p f power di ssi pat i on c a paci t a nce (per gat e ) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 8 . 0 p f .figure 1. switching waveforms figure 2. test circuit ex panded logic diagram (1/4 of the device) * denot es open-drai n out put s rev. 00
IN74HC03A n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC03A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X