|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 1 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 low profile, high current ihlp ? inductors manufactured under one or more of the following: ? us patents; 6,198,375/6,204, 744/6,449,829/6,460,244. ? several foreign patents, and other patents pending. notes (1) all test data is refere nced to 25 c ambient (2) operating temperature range - 55 c to + 125 c (3) dc current (a) that will cause an approximate ? t of 40 c (4) dc current (a) that will cause l 0 to drop approximately 20 % (5) the part temperature (ambient + temp. rise) should not exceed 125 c under worst case operatin g conditions. circuit design, component placement, pwb trace size and thickness, airflow and other cooling provisions all affect the part temperature. part temperature should be verified in the end application. features ? shielded construction ? excellent dc/dc energy stroage up to 1 mhz to 2 mhz filter inductor applications up srf (see standard electrical specifications table) ? lowest dcr/h, in this package size ? handles high transient current spikes without saturation ? ultra low buzz noise, due to composite construction ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? pda/notebook/desktop/server applications ? high current pol converters ? low profile, high current power supplies ? battery powered devices ? dc/dc converters in distributed power systems ? dc/dc converter for field programmable gate array (fpga) standard electrical specifications l 0 inductance 20 % at 100 khz, 0.25 v, 0 a (h) dcr typ. 25 c (m ? ) dcr max. 25 c (m ? ) heat rating current dc typ. (a) (3) saturation current dc typ. (a) (4) sfr typ. (mhz) 0.33 0.61 0.67 75.5 55 78 0.47 0.78 0.87 72 57 60 0.56 0.83 0.91 61 66 40 0.82 0.98 1.08 56.5 45 36 1.0 1.21 1.27 55.5 32 34 1.5 1.54 1.62 48 31 26 2.2 1.85 1.98 43.5 28 19 3.3 2.79 2.93 35 27 16 4.7 3.98 4.18 30 21 10.7 5.6 4.23 4.44 28 21 11.8 6.8 5.86 6.15 22.5 18.5 10.0 8.2 7.71 8.10 21 18 10.0 10.0 8.89 9.33 19 17 8.0 15.0 13.7 14.4 14 12 7.5 22.0 20.0 21.0 12 9.5 4.3 33.0 35.1 37.0 10.7 9 4.8 47.0 40.7 42.7 8.7 8.6 4.1 56.0 55 57.8 7.2 4.2 2.9 68.0 72.1 75.7 6.1 4.5 3.0 82.0 87.3 91.7 5.5 4.5 2.6 100.0 105 110 5.0 4.0 2.1 dimensions in inches [millimeters] 0.083 0.01 [2.11 0.3] 0.276 [7.00] max. 0.675 [17.15] max. 0.675 0.005 [17.15 0.127] 0.47 0.01 [11.94 0.3] typical pad layout 0.479 [12.17] 0.725 [18.42] 0.480 [12.19] description ihlp-6767gz-11 4.7 h 20 % er e3 model inductance value inductance tolerance package code jedec ? lead (pb)-free standard global part number ihlp6767gzer4r7m11 product family size package code inductance value tol. series
ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 2 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance graphs 0 20 40 60 80 100 0.0 0.1 0.2 0.3 0.4 0.5 0 20 40 60 80 100 120 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 0.33 h l t c 0 20 40 60 80 100 0.0 0.2 0.4 0.6 0.8 1.0 0 30 60 90 120 temperature ( c) inductance (h) dc current (a) ihlp-6767gz-11 0.47 h l t c 0 20 40 60 80 100 0.0 0.2 0.4 0.6 0.8 1.0 0 20 40 60 80 100 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 0.56 h l t c 0 20 40 60 80 100 0.0 0.2 0.4 0.6 0.8 1.0 0 10 20 30 40 50 60 70 80 90 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 0.82 h l t c 0 20 40 60 80 100 0.0 0.2 0.4 0.6 0.8 1.0 0 10 20 30 40 50 60 70 80 90 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 1.0 h l t c 0 20 40 60 80 100 0.0 0.4 0.8 1.2 1.6 2.0 0 20 40 60 80 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 1.5 h l t c 0 20 40 60 80 100 0.0 0.5 1.0 1.5 2.0 2.5 0 10 20 30 40 50 60 70 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 2.2 h l t c 0 20 40 60 80 100 0.0 1.0 2.0 3.0 4.0 5.0 0 10 20 30 40 50 60 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 3.3 h l t c ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 3 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance graphs 0 20 40 60 80 100 0.0 1.0 2.0 3.0 4.0 5.0 0 10 20 30 40 50 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 4.7 h l t c 0 20 40 60 80 100 0.0 2.0 4.0 6.0 8.0 10.0 0 10 20 30 40 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 5.6 h l t c 0 20 40 60 80 100 0.0 2.0 4.0 6.0 8.0 10.0 0 5 10 15 20 25 30 35 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 6.8 h l t c 0 20 40 60 80 100 0.0 2.0 4.0 6.0 8.0 10.0 0 5 10 15 20 25 30 35 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 8.2 h l t c 0 20 40 60 80 100 0.0 2.0 4.0 6.0 8.0 10.0 0 5 10 15 20 25 30 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 10 h l t c 0 20 40 60 80 100 0 4 8 12 16 20 0 5 10 15 20 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 15 h l t c 0 20 40 60 80 100 0 10 20 30 40 50 0 5 10 15 20 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 22 h l t c 0 20 40 60 80 100 0 10 20 30 40 50 0 2 4 6 8 10 12 14 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 33 h l t c ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 4 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance graphs 0 20 40 60 80 100 0 10 20 30 40 50 0 2 4 6 8 10 12 14 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 47 h l t c 0 20 40 60 80 100 0 20 40 60 80 100 0 2 4 6 8 10 12 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 56 h l t c 0 20 40 60 80 100 0 20 40 60 80 100 0 2 4 6 8 10 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 68 h l t c 0 20 40 60 80 100 0 20 40 60 80 100 0 1 2 3 4 5 6 7 8 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 82 h l t c 0 20 40 60 80 100 0 40 80 120 160 200 0 1 2 3 4 5 6 7 8 temperature ( c) inductance (h) dc current (a) ihlp6767gz-11 100 h l t c ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 5 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance graphs: inductance and q vs. frequency 0 20 40 60 80 100 0 0.1 0.2 0.3 0.4 0.5 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 0.33 h l q 0 20 40 60 80 100 0 0.2 0.4 0.6 0.8 1 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp-6767gz-11 0.47 h l q 0 20 40 60 80 100 0 0.2 0.4 0.6 0.8 1 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 0.56 h l q 0 20 40 60 80 0 0.5 1 1.5 2 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 0.82 h l q 0 20 40 60 80 100 0 0.5 1 1.5 2 2.5 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 1.0 h l q 0 20 40 60 80 100 0 1 2 3 4 5 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 1.5 h l q 0 40 80 120 160 0 2 4 6 8 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 2.2 h l q 0 20 40 60 80 100 120 0 2 4 6 8 10 12 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 3.3 h l q ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 6 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance graphs: inductance and q vs. frequency 0 20 40 60 80 100 0 4 8 12 16 20 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 4.7 h l q 0 20 40 60 80 100 0 4 8 12 16 20 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 5.6 h l q 0 40 80 120 0 10 20 30 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 6.8 h l q 0 20 40 60 80 100 0 10 20 30 40 50 0.1 1 10 100 q inductance (h) frequency (mhz) ihlp6767gz-11 8.2 h l q 0 20 40 60 80 100 0 10 20 30 40 50 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 10 h l q 0 20 40 60 80 0 20 40 60 80 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 15 h l q 0 20 40 60 80 0 40 80 120 160 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 22 h l q 0 20 40 60 80 0 40 80 120 160 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 33 h l q ihlp-6767gz-11 www.vishay.com vishay dale revision: 19-nov-13 7 document number: 34282 for technical questions, contact: magnetics@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance graphs: inductance and q vs. frequency 0 20 40 60 80 100 0 50 100 150 200 250 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 47 h l q 0 10 20 30 40 50 60 0 50 100 150 200 250 300 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 56 h l q 0 10 20 30 40 50 60 0 50 100 150 200 250 300 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 68 h l q 0 20 40 60 80 0 100 200 300 400 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 82 h l q 0 20 40 60 80 0 100 200 300 400 0.1 1 10 q inductance (h) frequency (mhz) ihlp6767gz-11 100 h l q legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards. |
Price & Availability of IHLP6767GZER470M11 |