Part Number Hot Search : 
SMDB03 SZ5547 SDA5650 LT1529CT 36030 G527530 LT1764A MPQ3762
Product Description
Full Text Search
 

To Download FPS-1031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  print server with 1 parallel port FPS-1031 the levelone FPS-1031 print server is an ideal network printing solution for small ofces, home ofces, schools and other businesses that require printer sharing over the same network. multi os and network printing protocol support the FPS-1031 is a print server with 1 parallel port that supports windows me, 2000, xp and vista operating systems as well as mac os 8.1 and higher, unix/linux and netware (bindery/nds). network protocol supported includes tcp/ip, ipx, netbeui, appletalk, lpr and smb over tcp/ip for fexible use with diferent network clients connected to the same ofce network. the FPS-1031 also includes internet printing protocol (ipp) support and windows print monitor technology to monitor printing jobs received. easy installation wizard the levelone FPS-1031 is easily confgurable using a web browser or the windows based confguration program included with the cd-rom. key features - parallel print server for network print sharing - fast ethernet network connectivity - easy set-up wizard included - web based user interface - support multiple operating systems - support multiple network printing protocols fps-1032 print server with 1 usb port related products 1. power port 2. rj-45 lan port 3. status indicator 4. parallel port 5. reset port fps-1033 print server with 2 usb and 1 parallel ports h/w version: 1 1 2 3 4 5 
print servers www.level1.com i one world_one brand_one level_ standards compliance ieee 802.3 10mbps ethernet ieee 802.3u 100mpbs fast ethernet network interface 1x 10/100mbps auto-sensing rj-45 port 1x db-36 pin male centronic (bi-directional) dhcp client operating system support windows me, 2000, xp , vista mac os 8.1 or higher unix/linux netware (bindery/nds) network print protocol support tcp/ip, ipx, netbeui, appletalk, lpr, smb over tcp/ip, internet printing protocol (ipp), raw software upgradeable web interface windows-based setup program tftp technical specifcation device management web-based user interface windows-based setup program snmp & hp web jetadmin support physical specifcations leds power/status, link, activity power supply 3.3v, 2a dimension 59mm (l) x 57mm (w) x 23mm (h) weight 52g operating temperature and humidity operating: 0c ~ 50c @ 0% ~ 70% (non-condensing) storage: -5c ~ 65c @ 0%~ 80% (non-condensing) emi certifcations ce, fcc class b order information FPS-1031: print server with 1 parallel port package content FPS-1031 power adapter cd manual/driver/utility quick installation guide product diagram all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. FPS-1031 windows parallel printer internet v1.0 wireless broadband router netware linux mac 


▲Up To Search▲   

 
Price & Availability of FPS-1031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X