Part Number Hot Search : 
A01BBTD2 LH1028BB 74AC11SJ FAN5093 G1629R 2SD2091 74AC11SJ KSR2006
Product Description
Full Text Search
 

To Download FMMT620-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fmmt620 document number: ds33113 rev. 3 - 2 1 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 80v npn silicon low saturation transistor in sot23 features ? bv ceo > 80v ? i c = 1.5a continuous collector current ? r ce(sat) = 90m? for a low equivalent on-resistance ? 625mw power dissipation ? h fe specified up to 5a for high current gain hold up ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot23 ? case material: molded plastic, ?green? molding compound ? ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight 0.008 grams (approximate) applications ? dc-dc modules ? power management functions ? motor control and drive functions ? ccfl backlighting inverters ordering information (notes 4 & 5) product compliance marking reel size (inches) tape width (mm) quantity per reel fmmt620ta aec-q101 620 7 8 3,000 fmmt620qta automotive 620 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more info rmation about diodes incorpor ated?s definitions of halogen and antimony free,"green" and lead-free. 3. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap capable. automotive, aec-q101 and standard products are electrical ly and thermally the same, except where specified. 5. for packaging details, go to our website at http://www.diodes.com marking information 620 = product type marking code sot23 top view pin-out top view device symbol c e b c e b 620
fmmt620 document number: ds33113 rev. 3 - 2 2 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 7 v continuous collector current i c 1.5 a peak pulse current i cm 5 a base current i b 500 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 6) p d 625 mw power dissipation (note 7) p d 806 mw thermal resistance, junction to ambient (note 6) r ja 200 c/w thermal resistance, junction to ambient (note 7) r ja 155 c/w thermal resistance, junction to leads (note 8) r jl 194 c/w operating and storage temperature range t j, t stg -55 to +150 c notes: 6. for a device surface mounted on 25 mm x 25mm fr4 pcb with high coverage of single sided 1 oz copper, in still air cond itions; the device is measured when operating in a steady-state condition. 7. same as note 6, except the device is measured at t 5 sec. 8. thermal resistance from junction to solder-point (at the end of the collector lead).
fmmt620 document number: ds33113 rev. 3 - 2 3 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 thermal characteristics and derating information 100m 1 10 100 1m 10m 100m 1 10 single pulse t amb =25c v ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area i c collector current (a) v ce collector-emitter voltage (v) 0 25 50 75 100 125 150 175 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 120 140 160 180 200 220 t amb =25c transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 0.1 1 10 100 single pulse t amb =25c pulse power dissipation pulse width (s) maximum power (w)
fmmt620 document number: ds33113 rev. 3 - 2 4 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 100 180 - v i c = 100a collector-emitter breakdown voltage (note 9) bv ceo 80 110 - v i c = 1ma emitter-base breakdown voltage bv ebo 7 8 - v i e = 100a collector cut-off current i cbo - - 100 na v cb = 80v emitter cut-off current i ebo - - 100 na v eb = 6.0v collector emitter cut-off current i ces - - 100 na v ces = 80v static forward current transfer ratio (note 9) h fe 200 300 110 60 20 - 450 450 170 90 30 10 - 900 - - - - - i c = 10ma, v ce = 2v i c = 200ma, v ce = 2v i c = 1a, v ce = 2v i c = 1.5a, v ce = 2v i c = 3a, v ce = 2v i c = 5a, v ce = 2v collector-emitter saturation voltage (note 9) v ce(sat) - - - - 15 45 145 160 20 60 185 200 mv i c = 0.1a, i b = 10ma i c = 0.5a, i b = 50ma i c = 1a, i b = 20ma i c = 1.5a, i b = 20ma base-emitter saturation voltage (note 9) v be ( sat ) - 0.86 1.0 v i c = 1.5a, i b = 50ma base-emitter saturation voltage (note 9) v be ( on ) - 0.82 0.95 v i c = 1.5a, v ce = 2v transition frequency f t 100 160 - mhz i c = 50ma, v ce = 10v, f = 100mhz collector output capacitance c obo - 11.5 18 pf v cb = 10v, f = 1mhz turn-on time t ( on ) - 86 - ns v cc = 10v, i c = 500ma, i b1 = -i b2 = 25ma turn-off time t ( off ) - 1128 - ns notes: 9. measured under pulsed conditions. pulse width 300s. duty cycle 2%
fmmt620 document number: ds33113 rev. 3 - 2 5 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 typical electrical characteristics (@t a = +25c, unless otherwise specified.) 1m 10m 100m 1 10 1m 10m 100m 1m 10m 100m 1 0.00 0.05 0.10 0.15 0.20 0.25 1m 10m 100m 1 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1m 10m 100m 1 0.4 0.6 0.8 1.0 1m 10m 100m 1 10 0.2 0.4 0.6 0.8 1.0 0 90 180 270 360 450 540 630 i c /i b =20 v ce(sat) v i c tamb=25c i c /i b =100 i c /i b =50 i c /i b =10 v ce(sat) (v) i c collector current (a) v be(sat) v i c i c /i b =50 100c 25c -55c v ce(sat) (v) i c collector current (a) h fe v i c v ce =2v -55c 25c 100c normalised gain i c collector current (a) 25c v ce(sat) v i c i c /i b =50 100c -55c v be(sat) (v) i c collector current (a) v be(on) v i c v ce =2v 100c 25c -55c v be(on) (v) i c collector current (a) typical gain (h fe )
fmmt620 document number: ds33113 rev. 3 - 2 6 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 0 8 - all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 a m j l d f b c h k g k1 x e y c z
fmmt620 document number: ds33113 rev. 3 - 2 7 of 7 www.diodes.com september 2012 ? diodes incorporated a product line o f diodes incorporated fmmt620 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of FMMT620-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X