esp-9110 1u rackmount enterprise-class switch with combo port fexibility: 16 x 1000base-t/tx, 24 x gbe sfp & 4 x 10gbe sfp+ ? switching architecture with 24 x gbe ports and 4 x 10gbe ports ? 16 x gigabit combo ports (1000base-t/tx or gbe sfp) ? 2 x redundant power 110 ~ 220 v ac input ? fanless design ? hardware-ready ieee1588 ptpv2 with 1-step precision clock ? 128 gbps switch fabric supported ? embedded hardware monitor ? sdn support introduction the esp-9110 enterprise-class switch represents the entry level of advantechs white box switch portfolio. it integrates layer 2 switching software optimized to meet the connectivity and performance requirements of cloud data centers, with 16 gigabit ethernet combo ports, 8 sfp ports and 4 sfp+ ports offering greater installation fexibility. the esp-9110 meets small data center requirements, delivering wire speed across all ports at up to 128 gbps for layer 2 traffc forwarding. in addition, the fanless convection design provides a higher degree of reliability, making it suitable for data centers operating at temperatures up to 45c, while two 110~220 vac input, built-in, redundant power modules ensure vital network capabilities for higher levels of availability. the esp-9110 meets data center requirements for top-of-rack deployment; the switch can also be deployed to form a spine network, providing a high performance and cost-effective data center fabric that supports software defned networking (sdn). the esp-9110, when delivered with advantechs sdn software framework supports multiple protocols on the southbound interface, including broadcom of-dpa, openflow and indigo, allowing the esp-9110 to be deployed as a physical switch under full sdn control. speci?cations interface i/o port 4 x 10gbe sfp+ slot 8 x 100/1000basefx(x) sfp 16 x gigabit combo port (gigabit 10/100/1000base-t(x) or 100/1000basefx(x) sfp console port rj-45 f/w backup port usb power connector ac socket or 3-pin screw terminal block physical enclosure metal shell installation rack-mount dimensions (wxhxd) 446 x 44 x 352 (mm) led display system led pwr1, pwr2, sys, cfg and custom defned port led link / activity / speed environment operating temperature -10 ~ 45 c storage temperature -40 ~ 85 c ambient relative humidity 5 ~ 95% (non-condensing) power power consumption ~72watts max power input 110 ~ 220 v ac redundant inputs new all product specifications are subject to change without notice last updated : 12-jun-2014 features
esp-9110 ordering information part number description product status sps aer astpat b sp sot b ombo port b sp sot edundant poer nput nineer sampe sp aer astpat b sp sot b ombo port b sp sot edundant poer nput ass production sps dantec sd pacae b sp sot b ombo port b sp sot edundant poer nput ass production ontact our saes or more pricin orderin inormation front view rear view 352 1.70 44 446 1x rj45 console port 16x 1gbe sfp/1000 base-t combo ports 4x 10gbe sfp+ ports 1x usb 2.0 port 1x reset button 5x led indicators 8x 1gbe sfp ports 2x redundant ac 110/220 inputs www.advantech.com/products online download dimensions unit: mm
|