Part Number Hot Search : 
SZN4958 4ALVT R65C02P4 1512D 339FV GD4029B 4066D KIA393
Product Description
Full Text Search
 

To Download EGP60G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a / ah 2007 - 10 - 16 egp60 a ? EGP60G 6.0a sintered glass passivated super fast recovery rectifier taitron components incorporated www.taitroncomponents.com page 1 of 4 tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800)-taitfax (800)-824-8329 (661)-257-6415 6.0a sintered glass passivated super fast recovery rectifier features ? sintered glass passivated (sgp) rectifier chip ? low forward voltage, high current capability ? low leakage current, high surge current capability ? high temperature soldering guaranteed 260c/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension ? rohs compliance mechanical data case: jedec do-201ad molded plastic body epoxy: plastic package has ul flammabi lity classification 94v-0 terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end weight: 0.04ounces, 1.12 grams maximum ratings and electrical characteristics (t a =25oc unless noted otherwise) symbol description egp60a egp60b egp60d EGP60G unit conditions v rrm maximum repetitive peak reverse voltage 50 100 200 400 v v rms maximum rms voltage 35 70 140 280 v v dc maximum dc blocking voltage 50 100 200 400 v i f(av) maximum average forward rectified current 6.0 a 0.375? (9.5mm) lead length(fig.1) i fsm peak forward surge current 200 a 8.3ms single half sine-wave superimposed on rated load (jedec method) do-201ad
6.0 a sintered glass passivated su p er fast recover y rectifier rev. a/ah 2007 - 10 - 16 egp60 a ? EGP60G www.taitroncomponents.com page 2 of 4 fig.1-max. forward current derating curve ambient temperature t a (c) fig.2-max. non-repetitive forward surge current number of cycles at 60hz note: thermal resistance from junction to ambient at 0.375? (9.5mm) lead lengths, p.c.b mounted. typical characteristics curves symbol description egp60a egp60b egp60d EGP60G unit conditions v f maximum instantaneous forward voltage 0.95 0.95 0.95 1.25 v i f =6.0a 5.0 t a =25 c i r maximum dc reverse current at rated dc blocking voltage 120 a t a =125 c t rr typical reverse recovery time 35 ns i f =0.5a, i r =1a, i rr =0.25a c j typical junction capacitance 35 pf v r =4v, f=1mhz t j operating temperature range -55 to +175 t stg storage temperature range -55 to +175 c average forward rectified current (a) peak forward surge current (a)
6.0 a sintered glass passivated su p er fast recover y rectifier rev. a/ah 2007 - 10 - 16 egp60 a ? EGP60G www.taitroncomponents.com page 3 of 4 fig.3- typical forward characteristics f orward voltage (v) instantaneous forward current (a) fig.5- typical junction capacitance reverse voltage (v) junction capacitance ( pf) fig.4-typical reverse characteristics percent of rated peak reverse voltage (%) i r , instantaneous reverse current (a)
6.0 a sintered glass passivated su p er fast recover y rectifier rev. a/ah 2007 - 10 - 16 egp60 a ? EGP60G www.taitroncomponents.com page 4 of 4 dimensions in inches (mm) how to contact us: us headquarters 28040 west harrison parkaway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron componets incorporated e representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron componets incorporated, shanghai representative office metrobank plaza, 1160 west yan? an road, suite 1503, shanghai, 200052, china tel: +86-21-5424-9942 fax: +86-21-5424-9931 do-201ad


▲Up To Search▲   

 
Price & Availability of EGP60G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X