Part Number Hot Search : 
00PS4 BCM97315 25JPF10 FC161 MC34066 EPS13D2 14S20 EPS13D2
Product Description
Full Text Search
 

To Download BSC009NE2LS5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mosfet metaloxidesemiconductorfieldeffecttransistor optimos tm optimos tm 5power-mosfet,25v BSC009NE2LS5 datasheet rev.2.0 final powermanagement&multimarket
2 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet superso8 1description features ?optimizedforhighperformancebuckconverters ?verylowon-resistance r ds(on) @ v gs =4.5v ?100%avalanchetested ?superiorthermalresistance ?n-channel ?qualifiedaccordingtojedec 1) fortargetapplications ?pb-freeleadplating;rohscompliant ?halogen-freeaccordingtoiec61249-2-21 table1keyperformanceparameters parameter value unit v ds 25 v r ds(on),max 0.9 m w i d 100 a q oss 28 nc q g (0v..4.5v) 20 nc type/orderingcode package marking relatedlinks BSC009NE2LS5 pg-tdson-8 09ne2ls5 - 1) j-std20 and jesd22 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
3 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet tableofcontents description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 electrical characteristics diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 disclaimer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
4 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet 2maximumratings at t j =25c,unlessotherwisespecified table2maximumratings at 25 c values min. typ. max. parameter symbol unit note/testcondition continuous drain current i d - - - - - - - - - - 100 100 100 100 41 a v gs =10v, t c =25c v gs =10v, t c =100c v gs =4.5v, t c =25c v gs =4.5v, t c =100c v gs =10v, t a =25c, r thja =50k/w 1) pulsed drain current 2) i d,pulse - - 400 a t c =25c avalanche current, single pulse 3) i as - - 50 a t c =25c avalanche energy, single pulse e as - - 90 mj i d =50a, r gs =25 w gate source voltage v gs -16 - 16 v - power dissipation p tot - - - - 74 2.5 w t c =25c t a =25c, r thja =50k/w 1) operating and storage temperature t j , t stg -55 - 150 c iec climatic category; din iec 68-1: 55/150/56 3thermalcharacteristics table3thermalcharacteristics values min. typ. max. parameter symbol unit note/testcondition thermal resistance, junction - case, bottom r thjc - - 1.7 k/w - thermal resistance, junction - case, top r thjc - - 20 k/w - device on pcb, 6 cm 2 cooling area 1) r thja - - 50 k/w - 1) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. 2) see figure 3 for more detailed information 3) see figure 13 for more detailed information 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
5 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet 4electricalcharacteristics table4staticcharacteristics values min. typ. max. parameter symbol unit note/testcondition drain-source breakdown voltage v (br)dss 25 - - v v gs =0v, i d =1ma gate threshold voltage v gs(th) 1.2 1.6 2 v v ds = v gs , i d =250a zero gate voltage drain current i dss - - 0.1 10 1 100 a v ds =20v, v gs =0v, t j =25c v ds =20v, v gs =0v, t j =125c gate-source leakage current i gss - 10 100 na v gs =16v, v ds =0v drain-source on-state resistance r ds(on) - - 0.95 0.75 1.25 0.9 m w v gs =4.5v, i d =30a v gs =10v, i d =30a gate resistance r g - 1 1.7 w - transconductance g fs 75 150 - s | v ds |>2| i d | r ds(on)max , i d =30a table5dynamiccharacteristics values min. typ. max. parameter symbol unit note/testcondition input capacitance 1) c iss - 2900 3900 pf v gs =0v, v ds =12v, f =1mhz output capacitance 1) c oss - 1400 1900 pf v gs =0v, v ds =12v, f =1mhz reverse transfer capacitance c rss - 130 - pf v gs =0v, v ds =12v, f =1mhz turn-on delay time t d(on) - 4 - ns v dd =12v, v gs =10v, i d =30a, r g,ext =1.6 w rise time t r - 6 - ns v dd =12v, v gs =10v, i d =30a, r g,ext =1.6 w turn-off delay time t d(off) - 30 - ns v dd =12v, v gs =10v, i d =30a, r g,ext =1.6 w fall time t f - 4 - ns v dd =12v, v gs =10v, i d =30a, r g,ext =1.6 w table6gatechargecharacteristics 2)  values min. typ. max. parameter symbol unit note/testcondition gate to source charge q gs - 6.7 - nc v dd =12v, i d =30a, v gs =0to4.5v gate charge at threshold q g(th) - 4.6 - nc v dd =12v, i d =30a, v gs =0to4.5v gate to drain charge q gd - 4.9 - nc v dd =12v, i d =30a, v gs =0to4.5v switching charge q sw - 7.0 - nc v dd =12v, i d =30a, v gs =0to4.5v gate charge total q g - 20 28 nc v dd =12v, i d =30a, v gs =0to4.5v gate plateau voltage v plateau - 2.3 - v v dd =12v, i d =30a, v gs =0to4.5v gate charge total q g - 43 57 nc v dd =12v, i d =30a, v gs =0to10v gate charge total, sync. fet q g(sync) - 18 - nc v ds =0.1v, v gs =0to4.5v output charge q oss - 28 - nc v dd =12v, v gs =0v 1) defined by design. not subject to production test 2) see 2 gate charge waveforms 2 for parameter definition 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
6 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet table7reversediode values min. typ. max. parameter symbol unit note/testcondition diode continuous forward current i s - - 74 a t c =25c diode pulse current i s,pulse - - 400 a t c =25c diode forward voltage v sd - 0.78 1 v v gs =0v, i f =30a, t j =25c reverse recovery charge q rr - 20 - nc v r =15v, i f = i s ,d i f /d t =400a/s 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
7 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet 5electricalcharacteristicsdiagrams diagram1:powerdissipation t c [c] p tot [w] 0 40 80 120 160 0 10 20 30 40 50 60 70 80 p tot =f( t c ) diagram2:draincurrent t c [c] i d [a] 0 40 80 120 160 0 20 40 60 80 100 120 i d =f( t c ); v gs 3 10v diagram3:safeoperatingarea v ds [v] i d [a] 10 -1 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 3 1 s 10 s 100 s 1 ms 10 ms dc i d =f( v ds ); t c =25c; d =0;parameter: t p diagram4:max.transientthermalimpedance t p [s] z thjc [k/w] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 0.5 0.2 0.1 0.05 0.02 0.01 single pulse z thjc =f( t p );parameter: d = t p / t 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
8 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet diagram5:typ.outputcharacteristics v ds [v] i d [a] 0 1 2 3 0 100 200 300 400 500 600 700 800 4 v 4.5 v 5 v 10 v 3.5 v 3.2 v 3 v 2.8 v i d =f( v ds ); t j =25c;parameter: v gs diagram6:typ.drain-sourceonresistance i d [a] r ds(on)  [m w ] 0 10 20 30 40 50 0.0 0.4 0.8 1.2 1.6 3.2 v 3.5 v 4 v 4.5 v 5 v 7 v 8 v 10 v r ds(on) =f( i d ); t j =25c;parameter: v gs diagram7:typ.transfercharacteristics v gs [v] i d [a] 0 1 2 3 4 5 0 80 160 240 320 400 150 c 25 c i d =f( v gs );| v ds |>2| i d | r ds(on)max ;parameter: t j diagram8:typ.forwardtransconductance i d [a] g fs [s] 0 100 200 300 400 0 200 400 600 800 1000 g fs =f( i d ); t j =25c 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
9 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet diagram9:drain-sourceon-stateresistance t j [c] r ds(on)  [m w ] -60 -20 20 60 100 140 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 typ r ds(on) =f( t j ); i d =30a; v gs =10v diagram10:typ.gatethresholdvoltage t j [c] v gs(th) [v] -60 -20 20 60 100 140 180 0.0 0.5 1.0 1.5 2.0 2.5 250 a v gs(th) =f( t j ); v gs = v ds ; i d =250a diagram11:typ.capacitances v ds [v] c [pf] 0 5 10 15 20 25 10 1 10 2 10 3 10 4 ciss coss crss c =f( v ds ); v gs =0v; f =1mhz diagram12:forwardcharacteristicsofreversediode v sd [v] i f [a] 0.0 0.5 1.0 1.5 10 0 10 1 10 2 10 3 25 c 150 c i f =f( v sd );parameter: t j 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4
10 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet diagram13:avalanchecharacteristics t av [s] i av [a] 10 0 10 1 10 2 10 3 10 0 10 1 10 2 25 c 100 c 125 c i as =f( t av ); r gs =25 w ;parameter: t j(start) diagram14:typ.gatecharge q gate [nc] v gs [v] 0 10 20 30 40 50 0 2 4 6 8 10 12 20 v 12 v 5 v v gs =f( q gate ); i d =30apulsed;parameter: v dd diagram15:drain-sourcebreakdownvoltage t j [c] v br(dss) [v] -60 -20 20 60 100 140 180 20 21 22 23 24 25 26 27 28 v br(dss) =f( t j ); i d =1ma 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms
11 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet 6packageoutlines figure1outlinepg-tdson-8,dimensionsinmm 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms ?
12 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet figure2outlinetdson-8tape 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms ? dimension in mm
13 optimos tm 5power-mosfet ,25v BSC009NE2LS5 rev.2.0,2015-03-10 final data sheet revisionhistory BSC009NE2LS5 revision:2015-03-10,rev.2.0 previous revision revision date subjects (major changes since last revision) 2.0 2015-03-10 release of final version welistentoyourcomments anyinformationwithinthisdocumentthatyoufeeliswrong,unclearormissingatall?yourfeedbackwillhelpustocontinuously improvethequalityofthisdocument.pleasesendyourproposal(includingareferencetothisdocument)to: erratum@infineon.com publishedby infineontechnologiesag 81726mnchen,germany ?2015infineontechnologiesag allrightsreserved. legaldisclaimer theinformationgiveninthisdocumentshallinnoeventberegardedasaguaranteeofconditionsorcharacteristics.with respecttoanyexamplesorhintsgivenherein,anytypicalvaluesstatedhereinand/oranyinformationregardingtheapplication ofthedevice,infineontechnologiesherebydisclaimsanyandallwarrantiesandliabilitiesofanykind,includingwithout limitation,warrantiesofnon-infringementofintellectualpropertyrightsofanythirdparty. information forfurtherinformationontechnology,deliverytermsandconditionsandpricespleasecontactyournearestinfineon technologiesoffice( www.infineon.com ). warnings duetotechnicalrequirements,componentsmaycontaindangeroussubstances.forinformationonthetypesinquestion, pleasecontactthenearestinfineontechnologiesoffice. theinfineontechnologiescomponentdescribedinthisdatasheetmaybeusedinlife-supportdevicesorsystemsand/or automotive,aviationandaerospaceapplicationsorsystemsonlywiththeexpresswrittenapprovalofinfineontechnologies,ifa failureofsuchcomponentscanreasonablybeexpectedtocausethefailureofthatlife-support,automotive,aviationand aerospacedeviceorsystemortoaffectthesafetyoreffectivenessofthatdeviceorsystem.lifesupportdevicesorsystemsare intendedtobeimplantedinthehumanbodyortosupportand/ormaintainandsustainand/orprotecthumanlife.iftheyfail,itis reasonabletoassumethatthehealthoftheuserorotherpersonsmaybeendangered. 1 2 3 4 5 6 7 8 4 3 2 1 5 6 7 8 8 d 7 d 6 d 5 d s 1 s 2 s 3 g 4 gate charge waveforms ? dimension in mm


▲Up To Search▲   

 
Price & Availability of BSC009NE2LS5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X