Part Number Hot Search : 
UPD78F0 2SB1424 P4KE220A 3F945 H11B2X EFD17EF SB007 MICONDUC
Product Description
Full Text Search
 

To Download BAV70WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a / pg b a v70 ws multiple t erminals smd switching d iodes taitron component s incorporated www.taitroncomponents.com page 1 of 4 tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800) - taitfax (800) - 824 - 8329 (661) - 257 - 6415 multiple terminals s md switching diodes features ? low forward v oltage and low current leakage ? high speed s witching application ? rohs c ompliant mechanical data case: s o t - 3 23 , plastic package terminals: s olderable per mil - std - 202 , method 2 0 8 weight: approx. 0. 0 0 5 2 gram maximum ratings & electrical characteristics ( t ambient =25oc unless noted otherwise) symbol description BAV70WS unit marking code a4 / ja v r reverse voltage 70 v i f forward current 200 ma i fm peak forward surge curren t 500 m a p d total device dissipation fr C 5 board ( note 1) t a =25 c 200 m w derate above 25 c 1.6 m w/ c r th(ja) thermal resistance junction to ambient 625 c /w p d total device dissipation alumina substrate (note 2), t a =25 c 300 m w derate above 25 c 2.4 m w/ c r th(ja) thermal resistance junction to ambient 417 c /w t j, t stg operating junction and storage temperature range - 55 to + 150 c note: 1. fr - 5 board is 1.0x0.75x0.062 2. alumina=0.4x0.3x0.024 99.5% alumina s o t - 323
multiple terminals s md s witching diodes rev. a/ pg ba v70 ws www.taitroncomponents.com page 2 of 4 electrical characteristics ( t ambient =2 5oc unless noted otherwise) symbol description min. max. unit conditions v (br)r reverse breakdown voltage 70 - v i r =100a v f maximum instantaneous forward voltage - 0.715 v i f =1ma - 0.855 i f =1 0 ma - 1.000 i f =5 0 ma - 1.250 i f =150ma i r maximu m dc reverse current at rated dc blocking voltage - 60 a v r =25v , t j =150 c - 2.5 v r =70v - 100 v r =70v, t j =150 c c t total capacitance - 1.5 pf v r =0v, f =1mhz t rr reverse recovery time - 6.0 ns i f = i r =10ma, i r (rec)=1ma, v r =5.0v r l =100 typical characteristics curves fig. 2 - typical reverse c haracteristics reverse voltage, v r (v) reverse leakage current , i r ( a) fig 1 - typical forward characteristics forward volt age , v f (v) forward current , i f (ma)
multiple terminals s md s witching diodes rev. a/ pg ba v70 ws www.taitroncomponents.com page 3 of 4 fig. 4 - re covery time equivalent test circuit fig. 3 - typical junction capacitance reverse voltage, v r (v) total capacitance, c t ( pf )
multiple terminals s md s witching diodes rev. a/ pg ba v70 ws www.taitroncomponents.com page 4 of 4 dimensions in mm how to contact us s o t - 323 us headquarters 28040 west harrison parkway, valencia, ca 91355 - 4162 tel: (800) - t aitron ( 800) - 824 - 8766 (661) - 257 - 6060 fax: (800) - taitfax (800) - 824 - 8329 (661) - 257 - 6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52 - 55 - 556 0 - 1519 fax: +52 - 55 - 5560 - 2190 taitron compone n t technology , shanghai corporation metrobank plaza,1160 west yanan road, suite 1503, shanghai,200052, china tel: +86 - 21 - 5424 - 9942 fax: +86 - 21 - 2302 - 502 7 cross region plaza, 899 lingling road, suite 18c, shanghai, 200030, china tel: +86 - 21 - 5424 - 9942 fax: +86 - 21 - 5424 - 9931 taitron components incorporated taiwan, taipei 6f., no.190, sec. 2, zhongxing rd., xindian dist., new taipei city 23146, taiwan r.o.c . tel: 886 - 2 - 2913 - 6238 fax: 886 - 2 - 2913 - 623 9


▲Up To Search▲   

 
Price & Availability of BAV70WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X