Part Number Hot Search : 
K550CSE LB1813M TA6250EV SPU30N03 SMAW250 P1300 1N5931 R7222207
Product Description
Full Text Search
 

To Download B32344E4252A080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors ? power factor correction phicap capacitors series/type: mkp480-d-25.0 ordering code: B32344E4252A080 date: june 2011 version: 2 ? epcos ag 2011. reproduction, publicati on and dissemination of this publicatio n, enclosures hereto and the information contained therein without epcos' pr ior express consent is prohibited. content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): film capacitors ? power factor correction identification/classification 2 (header 2 + bottom left header bar): phicap capacitors ordering code: (top right header bar) B32344E4252A080 series/type: (top right header bar) mkp480-d-25.0 preliminary data (optional): (if necessary) department: film pfc pm date: june 2011 version: 2
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 2 of 10 important notes at the end of this document . construction ? dielectric: polypropylene film ? non-pcb, semi-dry biodegradable resin ? extruded round aluminium can with stud ? provided with ceramic discharge module ? triple safety system features ? three-phase, delta connected ? self-healing technology ? naturally air cooled (or forced air cooling) ? indoor mounting typical applications ? for power factor correction terminals ? optimized capacitor safety terminals mounting ? threaded stud at bottom of can (max. torque for m12 = 10 nm) technical data and specifications characteristics mkp480-d-25.0 rated capacitance c n 3 115.5 f tolerance ?5 / +10% connection d (delta) rated voltage v n 480 v ac rated frequency f n 50 hz 60 hz output 25.0 kvar 30.0 kvar rated current i r 30.1 a 36.1 a tan 0 (dielectric) 0.2 w / kvar w n 80 ws r s 3.66 m ?
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 3 of 10 important notes at the end of this document . maximum ratings v max (up to 8 h daily) 530 v ac v max (up to 1 min) 620 v ac i max up to 1.3 i r (a) including combined effects of harmonics, overvoltages and capacitance tolerance i s 200 i r (a) test data v tt 1 050 v ac / 50 hz during 10 s v tc 3 000 v ac / 50 hz during 10 s *tan (50 hz) 0.6 w / kvar * without discharge resistor design data dimensions (d x h) 85 x 348 mm weight approx. 1.5 kg impregnation non-pcb, semi-dry biodegradable resin fixing threaded bolt m12 max. torque (al can stud) 10 nm mounting position upright see ?maintenance and installation manual? for further details. climatic category ?40/d ? min. ?40 oc ? max. +55 oc storage temperature ?40 oc ? +85 oc ? hotspot,max +85 oc p max. at ? ambient 15.0 w +55 oc 10.0 w +65 oc 5.0 w +75 oc maximum power loss at ? ambient 0 w +85 oc humidity av. rel. < 95% degree of protection ip 20 maximum altitude 4 000 m
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 4 of 10 important notes at the end of this document . m ax. allo wable po wer lo ss at specific ambient temp. b 32344e4252a 080 0 5 10 15 20 25 30 35 15 35 55 75 95 ? amb p max m ax. allo wable current (rms) at specific ambient temp. b 32344e4252a 080 0 10 20 30 40 50 15 35 55 75 95 ? amb i max m ax. allo wable ambient temp. at specific po wer lo ss b 32344e4252a 080 15 25 35 45 55 65 75 85 95 0 5 10 15 20 25 30 35 ? amb p max m ax. allo wable ambient temp. at specific current (rms) b 32344e4252a 080 15 25 35 45 55 65 75 85 95 0 1020304050 ? amb i max
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 5 of 10 important notes at the end of this document . mean life expectancy t ld up to 135 000 hours (temperature class ?40/c); ? hs ? 70 ? c up to 100 000 hours (temperature class ?40/d); ? hs ? 70 ? c max. 5000 switchings per year terminals protection degree isolated terminals, ip20 max. torque 1.2 nm terminal cross section 16 mm 2 maximum terminal current 50 a creepage distance (min.) 12.7 mm clearance (min.) 9.6 mm safety mechanical safety overpressure disconnector max. short circuit current (afc: 10 ka) discharge resistor time 60 s to 50 v or less reference standards iec 60831?1/2, ul 810-5th edition certification: cul file 106388; csa file c 22.2 n190 mc #236094 (up to ? 85 mm); gost
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 6 of 10 important notes at the end of this document . label design dimensional drawing power quality solutions phicap tm mkp480-d-25.0 B32344E4252A080 3 x 115.5 f ? -5 +10% sh u n q n /50 hz q n /60 hz 480 vac 25.0 kvar 30.0 kvar 440 vac 21.0 kvar 25.2 kvar 415 vac 18.7 kvar 22.4 kvar u i = 3/- kv -40/+55oc iec 60831 c22.2 n190 mc#236094 non flammable fluid 55c ?discharge avant de toucher aux pieces sous tension? overpressure disconnector non pcb protected file e106388 10k afc made by epcos wwnyy discharge capacitor before handling 9 digitpo nosr.no
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 7 of 10 important notes at the end of this document . cautions and warnings ? in case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not be used at all. ? this applies also in cases of oil leakages. ? to ensure the full functionality of the overpressure disconnector, elastic elements must not be hindered and a minimum space of 12 mm has to be kept above each capacitor. ? do not handle the capacitor before it is discharged. ? resonance cases must be avoided by appropriate application design in any case. ? handle capacitors carefully, because they may still be charged even after disconnection due to faulty discharging devices. ? protect the capacitor properly against over current and short circuit. ? failure to follow cautions may result, worst case, in premature failures, bursting and fire. discharging capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in again. this prevents an electric impulse discharge in the application, influences the capacitor?s service life and protects against electric shock. the capacitor must be discharged to 75 v or less within 3 minutes. there must be not any switch, fuse or any other disconnecting device in the circuit between the power capacitor and the discharging device. phicap capacitors e-series have a pre- mounted ceramic discharge module; alternatively di scharge reactors are available from epcos. discharge and short circuit capacitor before handling! service life expectancy electrical components do not have an unlimited servic e life expectancy; this applies to self-healing capacitors too. the maximum service life expectancy may vary depending on the application the capacitor is used in. safety electrical or mechanical misapplication of capac itors may be hazardous. personal injury or property damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. ? ensure good, effective grounding for capacitor enclosures. ? provide means of disconnecting and insulating a faulty component/bank. ? the terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. ? follow good engineering practice. thermal load/over-temperature after installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions.
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 8 of 10 important notes at the end of this document . overpressure disconnector to ensure full functionality of an overpressure di sconnector, the following must be observed: 1. the elastic elements must not be hindered, i.e. ? connecting lines must be flexible leads (cables). ? there must be sufficient space (min. 12 mm) for expansion above the connections. this will enable a longitudinal extension of the can to secure the overpressure disconnector work. ? folding beads must not be retained by clamps. 2. the maximum allowed fault current of 10000 a in accordance with ul 810 standard must be assured by the application. 3. stress parameters of the capacitor must be within the iec60831 specification. overcurrent and short circuit protection ? use hrc fuses or mccbs for short circuit protection. short circuit protection and connecting cables should be selected so that 1.5 times the rated capacitor current can be permanently handled. ? hrc fuses do not protect a capacitor against overload ? they are only for short circuit protection. ? the hrc fuse rating should be 1.6 to 1.8 times rated capacitor current. ? do not use hrc fuses to switch capacitors (risk of arcing). ? use thermal magnetic over current relays for overload protection. resonance cases resonance cases must be avoided by appropriate application design in any case. maximum total rms capacitor current (incl. fundamental harmonic cu rrent) specified in technical data must not be exceeded. re-switching vs. phase-opposition in case of voltage interruption, a sufficient discharge time has to be ensured to avoid phase- opposition and resulting high inrush currents . vibration resistance the resistance to vibration of capacitors corresponds to iec 68, part 2?6. max. test conditions: test duration 6 h* frequency range 1 10 ... 55 hz* displacement amplitude 0.75 mm* *corresponding to max. 98.1 m/s or 10 g
film capacitors ? power f actor correction B32344E4252A080 phicap capacitors mkp480-d-25.0 film pfc pm june 2011 please read cautions and warnings and page 9 of 10 important notes at the end of this document . these figures apply to the capacitor alone. because the fixing and the terminals may influence the vibration properties, it is necessary to check stability when a capacitor is built in and exposed to vibration. irrespective of this, you are advised not to locate capacitors where vibration amplitude reaches the maximum in strongly vibrating equipment. mechanical protection the capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. grounding the threaded bottom stud of the capacitor has to be used for grounding. in case grounding is done via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut should be removed. the maximum tightening torque is 10 nm. maintenance ? check tightness of the connections/terminals periodically. ? take current reading twice a year and compare with nominal current. use a harmonic analyser or true effective rms-meter. ? in case of current above the nominal current check your application for modifications. ? if a significant increase in the amount of non-linear loads has been detected, then a consultant has to be called in for a harmonic study. ? in case of the presence of harmonics installation of a de-tuned capacitor bank (reactors) must be considered. ? check the discharge resistors/reactors and in case of doubt, check their function: (1) power the capacitor up and down. (2) after 90 seconds the voltage between the terminals must decline to less than 75 v. ? check the temperature of capacitors directly after operation for a longer period, but make sure that the capacitors have been switched off. in ca se of excessive temperature of individual capacitors, it is recommended to replace these capacitors, as this should be an indication for loss factor increase, which is a sign for reaching end of life. storage and operating conditions do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. in dusty environments regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground. note for detailed information about pfc capacitors and cautions, refer to the latest version of epcos pfc product profile.
important notes page 10 of 10 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must theref ore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B32344E4252A080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X