Part Number Hot Search : 
TM161A HSZ681 ASI10631 BSP75 06010 W4XME1C T74LV A513RHI
Product Description
Full Text Search
 

To Download APT2012LSECK-J3-PRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsan8393 rev no: v.2a date: mar/09/2015 page: 1 of 5 approved: wynec checked: allen liu drawn: p.cheng erp: 1203014460 2.0x1.25mm smd chip led lamp part number: apt2012lseck/j3-prv hyper red features z 2.0mmx1.25mm smt led,0.75mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package : 2000pcs / reel. z moisture sensitivity level : level 3. z low current if=2ma operating. z rohs compliant. description the hyper red device is based on light emitting diode chip made from algainp. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsan8393 rev no: v.2a date: mar/09/2015 page: 2 of 5 approved: wynec checked: allen liu drawn: p.cheng erp: 1203014460 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. *luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2.forward voltage: +/-0.1v. 3.wavelength value is traceable to the cie127-2007 compliant national standards. 4.excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradation or premature failure. note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. dice lens type iv (mcd) [2] @ 2ma v iewing angle [1] min. typ. 2 1/2 hyper red (algainp) water clear 50 100 120 *20 *40 apt2012lseck/j3-prv parameter hyper red units power dissipation 63 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 640 nm i f =2ma d [1] dominant wavelength hyper red 625 nm i f =2ma ? 1/2 spectral line half-width hyper red 20 nm i f =2ma c capacitance hyper red 27 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 1.8 2.1 v i f =2ma i r reverse current hyper red 10 ua v r =5v min. 1.5
spec no: dsan8393 rev no: v.2a date: mar/09/2015 page: 3 of 5 approved: wynec checked: allen liu drawn: p.cheng erp: 1203014460 hyper red apt2012lseck/j3-prv
spec no: dsan8393 rev no: v.2a date: mar/09/2015 page: 4 of 5 approved: wynec checked: allen liu drawn: p.cheng erp: 1203014460 apt2012lseck/j3-prv reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsan8393 rev no: v.2a date: mar/09/2015 page: 5 of 5 approved: wynec checked: allen liu drawn: p.cheng erp: 1203014460 terms and conditions for the usage of this document 1. the information included in this document reflects repr esentative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in th is document, please make sure the product is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the specified limits, kingbright will not be resp onsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applications . if customer's application ha s special reliability requirements or have lif e-threatening liabilities, such as automot ive or medical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes packing & label specifications apt2012lseck/j3-prv


▲Up To Search▲   

 
Price & Availability of APT2012LSECK-J3-PRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X