Part Number Hot Search : 
SMDB03 SZ5547 SDA5650 LT1529CT 36030 G527530 LT1764A MPQ3762
Product Description
Full Text Search
 

To Download APHHS1005LQWF-D-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsao4042 rev no: v.1b date: jul/06/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015123 1.0x0.5mm smd chip led lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: aphhs1005lqwf/d-v white features z 1.0mmx0.5mm smd led, 0.5mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package: 2000pcs / reel . z moisture sensitivity level : level 3. z low current if=2ma operating. z rohs compliant. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications. descriptions z the source color devices are made with ingan light emitting diode. z electrostatic discharge and power surge could damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded.
spec no: dsao4042 rev no: v.1b date: jul/06/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015123 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. emitting color (material) lens type v iewing angle [1] min. typ. 2 1/2 aphhs1005lqwf/d-v white (ingan) yellow fluorescent 15 30 120 iv (mcd) [2] @ 2ma parameter values units power dissipation 90 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c electrostatic dischar ge threshold (hbm) 250 v notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure. symbol parameter emitting color typ. max. units test conditions v f [1] forward voltage white 2.65 3 v i f =2ma i r reverse current white 50 ua v r = 5v x [2] chromaticity coordinates white 0.31 y [2] 0.31 c capacitance white 100 pf v f =0v;f=1mhz min. 2.2
spec no: dsao4042 rev no: v.1b date: jul/06/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015123 blue aphhs1005lqwf/d-v
spec no: dsao4042 rev no: v.1b date: jul/06/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015123 0.20 0.25 0.30 0.35 0.40 0.20 0.25 0.30 0.35 0.40 x y a2 a0 b1 b2 c0 white cie x y x y x y a2 0.263 0.213 a0 0.282 0.245 b2 0.298 0.271 0.282 0.245 0.298 0.271 0.313 0.296 0.265 0.265 0.286 0.299 0.306 0.332 0.242 0.226 0.265 0.265 0.286 0.299 b1 0.313 0.296 c0 0.329 0.325 0.329 0.325 0.358 0.372 0.329 0.371 0.363 0.400 0.306 0.332 0.329 0.371 aphhs1005lqwf/d-v notes: shipment may contain more than one chromaticity regions. orders for single chromaticity region are generally not accepted. measurement tolerance of the chro maticity coordinates is 0.01.
spec no: dsao4042 rev no: v.1b date: jul/06/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015123 aphhs1005lqwf/d-v reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsao4042 rev no: v.1b date: jul/06/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015123 packing & label specifications aphhs1005lqwf/d-v terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APHHS1005LQWF-D-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X