Part Number Hot Search : 
SAP51 ITS4142N 75N60 EP2C5 CDRH5D28 RCA33R A1103EUA HBD678
Product Description
Full Text Search
 

To Download APBD3224LSYKCGKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsao4550 rev no: v.1b date: aug/01/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203007945 3.2x2.4mm smd chip led lamp part number: APBD3224LSYKCGKC super bright yellow green features z 3.2x2.4mm smd led, 2.4mm thickness. z low power consumption. z ideal for backlight and indicator. z package : 1500pcs / reel. z moisture sensitivity level : level 3. z low current if=2ma operating. z rohs compliant. descriptions z the super bright yellow device is made with algainp (on gaas substrate) light emitting diode chip. z the green source color devices are made with algainp on gaas substrate light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications. yellow green
spec no: dsao4550 rev no: v.1b date: aug/01/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203007945 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. emitting color (material) lens type iv (mcd) [2] @ 2ma v iewing angle [1] min. typ. 2 1/2 APBD3224LSYKCGKC super bright yellow (algainp) water clear 10 35 green (algainp) 10 30 20 symbol parameter emitting color typ. max. units test conditions peak peak wavelength super bright yellow green 590 574 nm i f =2ma d [1] dominant wavelength super bright yellow green 590 570 nm i f =2ma ? 1/2 spectral line half-width super bright yellow green 20 20 nm i f =2ma c capacitance super bright yellow green 20 15 pf v f =0v;f=1mhz v f [2] forward voltage super bright yellow green 1.85 1.9 2.1 2.1 v i f =2ma i r reverse current super bright yellow green 10 10 ua v r = 5v min. 1.5 1.5 parameter super bright yellow green units power dissipation 63 63 mw dc forward current 30 30 ma peak forward current [1] 175 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity / luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure.
spec no: dsao4550 rev no: v.1b date: aug/01/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203007945 APBD3224LSYKCGKC super bright yellow
spec no: dsao4550 rev no: v.1b date: aug/01/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203007945 green
spec no: dsao4550 rev no: v.1b date: aug/01/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203007945 APBD3224LSYKCGKC reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsao4550 rev no: v.1b date: aug/01/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203007945 packing & label specifications APBD3224LSYKCGKC terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APBD3224LSYKCGKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X