Part Number Hot Search : 
GF10G B1403N MBR1015 JS28F MRF6S C2101 MUR3040 HC1GT
Product Description
Full Text Search
 

To Download APBD3224LQBDCGKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsao4553 rev no: v.1b date: aug/01/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015161 3.2x2.4mm smd chip led lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: APBD3224LQBDCGKC blue green features z 3.2x2.4mm smd led, 2.4mm thickness. z low power consumption. z ideal for backlight and indicator. z package : 1500pcs / reel. z moisture sensitivity level : level 3. z low current if=2ma operating. z rohs compliant. descriptions z the blue source color devices are made with ingan light emitting diode. z the green source color devices are made with algainp on gaas substrate light emitting diode. z electrostatic discharge and power surge coul d damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications. blue green
spec no: dsao4553 rev no: v.1b date: aug/01/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015161 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. emitting color (material) lens type iv (mcd) [2] @ 2ma v iewing angle [1] min. typ. 2 1/2 APBD3224LQBDCGKC blue (ingan) water clear 12 30 green (algainp) 10 30 20 symbol parameter emitting color typ. max. units test conditions peak peak wavelength blue green 460 574 nm i f =2ma d [1] dominant wavelength blue green 465 570 nm i f =2ma ? 1/2 spectral line half-width blue green 25 20 nm i f =2ma c capacitance blue green 100 15 pf v f =0v;f=1mhz v f [2] forward voltage blue green 2.65 1.9 3 2.1 v i f =2ma i r reverse current blue green 50 10 ua v r = 5v min. 2.2 1.5 parameter blue green units power dissipation 90 63 mw dc forward current 30 30 ma peak forward current [1] 150 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c electrostatic dischar ge threshold (hbm) 250 - v notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure.
spec no: dsao4553 rev no: v.1b date: aug/01/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015161 APBD3224LQBDCGKC blue
spec no: dsao4553 rev no: v.1b date: aug/01/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015161 green
spec no: dsao4553 rev no: v.1b date: aug/01/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015161 APBD3224LQBDCGKC reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsao4553 rev no: v.1b date: aug/01/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: f.t.liu erp: 1203015161 packing & label specifications APBD3224LQBDCGKC terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APBD3224LQBDCGKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X