Part Number Hot Search : 
ENA1580A SM3905 APW8802 HD126244 2SC5645 ZL30407 SP6661EN AHA3431
Product Description
Full Text Search
 

To Download AM1PS1205SNZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1ps-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.b 1 of 3 north america only features: models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max. capacitive load (f) efficiency (%) am1ps-0303s-nz 2.97-3.63 3.3 303 1500 220 75 am1ps-0305s-nz 2.97-3.63 5 200 1500 220 80 am1ps-0503s-nz 4.5-5.5 3.3 303 1500 220 76 am1ps-0505s-nz 4.5-5.5 5 200 1500 220 80 am1ps-0509s-nz 4.5-5.5 9 111 1500 220 80 am1ps-0512s-nz 4.5-5.5 12 84 1500 220 81 am1ps-0515s-nz 4.5-5.5 15 67 1500 220 81 am1ps-0524s-nz ? 4.5-5.5 24 42 1500 220 81 am1ps-1203s-nz 10.8-13.2 3.3 303 1500 220 76 am1ps-1205s-nz 10.8-13.2 5 200 1500 220 80 am1ps-1209s-nz 10.8-13.2 9 110 1500 220 80 am1ps-1212s-nz 10.8-13.2 12 83 1500 220 81 am1ps-1215s-nz 10.8-13.2 15 67 1500 220 80 am1ps-2403s-nz 21.6-26.4 3.3 303 1500 220 76 am1ps-2405s-nz 21.6-26.4 5 200 1500 220 80 am1ps-2409s-nz 21.6-26.4 9 110 1500 220 80 am1ps-2412s-nz 21.6-26.4 12 83 1500 220 81 am1ps-2415s-nz 21.6-26.4 15 67 1500 220 82 am1ps-2424s-nz 21.6-26.4 24 42 1500 220 82 ? - please note aimtec product ch ange announcement located here www.aimtec.com/news for product specification changes effective february 7 th 2015. input specifications parameters nominal typical maximum units voltage range 3.3 2.97-3.63 vdc 5 4.5-5.5 12 10.8-13.2 15 13.5-16.5 24 21.6-26.4 absolute max rating (1 sec. max.) 3.3 5 12 15 24 5 9 18 21 30 vdc filter capacitor isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1500 vdc resistance > 1000 mohm capacitance 20 pf ? unregulated ? ? 8 pin dip package ? ? low ripple and noise ? ? high efficiency up to 82% ? ? click on series name for product info on aimtec.com
series am1ps-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.b 2 of 3 north america only output specifications parameters conditions typical maximum units voltage accuracy see tolerance graph 5 % short circuit protection continuous with automatic recovery ? line voltage regulation for 1.0% vin, 3.3v model for 1.0% vin, other model 1.5 1.2 % of vin load voltage regulation load 10 ? 100% 12 % temperature coefficient 0.03 %/ o c ripple & noise at 20 mhz bandwidth 60 m vp-p general specifications parameters conditions typical maximum units switching frequency 100% load 100 - 300 khz operating temperature derating above 85 o c -40 to +105 o c storage temperature -55 to +125 o c maximum case temperature 125 o c cooling free air convection humidity non condensing 95 % case material plastic ul94-vo lead soldering temperature 1.5mm from lead, 10 sec max. 300 o c weight 1.8 g dimensions (l x w x h) 0.50 x 0.39 x 0.32 inches 12.70 x 10.00 x 8.20 mm mtbf >3500k hrs(mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. safety specifications parameters agency approvals culus (without 3.3 input and output models) standards ul 60950-1 pin out specifications dimensions pin single 1 - v input 4 +v input 5 +v output 6 no pin 7 -v output 8 no pin
series am1ps-nz 1 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r11.b 3 of 3 north america only derating typical characteristics recommended circuit for emi class b note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency ce rtifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted dest ructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM1PS1205SNZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X