Part Number Hot Search : 
SR3080PT TPV5051 080CT 01901 SFH3600 78012 1G10UM CY7C102
Product Description
Full Text Search
 

To Download 3186BC273T025APA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type while type 3186s standard encasement is by compression with the capacitor element captured on an aluminum peg in the can bottom and a phenolic peg in the top, rilled construction is available.? with rilled construction the element is secured by rills, spoon shaped dimples in the side of the can.? rilled construction ofers the industrys highest vibration and shock withstanding and excellent heat transfer.? besides increasing ripple current handling, the rilled construction extends the great value of the type 3186 into military and transportation applications that require rugged mechanical capability. highlights - rilled cans withstand high shock and vibration - high ripple current capability - high capacitance per can specifcations temperature range C40 oc to +85 oc rated voltage range 16 vdc to 500 vdc capacitance range 220 uf to 1.0 f capacitance tolerance C10% +75% 160 vdc C10% +50% 200 vdc leakage current 6cv a (6 ma max.) at 5 minutes ripple current multipliers low temperature characteristics impedance ratio: z C20 ?c M z +25 ?c 8 (16C50 vdc) 4 (63C100 vdc) 3 (150C500 vdc) endurance life test 1,500 h @ full load at 85 c ?capacitance 10% esr 200% of limit dcl 100% of limit shelf life test 500 h @ 85 c ?capacitance 10% esr 175% of limit dcl 100% of limit vibration 10 to 500 hz, 0.75 mm or 10 g* if less, 3 directions, 2 h ea capacitance: 5% no visible damage or leakage *15 g if rilled construction rohs compliant 45 c 55 c 65 c 75 c 85 c 2.24 2.00 1.73 1.41 1.00 frequency 60 hz 120 hz 300 hz 1000 hz 10 khz 16 C 100 v 0.90 1.00 1.15 1.25 1.30 200 C 500 v 0.90 1.00 1.25 1.40 1.50 ambient temperature click here to see hardware and mounting options
can dimensions insulation adders diameter (d) length (l) standing height (h) (in) (mm ) (in) (mm ) (in) (mm ) 0.008" pvc 0.02 0.51 0.032 0.81 0.024 0.61 d l h optional stud p + a 0.63 (16) cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 outline drawing terminal dimensions for case post diameter h max min full thread torque terminal style diameters code in mm in mm thread in mm in?lb n?m low post 1 3/8 to 3 b 0.314 8.0 0.094 2.4 10C32 0.218 5.5 25 2.82 high post 1 3/8 to 3 a 0.314 8.0 0.281 7.1 10C32 0.375 9.5 25 2.82 high current, low 2 1/2 & 3 d 0.684 17.4 0.125 3.2 ?C28 0.344 8.7 50 5.65 high current, high 2 1/2 & 3 k 0.684 17.4 0.281 7.1 ?C28 0.469 11.9 60 6.78 m5 high post 1 3/8 to 2 m 0.314 8.0 0.281 7.1 m5 0.375 9.5 25 2.82 m5 post 2 1/2 & 3 f 0.512 13.0 0.230 5.8 m5 0.344 8.7 25 2.82 m6 low post 2 1/2 & 3 j 0.684 17.4 0.125 3.2 m6 0.344 8.7 50 5.65 m terminal a=high post b=low post d=high current low post k=high current high post m=m5 high post ? j=m6 low post p insulation p=0.008 pvc n=none with mounting clamp/bracket r=0.008 pvc x=none a1 construction * a1=compression r1=rilled s1=stud & compression t1=stud & rilled t tolerance m= 20% s= C10 +30% t= C10 +50% u= C10 +75% 400 voltage 016=16 vdc 450=450 vdc 562 capacitance 562=5600 f 223=22000 f 821=820 f gh case code 3186 type part numbering system * construction code is also a sequence number, e.g., a1, a2,---,a9, b1,b2,---, for cus - tomer specifcations. sequence number 1 in a1, r1, s1 and t1 denotes the standard catalog capacitor with no special requirements. type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type stud dimensions case stud p 0.039 diam. thread (1.0 mm) 1.375 m8 0.470 (12.0) 1.750 m8 0.470 (12.0) 2.000 m12 0.630 (16.0) 2.500 m12 0.630 (16.0) 3.000 m12 0.630 (16.0)
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 case dimensions, uninsulated bare can diam. (d) length (l) terminal space(p) optional bracket part no. case 0.031 0.8 0.062 1.6 0.014 0.4 vent plug (a) typical weight code (in) (mm ) (in) (mm ) (in) (mm ) (in) (mm ) (oz ) (g) ba 1.375 34.9 2.125 54.0 0.5 12.7 0.39 8.0 2.5 72 115058-06 bb 1.375 34.9 2.625 66.7 0.5 12.7 0.39 8.0 3.2 90 115058-06 bc 1.375 34.9 3.125 79.4 0.5 12.7 0.39 8.0 3.7 105 115058-06 bd 1.375 34.9 3.625 92.1 0.5 12.7 0.39 8.0 4.2 120 115058-06 be 1.375 34.9 4.125 104.8 0.5 12.7 0.39 8.0 4.7 135 115058-06 bf 1.375 34.9 4.625 117.5 0.5 12.7 0.39 8.0 6.0 170 115058-06 bg 1.375 34.9 5.125 130.2 0.5 12.7 0.39 8.0 7.7 220 115058-06 bh 1.375 34.9 5.625 142.9 0.5 12.7 0.39 8.0 9.5 270 115058-06 da 1.750 44.5 2.125 54.0 0.75 19.1 0.453 11.5 5.6 160 115058-15 db 1.750 44.5 2.625 66.7 0.75 19.1 0.453 11.5 6.1 175 115058-15 dc 1.750 44.5 3.125 79.4 0.75 19.1 0.453 11.5 6.3 180 115058-15 dd 1.750 44.5 3.625 92.1 0.75 19.1 0.453 11.5 7.2 205 115058-15 de 1.750 44.5 4.125 104.8 0.75 19.1 0.453 11.5 7.7 220 115058-15 df 1.750 44.5 4.625 117.5 0.75 19.1 0.453 11.5 8.2 235 115058-15 dg 1.750 44.5 5.125 130.2 0.75 19.1 0.453 11.5 8.8 250 115058-15 dh 1.750 44.5 5.625 142.9 0.75 19.1 0.453 11.5 9.5 270 115058-15 ea 2.000 50.8 2.125 54.0 0.875 22.2 0.5 12.7 6.0 170 115058-09 eb 2.000 50.8 2.625 66.7 0.875 22.2 0.5 12.7 6.3 180 115058-09 ec 2.000 50.8 3.125 79.4 0.875 22.2 0.5 12.7 6.7 190 115058-09 ed 2.000 50.8 3.625 92.1 0.875 22.2 0.5 12.7 7.7 220 115058-09 ee 2.000 50.8 4.125 104.8 0.875 22.2 0.5 12.7 8.9 255 115058-09 ef 2.000 50.8 4.625 117.5 0.875 22.2 0.5 12.7 10.2 290 115058-09 eg 2.000 50.8 5.125 130.2 0.875 22.2 0.5 12.7 11.2 320 115058-09 eh 2.000 50.8 5.625 142.9 0.875 22.2 0.5 12.7 12.3 350 115058-09 fb 2.500 63.5 2.625 66.7 1.125 28.6 0.625 15.9 10.5 300 115058-14 fc 2.500 63.5 3.125 79.4 1.125 28.6 0.625 15.9 13.0 370 115058-14 fd 2.500 63.5 3.625 92.1 1.125 28.6 0.625 15.9 14.0 400 115058-14 fe 2.500 63.5 4.125 104.8 1.125 28.6 0.625 15.9 15.6 445 115058-14 ff 2.500 63.5 4.625 117.5 1.125 28.6 0.625 15.9 21.0 600 115058-14 fg 2.500 63.5 5.125 130.2 1.125 28.6 0.625 15.9 22.8 650 115058-14 fh 2.500 63.5 5.625 142.9 1.125 28.6 0.625 15.9 21.0 600 115058-14 gc 3.000 76.2 3.125 79.4 1.25 31.8 0.75 19.0 18.2 520 115058-11 gd 3.000 76.2 3.625 92.1 1.25 31.8 0.75 19.0 20.0 570 115058-11 ge 3.000 76.2 4.125 104.8 1.25 31.8 0.75 19.0 21.0 600 115058-11 gf 3.000 76.2 4.625 117.5 1.25 31.8 0.75 19.0 25.2 720 115058-11 gg 3.000 76.2 5.125 130.2 1.25 31.8 0.75 19.0 29.8 850 115058-11 gh 3.000 76.2 5.625 142.9 1.25 31.8 0.75 19.0 34.0 970 115058-11 gj 3.000 76.2 5.875 149.2 1.25 31.8 0.75 19.0 36.8 1050 115058-11 gn 3.000 76.2 8.625 219.1 1.25 31.8 0.75 19.0 51.1 1460 115058-11 type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type
ratings cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type capacitance (f) catalog part number esr max 120 hz, 25c (m) ripple max 120 hz, 85 c (a) case size dxl (in) capacitance (f) catalog part number esr max 120 hz, 25c (m) ripple max 120 hz, 85 c (a) case size dxl (in) 16 volts (20 volts surge) 50 volts (63 volts surge) 22000 3186ba223t016apa1 25.0 5.4 1.375 x 2.125 8200 3186ba822t050apa1 41.0 4.2 1.375 x 2.125 39000 3186bc393t016apa1 18.0 7.6 1.375 x 3.125 12000 3186bc123t050apa1 28.0 6.0 1.375 x 3.125 56000 3186be563t016apa1 14.0 9.7 1.375 x 4.125 18000 3186be183t050apa1 21.0 7.8 1.375 x 4.125 82000 3186ec823t016apa1 6.0 17.0 2.00 x 3.125 27000 3186ec273t050apa1 15.0 10.0 2.00 x 3.125 120000 3186ee124t016apa1 5.0 21.0 2.00 x 4.125 47000 3186ee473t050apa1 11.0 13.0 2.00 x 4.125 150000 3186ef154t016apa1 4.0 23.0 2.00 x 4.625 56000 3186ef563t050apa1 10.0 15.0 2.00 x 4.625 150000 3186eh154t016apa1 4.0 25.0 2.00 x 5.625 68000 3186eh683t050apa1 9.0 17.0 2.00 x 5.625 220000 3186fe224t016apa1 4.0 27.0 2.50 x 4.125 68000 3186fe683t050apa1 8.0 18.0 2.50 x 4.125 270000 3186ff274t016apa1 4.0 29.0 2.50 x 4.625 82000 3186ff823t050apa1 7.0 20.0 2.50 x 4.625 330000 3186fh334t016dpa1 3.0 34.0 2.50 x 5.625 100000 3186fh104t050apa1 6.0 24.0 2.50 x 5.625 330000 3186ge334t016dpa1 4.0 32.0 3.00 x 4.125 100000 3186ge104t050apa1 6.0 23.0 3.00 x 4.125 390000 3186gf394t016dpa1 3.0 35.0 3.00 x 4.625 120000 3186gf124t050apa1 6.0 25.0 3.00 x 4.625 470000 3186gh474t016dpa1 3.0 40.0 3.00 x 5.625 150000 3186gh154t050dpa1 5.0 30.0 3.00 x 5.625 820000 3186gn824t016dpa1 3.0 50.0 3.00 x 8.625 220000 3186gn224t050dpa1 4.0 40.0 3.00 x 8.625 1000000 3186gn105t016dpa1 3.0 50.0 3.00 x 8.625 63 volts (75 volts surge) 25 volts (30 volts surge) 4700 3186ba472t063apa1 42.0 4.2 1.375 x 2.125 18000 3186ba183t025apa1 25.0 5.4 1.375 x 2.125 8200 3186bc822t063apa1 28.0 6.0 1.375 x 3.125 27000 3186BC273T025APA1 18.0 7.5 1.375 x 3.125 12000 3186be123t063apa1 21.0 8.0 1.375 x 4.125 39000 3186be393t025apa1 14.0 9.0 1.375 x 4.125 18000 3186ec183t063apa1 15.0 10.0 2.00 x 3.125 68000 3186ec683t025apa1 6.0 17.0 2.00 x 3.125 27000 3186ee273t063apa1 11.0 13.0 2.00 x 4.125 100000 3186ee104t025apa1 5.0 21.0 2.00 x 4.125 33000 3186ef333t063apa1 10.0 15.0 2.00 x 4.625 120000 3186ef124t025apa1 4.0 23.0 2.00 x 4.625 39000 3186eh393t063apa1 9.0 16.0 2.00 x 5.625 150000 3186eh154t025apa1 4.0 26.0 2.00 x 5.625 47000 3186fe473t063apa1 8.0 18.0 2.50 x 4.125 150000 3186fe154t025apa1 4.0 27.0 2.50 x 4.125 56000 3186ff563t063apa1 7.0 20.0 2.50 x 4.625 180000 3186ff184t025apa1 4.0 29.0 2.50 x 4.625 68000 3186fh683t063apa1 6.0 24.0 2.50 x 5.625 220000 3186fh224t025dpa1 3.0 31.0 2.50 x 5.625 68000 3186ge683t063apa1 6.0 23.0 3.00 x 4.125 220000 3186ge224t025dpa1 4.0 32.0 3.00 x 4.125 82000 3186gf823t063apa1 6.0 25.0 3.00 x 4.625 270000 3186gf274t025dpa1 3.0 35.0 3.00 x 4.625 100000 3186gh104t063dpa1 5.0 30.0 3.00 x 5.625 330000 3186gh334t025dpa1 3.0 38.0 3.00 x 5.625 150000 3186gn154t063dpa1 4.0 40.0 3.00 x 8.625 560000 3186gn564t025dpa1 3.0 50.0 3.00 x 8.625 75 volts (95 volts surge) 40 volts (50 volts surge) 3900 3186ba392t075apa1 43.0 4.1 1.375 x 2.125 10000 3186ba103t040apa1 33.0 4.8 1.375 x 2.125 6800 3186bc682t075apa1 29.0 5.9 1.375 x 3.125 15000 3186bc153t040apa1 19.0 7.4 1.375 x 3.125 10000 3186be103t075apa1 21.0 7.8 1.375 x 4.125 22000 3186be223t040apa1 14.0 9.4 1.375 x 4.125 15000 3186ec153t075apa1 15.0 10.0 2.00 x 3.125 39000 3186ec393t040apa1 7.0 15.0 2.00 x 3.125 22000 3186ee223t075apa1 11.0 13.0 2.00 x 4.125 56000 3186ee563t040apa1 6.0 19.0 2.00 x 4.125 27000 3186ef273t075apa1 10.0 15.0 2.00 x 4.625 68000 3186ef683t040apa1 5.0 21.0 2.00 x 4.625 33000 3186eh333t075apa1 9.0 17.0 2.00 x 5.625 82000 3186eh82t040apa1 5.0 23.0 2.00 x 5.625 33000 3186fe333t075apa1 8.0 18.0 2.50 x 4.125 100000 3186fe104t040apa1 5.0 24.0 2.50 x 4.125 39000 3186ff393t075apa1 7.0 20.0 2.50 x 4.625 120000 3186ff124t040apa1 4.0 27.0 2.50 x 4.625 56000 3186fh563t075apa1 6.0 23.0 2.50 x 5.625 150000 3186fh154t040dpa1 4.0 31.0 2.50 x 5.625 47000 3186ge473t075apa1 7.0 23.0 3.00 x 4.125 150000 3186ge154t040apa1 4.0 29.0 3.00 x 4.125 56000 3186gf563t075apa1 6.0 25.0 3.00 x 4.625 180000 3186gf184t040dpa1 4.0 35.0 3.00 x 4.625 82000 3186gh823t075apa1 5.0 29.0 3.00 x 5.625 220000 3186gh224t040dpa1 3.0 37.0 3.00 x 5.625 120000 3186gn124t075dpa1 4.0 40.0 3.00 x 8.625 330000 3186gn334t040dpa1 3.0 50.0 3.00 x 8.625
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type capacitance (f) catalog part number esr max 120 hz, 25c (m) ripple max 120 hz, 85 c (a) case size dxl (in) capacitance (f) catalog part number esr max 120 hz, 25c (m) ripple max 120 hz, 85 c (a) case size dxl (in) 100 volts (125 volts surge) 1000 3186be102t350apa1 112.0 3.3 1.375 x 4.125 2700 3186ba272t100apa1 65.0 3.3 1.375 x 2.125 1500 3186ec152t350apa1 105.0 3.9 2.00 x 3.125 3900 3186bc392t100apa1 50.0 4.3 1.375 x 3.125 2200 3186ee222t350apa1 55.0 5.6 2.00 x 4.125 5600 3186be562t100apa1 32.0 5.9 1.375 x 4.125 2700 3186ef272t350apa1 44.0 7.0 2.00 x 4.625 10000 3186ec103t100apa1 52.0 5.5 2.00 x 3.125 3300 3186eh332t350apa1 37.0 8.0 2.00 x 5.625 15000 3186ee153t100apa1 37.0 7.3 2.00 x 4.125 2700 3186fe272t350apa1 54.0 6.6 2.50 x 4.125 18000 3186ef183t100apa1 27.0 9.0 2.00 x 4.625 3900 3186ff392t350apa1 37.0 8.7 2.50 x 4.625 22000 3186eh223t100apa1 11.0 15.0 2.00 x 5.625 4700 3186fh472t350apa1 33.0 9.6 2.50 x 5.625 22000 3186fe223t100apa1 19.0 11.0 2.50 x 4.125 4700 3186ge472t350apa1 33.0 9.6 3.00 x 4.125 27000 3186ff273t100apa1 16.0 13.0 2.50 x 4.625 5600 3186gf562t350apa1 33.0 10.0 3.00 x 4.625 33000 3186fh333t100apa1 14.0 14.0 2.50 x 5.625 6800 3186gh682t350apa1 28.0 11.0 3.00 x 5.625 33000 3186ge333t100apa1 14.0 14.0 3.00 x 4.125 12000 3186gn123t350apa1 18.0 18.0 3.00 x 8.625 39000 3186gf393t100apa1 11.0 17.0 3.00 x 4.625 400 volts (450 volts surge) 56000 3186gh563t100dpa1 8.0 22.0 3.00 x 5.625 330 3186ba331t400apa1 290.0 1.3 1.375 x 2.125 82000 3186gn823t100dpa1 7.0 25.0 3.00 x 8.625 560 3186bc561t400apa1 190.0 2.1 1.375 x 3.125 200 volts (250 volts surge) 820 3186be821t400apa1 129.0 3.0 1.375 x 4.125 1000 3186ba102t200apa1 109.0 2.6 1.375 x 2.125 1200 3186ec122t400apa1 95.0 3.7 2.00 x 3.125 1500 3186bc152t200apa1 77.0 3.4 1.375 x 3.125 1800 3186ee182t400apa1 59.0 5.5 2.00 x 4.125 2200 3186be222t200apa1 52.0 4.6 1.375 x 4.125 2200 3186ef222t400apa1 50.0 6.4 2.00 x 4.625 3900 3186ec392t200apa1 73.0 4.8 2.00 x 3.125 2700 3186eh272t400apa1 39.0 7.9 2.00 x 5.625 5600 3186ee562t200apa1 24.0 8.6 2.00 x 4.125 2700 3186fe272t400apa1 48.0 7.3 2.50 x 4.125 6800 3186ef682t200apa1 21.0 9.9 2.00 x 4.625 3300 3186ff332t400apa1 39.0 8.5 2.50 x 4.625 8200 3186eh822t200apa1 17.0 12.0 2.00 x 5.625 3900 3186fh392t400apa1 37.0 9.4 2.50 x 5.625 10000 3186fe103t200apa1 22.0 11.0 2.50 x 4.125 3900 3186ge392t400apa1 37.0 9.4 3.00 x 4.125 12000 3186ff123t200apa1 17.0 12.0 2.50 x 4.625 4700 3186gf472t400apa1 34.0 10.0 3.00 x 4.625 15000 3186fh153t200apa1 16.0 14.0 2.50 x 5.625 5600 3186gh562t400apa1 28.0 11.0 3.00 x 5.625 12000 3186ge123t200apa1 26.0 11.0 3.00 x 4.125 10000 3186gn103t400apa1 18.0 18.0 3.00 x 8.625 15000 3186gf153t200apa1 23.0 12.0 3.00 x 4.625 450 volts (525 volts surge) 22000 3186gh223t200apa1 17.0 15.0 3.00 x 5.625 220 3186ba221t450apa1 430.0 1.0 1.375 x 2.125 33000 3186gn333t200apa1 15.0 17.0 3.00 x 8.625 390 3186bc391t450apa1 310.0 1.8 1.375 x 3.125 250 volts (300 volts surge) 560 3186be561t450apa1 180.0 2.6 1.375 x 4.125 680 3186ba681t250apa1 120.0 2.6 1.375 x 2.125 820 3186ec821t450apa1 145.0 3.0 2.00 x 3.125 1200 3186bc122t250apa1 76.0 2.6 1.375 x 3.125 1200 3186ee122t450apa1 85.0 4.6 2.00 x 4.125 1800 3186be182t250apa1 53.0 4.9 1.375 x 4.125 1500 3186ef152t450apa1 71.0 5.3 2.00 x 4.625 2700 3186ec272t250apa1 67.0 4.4 2.00 x 3.125 1800 3186eh182t450apa1 60.0 5.9 2.00 x 5.625 3900 3186ee392t250apa1 27.0 7.9 2.00 x 4.125 2200 3186fe222t450apa1 53.0 6.7 2.50 x 4.125 4700 3186ef472t250apa1 23.0 9.0 2.00 x 4.625 2700 3186ff272t450apa1 45.0 7.7 2.50 x 4.625 5600 3186eh562t250apa1 20.0 10.0 2.00 x 5.625 3300 3186fh332t450apa1 35.0 9.5 2.50 x 5.625 6800 3186fe682t250apa1 24.0 10.0 2.50 x 4.125 3300 3186ge332t450apa1 35.0 9.5 3.00 x 4.125 8200 3186ff822t250apa1 19.0 11.0 2.50 x 4.625 3900 3186gf392t450apa1 36.0 9.8 3.00 x 4.625 10000 3186fh103t250apa1 17.0 14.0 2.50 x 5.625 4700 3186gh472t450apa1 31.0 11.0 3.00 x 5.625 10000 3186ge103t250apa1 25.0 11.0 3.00 x 4.125 8200 3186gn822t450apa1 23.0 14.0 3.00 x 8.625 12000 3186gf123t250apa1 22.0 12.0 3.00 x 4.625 500 volts (550 volts surge) 15000 3186gh153t250apa1 19.0 14.0 3.00 x 5.625 820 3186ee821t500apa1 132.0 3.4 2.00 x 4.125 22000 3186gn223t250apa1 16.0 17.0 3.00 x 8.625 1200 3186eg122t500apa1 90.0 4.6 2.00 x 5.125 350 volts (400 volts surge) 2200 3186fg222t500apa1 59.0 6.6 2.50 x 5.125 390 3186ba391t350apa1 270.0 1.3 1.375 x 2.125 3300 3186gh332t500apa1 43.0 8.6 3.00 x 5.625 680 3186bc681t350apa1 163.0 2.5 1.375 x 3.125
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type typical performance curves 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 esr epeate feenc 53000 f 45 v C 40 oc C 20 oc 0 oc 25 oc 85 oc 65 oc 45 oc 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 400 410 420 430 440 450 460 470 480 0 1000 2000 3000 4000 5000 6000 esr df nitle dc a applied voltage 350 v capacitance f o pe 3186 85 esr capacitance df dcl 0 0 . 2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 capacitance epeate feenc 53000 f 45 v 45 oc 25 oc 65 oc 0 oc C 40 oc 85 oc C 20 oc 0 . 01 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 pedance epeate and feenc 53000 f 45 v C 40 oc 0 oc 25 oc 45 oc 85 oc 65oc C 20oc 1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 . 1 1 . 1 1.2 1.3 1.4 1.5 epected peating ie rated ripple cent ltiple pe 3186 peating ie in iloo ripple cent 45 oc 55 oc 65 oc 75 oc 85 oc
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3186 85 c aluminum electrolytic, screw terminal best value 85 c high capacitance screw terminal type typical performance curves 0.01 0 . 1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 pedance epeate and feenc 4600 f 400 v C 40 oc 0 oc 25 oc 45 oc 85 oc 65 oc C 20 oc 0 0 . 2 0 . 4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 capacitance epeate feenc 4600 f 400 v 45 oc 25 oc 65 oc 0 oc C 40 oc 85 oc C 20 oc 0.001 0.01 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 pedance epeate and feenc 1400 f 400 v C 40 oc 0 oc 25 oc 45 oc 85 oc 65 oc C 20 oc 0.1 1 10 100 1000 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 esr epeate feenc 1400 f 400 v C 40 oc C 20 oc 0 oc 25 oc 85 oc 65 oc 45 oc 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 oc 120 vale feenc pe 3186 capacitance epeate feenc 1400 f 400 v 45 oc 25 oc 65 oc 0 oc C 40 oc 85 oc C 20 oc 0.1 1 10 100 1000 10 100 1000 10000 100000 ratio to 25 oc 120 vale feenc pe 3186 esr epeate feenc 4600 f 400 v C 40 oc C 20 oc 0 oc 25 oc 85 oc 65 oc 45 oc
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of 3186BC273T025APA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X