Part Number Hot Search : 
X5645S14 MPL031 MCR22 00M35 KBP306 HC406 SD141 4C7V5
Product Description
Full Text Search
 

To Download 2SA1593S-TL-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  80812 tkim/n1003tn (kt)/8219mo/4097ta, ts no.2511-1/9 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 2sa1593/2sc4135 bipolar transistor (-)100v, (-)2a, low vce(sat), (pnp)npn single tp/tp-fa applications ? power supplies, relay derivers, lamp drivers features ? adoption of fbet, mbit processes ? high breakdown voltage and large current capacity ? fast switching speed ? small and slim package permitting 2sa1593/2sc4135-applied sets to be made more compact speci cations ( ): 2sa1593 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--)120 v collector-to-emitter voltage v ceo (--)100 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)2 a collector current (pulse) i cp (--)3 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en2511b product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : s c-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp-fa 2sa1593s-e 2sa1593t-e 2sc4135s-e 2sc4135t-e 2SA1593S-TL-E 2sa1593t-tl-e 2sc4135s-tl-e 2sc4135t-tl-e a1593 c4135 lot no. lot no. rank rank 2,4 3 1 2sc4135 2,4 3 1 2sa1593
2sa1593 / 2sc4135 no.2511-2/9 continued from preceding page. parameter symbol conditions ratings unit collector dissipation p c 1w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)100v, i e =0a (--)100 na emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)100 na dc current gain h fe v ce =(--)5v, i c =(--)100ma 100* 400* gain-bandwidth product f t v ce =(--)10v, i c =(--)100ma 120 mhz output capacitance cob v cb =(--)10v, f=1mhz (25)16 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)1a, i b =(--)100ma (--0.22)0.13 (--0.6)0.4 v base-to-emitter saturation voltage v be (sat) i c =(--)1a, i b =(--)100ma (--)0.85 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--)120 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)100 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. (80)80 ns storage time t stg (750)1000 ns fall time t f (40)50 ns * : the 2sa1593/2sc4135 are classi ed by 100ma h fe as follows : rank r s t h fe 100 to 200 140 to 280 200 to 400 switching time test circuit ordering information device package shipping memo 2sa1593s-e tp 500pcs./bag pb free 2sa1593t-e tp 500pcs./bag 2sc4135s-e tp 500pcs./bag 2sc4135t-e tp 500pcs./bag 2SA1593S-TL-E tp-fa 700pcs./reel 2sa1593t-tl-e tp-fa 700pcs./reel 2sc4135s-tl-e tp-fa 700pcs./reel 2sc4135t-tl-e tp-fa 700pcs./reel v r r l --5v 50v i c =10i b1 = --10i b2 =0.7a (for pnp, the polarity is reversed) + + 50 input output r b 100 f 470 f pw=20 s i b1 i b2 dc 1% stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty.
2sa1593 / 2sc4135 no.2511-3/9 i c -- v ce i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a h fe -- i c h fe -- i c i c -- v be i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe i c -- v ce i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a --2.0 --1.6 --1.2 --0.8 --0.4 0 0 --1 --3 -- 2 -- 4 -- 5 --2ma --3ma --1ma --5ma --10ma --30ma --50ma --40ma --20ma i b =0 itr04011 2sa1593 2.0 1.6 1.2 0.8 0.4 0 01 3 245 i b =0 itr04012 --1.0 --0.8 --0.6 --0.4 --0.2 0 0 --10 --30 --20 --40 --50 i b =0 itr04013 2sa1593 1.0 0.8 0.6 0.4 0.2 0 010 30 20 40 50 i b =0 itr04014 2sc4135 1ma 2ma 3ma 5ma 1.0ma 0.5ma 2.0ma 1.5ma 4.5ma 4.0ma 3.5ma 3.0ma 2.5ma 5.0ma 20ma 10ma 40ma 50ma 30ma 2sc4135 --2ma --1ma -- 3 m a --4ma - -5ma --6ma 0 --0.4 --0.8 --1.2 --1.6 --2.0 --2.4 0 --0.2 --0.4 --0.6 --0.8 --1.0 --1.2 itr04015 2sa1593 v ce =--5v ta=75 c 25 c - -25 c 3 5 7 100 2 3 5 7 1000 3 5 7 100 2 3 5 7 1000 72357 --0.01 --0.1 23 23 57 --1.0 itr04017 2sa1593 v ce =--5v 25 c --25 c 0 0.4 0.8 1.2 1.6 2.0 2.4 0 0.2 0.4 0.6 0.8 1.0 1.2 itr04016 2sc4135 v ce =5v ta=75 c 25 c --25 c ta=75 c 72357 0.01 0.1 23 23 57 1.0 itr04018 2sc4135 v ce =5v 25 c --25 c ta=75 c
2sa1593 / 2sc4135 no.2511-4/9 f t -- i c collector current, i c -- a gain-bandwidth product, f t -- mhz v be (sat) -- i c v be (sat) -- i c v ce (sat) -- i c v ce (sat) -- i c collector current, i c -- a collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v cob -- v cb collector-to-base voltage, v cb -- v output capacitance, cob -- pf a s o collector-to-emitter voltage, v ce -- v collector current, i c -- a ambient temperature, ta -- c collector dissipation, p c -- w 2 7 5 3 2 7 5 3 --100 --10 --1000 2 735 2 723 3 57 --0.01 --0.1 --1.0 itr04021 2 7 5 3 2 7 5 3 100 10 1000 2sa1593 i c / i b =10 --25 c 25 c ta=75 c 2 735 2 723 3 57 0.01 0.1 1.0 itr04022 2sc4135 i c / i b =10 25 c ta=75 c -- 2 5 c 100 10 0.01 0.1 3 2 2 7 5 3 27 323 5 27 735 1.0 2sa1593 / 2sc4135 v ce =10v itr04019 2sa1593 2sc4135 1000 100 1.0 10 7 5 3 2 7 5 3 22 7 35 27 735 100 itr04020 2sa1593 2sc4135 2sa1593 / 2sc4135 f=1mhz 1.0 0.1 0.01 5 5 3 2 5 5 3 2 3 2 1.0 10 57 2 3 357 100 22 357 0 16 12 14 15 10 8 6 1 4 2 20 060 40 80 100 140 120 160 2sa1593 / 2sc4135 itr04026 itr04025 i cp =3.0a itr04023 3 5 5 3 2 7 7 --1.0 --10 2 73572 2 33 57 --0.01 --0.1 --1.0 2sa1593 i c / i b =10 75 c 25 c ta=--25 c itr04024 3 5 5 3 2 7 7 1.0 10 2 73572 2 33 57 0.01 0.1 1.0 2sc4135 i c / i b =10 75 c 25 c ta=- -25 c dc operation dc operation ta=25 c tc=25 c 100ms 1ms 10ms i c =2.0a 2sa1593 / 2sc4135 tc=25 c single pulse for pnp, minus sign is omitted no heat sink p c -- ta for pnp, minus sign is omitted for pnp, minus sign is omitted
2sa1593 / 2sc4135 no.2511-5/9 taping speci cation 2SA1593S-TL-E, 2sa1593t-tl-e, 2sc4135s-tl-e, 2sc4135t-tl-e
2sa1593 / 2sc4135 no.2511-6/9 outline drawing land pattern example 2SA1593S-TL-E, 2sa1593t-tl-e, 2sc4135s-tl-e, 2sc4135t-tl-e mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sa1593 / 2sc4135 no.2511-7/9 bag packing speci cation 2sa1593s-e, 2sa1593t-e, 2sc4135s-e, 2sc4135t-e
2sa1593 / 2sc4135 no.2511-8/9 outline drawing 2sa1593s-e, 2sa1593t-e, 2sc4135s-e, 2sc4135t-e mass (g) unit 0.315 * for reference mm
2sa1593 / 2sc4135 ps no.2511-9/9 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of 2SA1593S-TL-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X