Part Number Hot Search : 
DTC114YK R6031635 ST3904 75100 KS8993MI AD526 1DQ05 S24Q1
Product Description
Full Text Search
 

To Download TS13003HVCTB0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts13003hv high voltage npn transistor 1/6 version: e13 to - 92 product summary bv ceo 530v bv cbo 900v i c 1.5a v ce(sat) 0.5v @ i c =0.5a, i b =0.1a features high voltage high speed switching block diagram structure silicon triple diffused type npn silicon transistor ordering information part no. package packing ts13003hvct b0 to-92 1kpcs / bulk ts13003hvct b0g to-92 1kpcs / bulk ts13003hvct a3 to-92 2kpcs / ammo ts13003hvct a3g to-92 2kpcs / ammo note: g denote for halogen free product absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit collector-base voltage v cbo 900 v collector-emitter voltage v ceo 530 v emitter-base voltage v ebo 10 v collector current dc i c 1.5 a pulse 3 maximum power dissipation p d 0.5 w p tot 1.96 w operating junction temperature t j +150 o c operating junction and storage temperature range t stg - 55 to +150 o c thermal performance parameter symbol limit unit junction to case thermal resistance r ? jc 64 o c/w junction to ambient thermal resistance r ? j a 248 o c/w pin definition : 1. emitter 2. collector 3. base
ts13003hv high voltage npn transistor 2/6 version: e13 electrical specifications (ta = 25 o c unless otherwise noted) parameter conditions symbol min typ max unit static collector-base voltage i c =1ma, i b =0 bv cbo 900 -- -- v collector-emitter breakdown voltage i c =10ma, i e =0 bv ceo 530 -- -- v emitter-base breakdown voltage i e =1ma, i c =0 bv ebo 9 -- -- v collector cutoff current v cb =800v, i e =0 i cbo -- -- 10 ua emitter cutoff current v eb =10v, i c = 0 i ebo -- -- 0.5 ua collector-emitter saturation voltage i c =0.5a, i b =0.1a i c =1a, i b =0.25a i c =1.5a, i b =0.5a v ce(sat)1 v ce(sat)2 v ce(sat)3 -- -- -- 0.3 0.5 0.9 0.5 1 2 v base-emitter saturation voltage i c =0.5a, i b =0.1a i c =1a, i b =0.25a v be(sat)1 v be(sat)2 -- -- -- -- 1 1.2 v dc current gain v ce =10v, i c =10ma v ce =10v, i c =400ma v ce =10v, i c =1a h fe 15 20 6 -- -- -- 40 40 40 dynamic characteristics frequency v ce =10v, i c =0.1a f t 4 -- -- mhz output capacitance v cb =10v, f =0.1mhz cob -- 21 -- pf resistive load switching time (ratings) delay time v cc =125v, i c =1a, i b1 = i b2 = 0.2a, t p =25us duty cycle 1% t d -- 0.05 0.2 us rise time t r -- 1.1 -- us storage time t stg -- 2 4 us fall time t f -- 0.4 0.7 us note: pulse test: pulse width 300us, duty cycle 2%
ts13003hv high voltage npn transistor 3/6 version: e13 electrical characteristics curve (ta = 25 o c, unless otherwise noted) figure 1. static characteristics figure 2. dc current gain figure 3. v ce(sat) v.s. v be(sat figure 4. power derating figure 5. reverse bias soa figure 6. safety operating area
ts13003hv high voltage npn transistor 4/6 version: e13 to-92 mechanical drawing unit: millimeters marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code
ts13003hv high voltage npn transistor 5/6 version: e13 to-92 ammo pack mechanical drawing tape dimension item description symbol dimension base of package to lead bend b 3.0 (typ.) component height ha 23.57 (typ.) lead clinch height h0 16.0 0.5 component base height h1 19.0 0.5 component top to lead bend h2 8.0 (max) component alignment (side / side) pd 1.02 (max) component alignment (front / back) hd 0.79 (max) feed hole pitch p0 12.7 0.3 hole center to component center p1 6.25 0.4 lead spread f1 2.5 0.3 lead thickness d 0.46 (typ.) cut lead length l 10.9 (max) taped lead length l1 5.31 (typ.) taped lead thickness t 0.81 0.2 carrier tape thickness t1 0.5 0.2 carrier tape width w 18.0 0.5 hold C down tape width w0 0.5 0.2 hold C down tape position w1 9.0 0.7 feed hole position w2 6.0 0.2 sprocket hole diameter d0 4.0 0.2 lead spring out s 0.1 (max) note: all dimensions are in millimeter.
ts13003hv high voltage npn transistor 6/6 version: e13 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TS13003HVCTB0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X