Part Number Hot Search : 
CDBER70 TRH0703 11EWA A36AN MC34351 PSC100C TOP265EG UC3340
Product Description
Full Text Search
 

To Download TQP3M9039 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 1 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com applications ? base station receivers ? tower mount amplifiers ? balanced amplifiers ? fdd - lte, tdd - lte, wcdma, cdma, gsm ? general purpose wireless 16 - pin 4x4 mm qfn package ordering inf ormation part no. description TQP3M9039 5 0 ? 1 5 00 m hz dual lna TQP3M9039 - pcb 700? 1000 mhz evaluation board standard t/r size = 2500 pieces on a 13 reel functional block diagram 7 8 6 5 14 13 15 16 12 11 10 9 1 2 3 4 gnd gnd rfin2/ vg2 rfin1/ vg1 gnd gnd rfout2/ vd2 rfout1/ vd1 dc bias 1 vpd1 ictrl1 na dc bias 2 vpd2 ictrl2 na backside paddle - rf/dc gnd pin 1 reference mark product features ? 0. 17 db nfmin (single channel) at 830 mhz ? 5 0? 1 5 00 mhz operational bandwidth ? 18 db gain at 830 mhz ? +20.7 dbm input ip3 ? integrated shut - down biasing feature ? bias adjustable ? does not require negative voltage supply ? 4x4 mm 16 - pin qfn plastic package pin configuration pin no. label 1 rf in1/vg1 4 rf in2/vg2 12 rfout1/vd1 9 rfout2/vd2 2, 3, 10, 11 ground 16 dc bias 1 5 dc bias 2 15 vpd1 6 vpd2 14 ictrl1 7 ictrl2 backside paddle rf/dc gnd general description the tqp3m 9039 is a high linearity, ultra low noise figure dual device amplifier i n a 4x4 mm package. at 830 mhz in a balanced configuration, the lna provides 18 db gain, 20.7 dbm iip3 and 0. 6 db noise figure. the part does not require a negative supply for operation and is bias adjustable for both drain current and voltage. the device is housed in a green/rohs - compliant industry standard qfn package. the tqp3m 9039 consists of a single monolithic gaas e - phemt die and integrates bias circuitry as well as shut - down capability allowing the lna to be useful for both fdd and tdd application s. the TQP3M9039 is optimized for the 7 00 ? 1 0 00 m hz band, but can be used outside of the band. triquint offers pin - compatible dual lnas for the 1.5 ? 2.3 ghz band (tqp3m9040) and 2.3 ? 4.0 ghz (tqp3m9041). the balanced amplifier is optimized for high performance receivers in wireless infrastructure an d can be used for base - station transceivers or tower - mounted amplifiers.
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 2 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com absolute maximum ratings parameter rating storage temperature ? 65 to 150c drain voltage (v d ) + 7 v i dd (v d = 5v) per channel 300 ma input power (cw) + 2 2 dbm input power ( cw , dc off condition) +2 2 dbm input power (dc off condition & 10% duty cycle) +30 dbm operation of this device outside the parameter ranges given above may cause permanent damage. recommended operating conditions parameter min typ m ax units v pd 0 +5 v v g 0 +0.5 +1 v v d +2 +5 v i d , single channel 57 8 5 ma operating temp. range ? 40 + 90 c t ch (for>10 6 hrs mttf ) 190 c electrical specifications are measured at specified test conditions. specifications are not guaranteed over all recommended operating conditions. electrical specifications test conditions unless otherwi se noted: v d = +4.35 v, temp.=+ 25 c , tuned balanced configuration . nf is de - embedded to the input of the input hybrid coupler. parameter conditions min typ max units operational frequency range 5 0 1 5 00 mhz test frequency 830 mhz gain 16. 9 18.1 19.3 db output p1db +21.5 dbm input ip3 pin = ? 13 dbm/tone, f=1 mhz +17 +20.7 dbm output ip3 pout=+ 5 dbm/tone, f=1 mhz +38.8 dbm noise figure balanced configuration 0. 6 0 0.93 db drain voltage, v d +4.35 v drain current, i d single channel 40 57 85 ma power down control voltage, v pd on - stat e 0 +0.3 v off - state +2.1 v d v thermal resistance, jc channel to case - per c hannel 61 c/w
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 3 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com de - embedded s - parameters data test conditions unless otherwise noted: v dd =+ 4.3 5 v, i dd = 57 ma, temp=+25c, 50 ohm system freq ( m hz) s11 (db) s11 (ang) s21 (db) s21 (ang) s12 (db) s12 (ang ) s22 (db) s22 (ang ) 10 - 0.03 - 1.68 30.21 176.23 - 60.44 97.03 - 5.71 - 0.38 50 - 0.27 - 7.74 29.70 162.29 - 47.53 88.14 - 5.42 3.49 100 - 0.86 - 13.71 28.71 147.86 - 42.05 91.69 - 4.96 4.58 200 - 2.19 - 19.43 26.35 127.40 - 35.6 6 89.29 - 4.23 2.40 300 - 3.19 - 21.05 24.10 114.93 - 31.84 86.87 - 3.92 - 1.10 400 - 3.87 - 21.42 22.20 106.47 - 29.16 84.94 - 3.81 - 4.32 500 - 4.37 - 21.79 20.61 100.16 - 27.18 82.90 - 3.79 - 7.35 600 - 4.73 - 21.95 19.25 95.02 - 25.52 80.76 - 3.80 - 10.12 700 - 5.04 - 2 2.43 18.07 90.61 - 24.12 78.60 - 3.85 - 12.81 800 - 5.31 - 23.22 17.05 86.68 - 22.92 76.46 - 3.93 - 15.40 900 - 5.53 - 24.42 16.15 83.07 - 21.83 74.41 - 4.01 - 17.80 1000 - 5.74 - 25.32 15.33 79.69 - 20.86 72.19 - 4.09 - 20.29 1100 - 5.96 - 26.36 14.61 76.51 - 19.96 70.16 - 4.20 - 22.88 1200 - 6.22 - 27.85 13.95 73.34 - 19.15 67.88 - 4.33 - 25.41 1300 - 6.42 - 29.67 13.33 70.21 - 18.39 65.68 - 4.44 - 27.80 1400 - 6.61 - 31.21 12.77 67.18 - 17.69 63.38 - 4.56 - 30.22 1500 - 6.85 - 32.88 12.24 64.24 - 17.03 61.24 - 4.70 - 32.75 1600 - 7.07 - 34 .91 11.76 61.18 - 16.36 58.71 - 4.84 - 35.31 1700 - 7.27 - 36.84 11.29 58.26 - 15.78 56.46 - 4.97 - 37.89 1800 - 7.50 - 38.67 10.87 55.30 - 15.20 54.05 - 5.14 - 40.55 1900 - 7.76 - 41.09 10.46 52.18 - 14.67 51.50 - 5.32 - 43.18 2000 - 7.91 - 43.60 10.05 49.00 - 14.15 48.83 - 5.47 - 46.10 noise parameters test conditions unless otherwise noted: v dd =+ 4.35 v, i dd = 57 ma , temp=+25c, 50 ohm system freq ( g hz) nf min (db) opt (mag) opt (deg) rn ( ) 0.6 0.13 0.55 15.58 0.06 0.7 0.13 0.54 18.71 0.06 0.75 0.01 0.87 18.77 0.06 0.8 0.14 0.55 21.87 0.06 0.85 0.19 0.47 24.59 0.06 0.9 0.17 0.48 24.86 0.06 0.95 0.15 0.49 25.27 0.06 1 0.14 0.58 25.29 0.06 1.1 0.14 0.53 26. 97 0.06 1.2 0.18 0.46 27.47 0.06 1.3 0.16 0.40 28.40 0.06 1.4 0.15 0.37 25.37 0.05 1.5 0.33 0.43 - 10.36 0.13 1.6 0.32 0.25 3.49 0.06 1.7 0.15 0.31 35.52 0.05 1.8 0.13 0.27 28.27 0.06
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 4 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com noise figure circles at 900 mhz noise parameter measurements ` taken at the package pin reference plane . the gate and drain are biased externally through bias - tees. the achievable nfmin will worsen with on board non - ideal bias circuit. graph 1 swp max 0.91ghz swp min 0.9ghz p6 p5 p4 p3 p2 p1 nfcir(5,0.05) conj(s(1,1)) p1: freq = 0.9 ghz nf = 0.16655 db p2: freq = 0.9 ghz nf = 0.21655 db p3: freq = 0.9 ghz nf = 0.26655 db p4: freq = 0.9 ghz nf = 0.31655 db p5: freq = 0.9 ghz nf = 0.36655 db p6: freq = 0.9 ghz nf = 0.41655 db s 11 * opt
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 5 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com TQP3M9039 - pcb evaluation board (700 ? 1000 mhz) j4 j5 j3 j8 j6 j7 u1 l2 c8 x1 x2 l4 c4 c1 r2 c3 r4 c21 c15 r10 c6 r12 c22 c10 c11 c20 c19 c17 c12 c18 c13 l8 l10 c14 c6 r1 r9 r8 r15 c14 c7 l3 l6 l7 l9 r7 r16 c16 c9 see evaluation board pcb information section for pcb material and stack - up. bill of material C TQP3M9039 - pcb reference des. value description manuf. part number u1 n/a dual lna triquint TQP3M9039 x1 n/a hybrid coupler anaren x3c09p1 - 03s x2 n/a hybrid coupler anaren c0810j5003ahf r1, r 9 330 ? res, 0402, +/ - 5%, 1/10w various r8, r 15 51 ? res, 0402, +/ - 5%, 1/10w various r6, r 14 10 ? res, 0402, +/ - 5%, 1/10w various r4, r 12 3k ? res, 0402, +/ - 5%, 1/10w various r7, r 16 2.2 ? res, 0603, +/ - 5%, 1/8w various r2, r 10 0 ? res, 0402, +/ - 5%, 1/10w various c1, c 4 47 pf cap, 0402, +/ - 5%, 50v panasonic ecj - 0ec1h470j c3, c 6 1.2 pf cap, 0402, +/ - 0.1pf, 25v panasonic ecd - g0e1r2b c7, c 14 1.8 pf cap, 0402, +/ - 0.1pf, 50v avx 04025u1r8bat2a c8, c 15, c 21, c 22, c 11, c 19 100 pf cap, 0402, +/ - 5%, 50v panasonic ecj - 0ec1h101j c9, c 16 0.01 uf cap, 0805, +/ - 5%, 50v, x7r various c10, c 20 1000 pf cap, 0402, +/ - 10%, 50v various c12, c 13, c 17, c 18 2.2 pf cap, 0402, +/ - 0.1pf, 50v avx 04025u2r2bat2a l2, l 4 6.8 nh ind, 0402, +/ - 5% coilcraft 0402cs - 6n8xjl l3, l 6 220 nh ind, 0603, +/ - 5% coilcraft 0603cs - r22xjl l7, l 9 47 nh ind, 0603, +/ - 5%, 600ma coilcraft 0603cs - 47nxjl l8, l 10 10 nh ind, 0402, +/ - 5% coilcraft 0402cs - 10nxjl notes: 1. r2 and r10 may be replaced with metal trace in target applications
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 6 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com application circuit C TQP3M9039 - pcb c1 l2 l3 c3 l6 l4 c4 c6 r1 c7 r9 c14 c8 r2 r4 c21 r7 c9 c10 c11 r6 c15 r10 r12 c22 r16 c16 c20 c19 l9 r14 c17 l7 c12 l8 l10 c13 c18 x2 r8 x1 r15 j7 j6 j4 j3
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 7 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com performance plots (balanced configuration) test conditions unless otherwise noted: v d = +4.35 v, i d = 57 ma, temp.=+25c 13 14 15 16 17 18 19 20 700 750 800 850 900 950 1000 gain (db) frequency (mhz) gain vs. frequency +85 c +25 c ?40 c - 40 - 30 - 20 - 10 0 700 750 800 850 900 950 1000 |s11| (db) frequency (mhz) input return loss vs. frequency +85 c +25 c ?40 c - 40 - 30 - 20 - 10 0 700 750 800 850 900 950 1000 |s22| (db) frequency (mhz) output return loss vs. frequency +85 c +25 c ?40 c 0 0.2 0.4 0.6 0.8 1 700 750 800 850 900 950 1000 nf (db) frequency (mhz) noise figure (balanced) vs. frequency +85 c +25 c ?40 c 0 0.2 0.4 0.6 0.8 1 700 750 800 850 900 950 1000 nf (db) frequency (mhz) noise figure (per channel) vs. frequency +85 c +25 c ?40 c input coupler insertion loss de - embedded. 10 15 20 25 30 700 750 800 850 900 950 1000 iip3 (dbm) frequency (mhz) input ip3 vs. frequency pin=?13 dbm/tone 1 mhz tone spacing +85 c +25 c ?40 c 0 20 40 60 80 100 120 140 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 idq (ma) vpd (v) idq vs. vpd +85 c +25 c ?40 c typical performance (balanced configuration) test conditions unless otherwise noted: v d = +4.35 v, i d = 57 ma, temp.=+25c . nf is de - embedded to the input of the input hybrid coupler . parameter typical value units frequency 700 830 900 1000 m hz gain 17.1 18.1 17.8 16.8 db noise figure (balanced configuration) 0. 6 2 0. 57 0. 58 0. 66 db input return loss 28 24 26 43 db output return loss 32 27 27 34 db output p1db + 21.3 + 21.5 + 21 .0 + 20.3 dbm iip3 (p in /tone= ? 13 dbm, f = 1 mhz ) + 18.8 + 20.7 + 21 .0 + 21.9 dbm
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 8 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com pin configuration and description pin no. label description 1 rf in1/vg1 rf input pin for channel 1. gate voltage bias pin for channel 1. 2, 3, 10, 11 gnd no internal connection but should be grounded to provide pcb mounting integrity and isolat ion between the two rf paths. 4 rf in2/vg2 rf input pin for channel 2. gate voltage bias pin for channel 2. 5 dc bias 2 dc out bias for channel 2 6 vpd2 power down control voltage for channel 1 7 ictrl2 channel 2 drain current control 8, 13 na no inter nal connection. these pins can be grounded to provide pcb mounting integrity. 9 rfout2/vd2 rf output pin for channel 2. gate voltage bias pin for channel 2. 12 rfout1/vd1 rf output pin for channel 1. drain voltage bias pin for channel 1. 14 ictrl1 chann el 1 drain current control 15 vpd1 power down control voltage for channel 1 16 dc bias 1 dc out bias for channel 1 backside paddle rf/dc gnd rf/dc ground. follow recommended via pattern and ensure good solder attach for best thermal and electrical perf ormance. evaluation board pcb information triquint pcb 1094098 material and stack - up 1 oz. cu bottom layer rogers 4003 r =3.5 typ. 1 oz. cu top layer 0.020 0.002 finished board thickness 50 o hm line dimensions: width = .040, spacing = .020
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 9 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com mechanical information package marking and dimensions marking: part number C 3 m 9039 year, week - yyww assembly code - aa xxxx n otes : 1. all dimensions are in millimeters. angles are in degrees. 2. except where noted, this part outline conforms to jedec standard mo - 220, issue e (variation vggc) for thermally enhanced plastic very thin fine pit ch quad flat no lead package (qfn). 3. dimension and tolerance formats conform to asme y14.4m - 1994. 4. the terminal #1 identifier and terminal numbering conform to jesd 95 - 1 spp - 012 pcb mounting pattern n o t es : 1. all dimensions are in millimeters. angles are in degrees. 2. use 1 oz. copper minimum for top and bottom layer metal. 3. we recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10). 4. ensure good package backside paddle solder attach for reliable operation a nd best electrical performance. triquint 3m9039 yyww a axxxx gnd/thermal pad .10 c .08 c seating plane 16x 2.500.05 exp. dap 16x 0.400.05 2.500.05 exp. dap .8500.050 c 16x 0.300.05 16x 0.65 pitch pin #1 identifier chamfer 0.300 x 45 terminal #1 identifier 0.000 0.050 .203 ref. 1.95 ref. 4.0000.050 4.0000.050
TQP3M9039 50 C 1500 mhz dual lna datasheet: rev f 0 6 - 0 5 - 13 - 10 of 10 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com product compliance information esd sensitivity ratings caution! esd - sensitive device esd rating: class 0 value: passes 2 00 v to <250 v test: human body model (hbm) standard: jedec standard jesd22 - a114 esd rating: class i v value: > 1000 v test: charged device model (cdm) standard: jedec standard jesd22 - c101 solderability comp atible with both lead - free (260 c max. reflo w temperature) and tin/lead (245 c max. reflow temperature) soldering processes. package contact plating: nipdau rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electri cal and electronic equipment). this product also has the following attributes: ? lead free ? halogen free (chlorine, bromine) ? antimony free ? tbbp - a (c 15 h 12 br 4 0 2 ) free ? pfos free ? svhc free msl rating msl rating : level 1 test: 260c convection reflow standard : jedec standard ipc/jedec j - std - 020 contact information for the latest specifications, additional product information, worldwide sales and distribution locations, and information about triquint: web: www. triquint.com tel: +1.503.615.9000 email: info - sales@triquint.com fax: +1.503.615.8902 for technical questions and application information: email: sjcapplications.engineering@triquint.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the information contained herein. triquint assumes no responsibility or liabi lity whatsoever for any of the information contained herein. triquint assumes no responsibility or liability whatsoever for the use of the information contained herein. the information contained herein is provided "as is, where is" and with all faults, a nd the entire risk associated with such information is entirely with the user. all information contained herein is subject to change without notice. customers should obtain and verify the latest relevant information before placing orders for triquint pro ducts. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anythin g described by such information. triquint products are not warranted or authorized for use as critical components in medical, life - saving, or life - sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


▲Up To Search▲   

 
Price & Availability of TQP3M9039

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X