Part Number Hot Search : 
2SC17 SRA2202S XGXXX 1000AM 1N5407 1N5407 MK105 X9801406
Product Description
Full Text Search
 

To Download SSE04N60SL-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sse04n60sl 4a , 600v , r ds(on) 2.4  n-ch enhancement mode power mosfet 17-jul-2014 rev. a page 1 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. to - 220p rohs compliant product a suffix of -c specifies halogen free description the sse04n60sl is the highest performance trench n-ch mosfets with extreme high cell density , which provide excellent r ds(on) and gate charge for most of the synchronous buck converter applications . features  advanced high cell density trench technology  super low gate charge  excellent cdv/dt effect decline  100% eas guaranteed  green device available absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 600 v gate-source voltage v gs 30 v t c =25c 4 a continuous drain current t c =100c i d 2.5 a pulsed drain current i dm 16 a t c =25c 100 total power dissipation derate above 25c p d 0.8 w single pulse avalanche energy 1 e as 217 mj operating junction and storage temperature range t j , t stg -55~150 c thermal resistance rating maximum thermal resistance junction-ambient r ja 62.5 c / w maximum thermal resistance junction-case r jc 1.25 c / w notes: 1. l=30mh,i as =3.45a, v dd =155v, r g =25  , starting t j =25c 1 gate 3 source 2 drain millimeter millimeter ref. min. max. ref. min. max. a 9.3 10.6 h 2.54 bcs. b 14.2 16.5 i 1.8 2.9 c 2.7 bsc. j 2.6 3.95 d 12.6 14.7 k 0.3 0.6 e 1.0 1.8 l 5.8 7.0 f 0.4 1.0 m 1.2 1.45 g 3.6 4.8
elektronische bauelemente sse04n60sl 4a , 600v , r ds(on) 2.4  n-ch enhancement mode power mosfet 17-jul-2014 rev. a page 2 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t j = 25c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static drain-source breakdown voltage bv dss 600 - - v v gs =0, i d = 250 a gate-threshold voltage v gs(th) 2 - 4 v v ds =v gs , i d =250 a gate-source leakage current i gss - - 100 na v gs = 30v drain-source leakage current i dss - - 1 a v ds =600v, v gs =0 static drain-source on-resistance r ds(on) - 2.0 2.4  v gs =10v, i d =2a total gate charge 1.2 q g - 8.16 - gate-source charge 1.2 q gs - 2.63 - gate-drain change 1.2 q gd - 3.01 - nc i d =4a v ds =480v v gs =10v turn-on delay time 1.2 t d(on) - 16.8 - rise time 1.2 t r - 26.2 - turn-off delay time 1.2 t d(off) - 37.4 - fall time 1.2 t f - 20.2 - ns v dd =300v i d =4a r g =25  input capacitance c iss - 449.7 - output capacitance c oss - 57 - reverse transfer capacitance c rss - 2 - pf v gs =0 v ds =25v f =1.0mhz source-drain diode diode forward voltage v sd - - 1.4 v i s =4a, v gs =0 continuous source current i s - - 4 a pulsed source current i sm - - 16 a integral reverse p-n junction diode in the mosfet reverse recovery time 1 t rr - 441.53 - ns reverse recovery charge 1 q rr - 1.98 - c i s =4a,v gs =0, dl f /dt=100a/ s notes: 1. pulse test: pulse width Q 300 s, duty cycle Q 2% 2. essentially independent of operating temperatur e.
elektronische bauelemente sse04n60sl 4a , 600v , r ds(on) 2.4  n-ch enhancement mode power mosfet 17-jul-2014 rev. a page 3 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente sse04n60sl 4a , 600v , r ds(on) 2.4  n-ch enhancement mode power mosfet 17-jul-2014 rev. a page 4 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente sse04n60sl 4a , 600v , r ds(on) 2.4  n-ch enhancement mode power mosfet 17-jul-2014 rev. a page 5 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSE04N60SL-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X