Part Number Hot Search : 
SMBG5933 SSP2N90A SIC403A 000901 BCP52TA P6KE15 SIC403A FTD2017R
Product Description
Full Text Search
 

To Download SRS8100-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente srs8100 voltage 100v 8.0 amp schottky barrier rectifiers 05-mar-2014 rev.a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-1 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 1.10 grams (approximately) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rwm 100 v maximum dc blocking voltage v r 100 v maximum average forward rectified current see fig. 1 i f(av) 8 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a maximum instantaneous forward voltage v f 0.85 v t a =25c 0.2 maximum dc reverse current at rated dc blocking voltage t a =100c i r 10 ma typical junction capacitance 1 c j 260 pf thermal resistance (typ.) 2 r ja 50 c /w thermal resistance (typ.) 3 r jc 30 c operating & storage temperature t j ,t stg -55 ~ 150 c note: 1. measured at 1mhz and applied reverse voltage o f 4.0v d.c. 2. thermal resistance junction to ambient 3. thermal resistance junction to case do-27(do-201) millimeter ref. min. max. a 25.4 (typ) b 7.20 9.50 c 4.80 5.60 d 1.10 1.30
elektronische bauelemente srs8100 voltage 100v 8.0 amp schottky barrier rectifiers 05-mar-2014 rev.a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SRS8100-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X