Part Number Hot Search : 
74C32N 74HC401 M1010 XXXBC 128EVLK 2SC334 2SC334 RS480
Product Description
Full Text Search
 

To Download SMBJ50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features for surface mount applications in order to optimize board space fast response time: typical less than 1.0ps from 0 volts to v br minimum low inductance mechanical data terminals: solderable per mil-std-750, method 2026 polarity: color band denotes pos itive end (cathode) except bidirectional maximum soldering temperature: 260 o c for 10 seconds maximum ratings @ 25 o c unless otherwise specified peak pulse current on 10/1000us waveform i pp see table 1 note: 2 peak pulse power dissipation p pp 600w note: 2 , 3 peak forward surge current i fsm) 100a note: 3 operation and storage temperature range t j , t stg -55 o c to +150 o c thermal resistance r 25 o c/w notes: 2 . non - repetitive current pulse, per fig.3 and derated above t a =25 o c per fig.2. 3.mounted on 5.0mm 2 copper pads to each terminal. 4.8.3ms, single half sine wave duty cycle=4 pulses per. minute maximum. smbj5.0 thru smbj440ca transient voltage suppressor 5.0 to 440 volts 600 watt 5.peak pulse current waveform is 10/1000us, with maximum duty cycle of 0.01%. 4,5 do-214aa (smb) (lead frame) 0.050 0.106" 0.082 suggested solder pad layout dimensions inches mm dim min max min max note a .083 .096 2.13 2.44 b .075 .083 1.91 2.11 c .002 .008 0.051 0.203 d .006- .012 0.152 0.305 e .030 .050 0.76 1.27 f .200 .220 5.08 5.59 g .160 .185 4.06 4.70 h .130 .155 3.30 3.94 g h e d f a b c  
 omp onents 20736 marilla street chatsworth       
     mcc ul recognized file # e331408 tm micro commercial components www. mccsemi .com 1 of 9 revision: b 2011/09/06 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 6. unidirectional and bidirectional available,for bidirectional devices add 'c' suffix to the pn#, i.e.smb j5.0ca 7. for bi-directional type having vrwm of 10 volts and less, the ir limit is double.
100 10 1.0 0.1 0.1 us 1.0 us 10 us 100 us 1.0ms 10ms mountedon5.0mm 2 copper land areas non-repetitive pulse waveform showninfigure3 ta = 25 td , pulse width , sec 100 75 50 25 0 0 25 50 75 100 125 150 175 200 t a , ambient temperature , fig. 1-peak pulse power rating curve fig. 2-pulse derating curve 150 100 50 0 0 1.0 2.0 3.0 4.0 ta = 25 pulse width(td) is defined as the point where the peak current deca y s to 50% of l pp peak value i p p m half value-ipp 2 10/1000usec waveform as defined by r.e.a. e-kt td tf = 10usec t , time , ms fig. 3-pulse waveform 6,000 4,000 2,000 1,000 800 600 400 200 100 80 60 40 20 10 1.0 2.0 10 20 100 200 measured at stand-off voltage(vmw) tj = 25 f=1.0mhz vsig = 50mvp-p measured at zero bias v ( wm ) , reverse stand-off voltage, volts fig. 4-typical junction capacitance 200 100 50 0 12 46 810 20 60 80 100 tj = tj max 8.3ms single half since-wave jedec method number of cycles at 60hz fig. 5-maximum non-repetitive peak forward surge current peak pulse power(pppm) or current (ipp)derating in percentage % p ppm , peak pulse power, kw ippm, peak pulse current, % cj, capacitance, pf i fsm , peak forward surge current, amperes smbj5.0 thru smbj440ca mcc tm micro commercial components www. mccsemi .com 2 of 9 revision: b 2011/09/06
smbj5.0(a) thru smb j440(a) electrical characteristics @ 25 o c unless otherwise specified reverse stand-off voltage v wm breakdown voltage v (br) @i t (volts) maximum clamping voltage@i pp peak pulse current i pp maximum reverse leakage @v wm i d mcc part number volts min max i t (ma) volts (amps) (ua) marking code smbj5.0 5.0 6.40 7.30 10 9.6 62.5 800 kd smbj5.0a 5.0 6.40 7.00 10 9.2 65.2 800 ke smbj6.0 6.0 6.67 8.15 10 11.4 52.6 800 kf smbj6.0a 6.0 6.67 7.37 10 10.3 58.3 800 kg smbj6.5 6.5 7.22 8.82 10 12.3 48.7 500 kh smbj6.5a 6.5 7.22 7.98 10 11.2 53.6 500 kk smbj7.0 7.0 7.78 9.51 10 13.3 45.1 200 kl smbj7.0a 7.0 7.78 8.60 10 12.0 50.0 200 km smbj7.5 7.5 8.33 10.2 1 14.3 42.0 100 kn smbj7.5a 7.5 8.33 9.21 1 12.9 46.5 100 kp smbj8.0 8.0 8.89 10.9 1 15.0 40.0 50 kq smbj8.0a 8.0 8.89 9.83 1 13.6 44.1 50 kr smbj8.5 8.5 9.44 11.5 1 15.9 37.7 10 ks smbj8.5a 8.5 9.44 10.4 1 14.4 41.7 10 kt smbj9.0 9.0 10.0 12.2 1 16.9 35.5 5 ku smbj9.0a 9.0 10.0 11.1 1 15.4 39.0 5 kv smbj10 10 11.1 13.6 1 18.8 31.9 5 kw smbj10a 10 11.1 12.3 1 17.0 35.3 5 kx smbj11 11 12.2 14.9 1 20.1 29.9 5 ky smbj11a 11 12.2 13.5 1 18.2 33.0 5 kz smbj12 12 13.3 16.3 1 22.0 27.3 5 ld smbj12a 12 13.3 14.7 1 19.9 30.2 5 le smbj13 13 14.4 17.6 1 23.8 25.2 5 lf smbj13a 13 14.4 15.9 1 21.5 27.9 5 lg smbj14 14 15.6 19.1 1 25.8 23.3 5 lh smbj14a 14 15.6 17.2 1 23.2 25.8 5 lk smbj15 15 16.7 20.4 1 26.9 22.3 5 ll smbj15a 15 16.7 18.5 1 24.4 24.0 5 lm smbj16 16 17.8 21.8 1 28.8 20.8 5 ln smbj16a 16 17.8 19.7 1 26.0 23.1 5 lp smbj17 17 18.9 23.1 1 30.5 19.7 5 lq smbj17a 17 18.9 20.9 1 27.6 21.7 5 lr smbj18 18 20.0 24.4 1 32.2 18.6 5 ls smbj18a 18 20.0 22.1 1 29.2 20.5 5 lt smbj20 20 22.2 27.1 1 35.8 16.7 5 lu smbj20a 20 22.2 24.5 1 32.4 18.5 5 lv smbj22 22 24.4 29.8 1 39.4 15.2 5 lw smbj22a 22 24.4 26.9 1 35.5 16.9 5 lx smbj24 24 26.7 32.6 1 43.0 14.0 5 ly smbj24a 24 26.7 29.5 1 38.9 15.4 5 lz smbj26 26 28.9 35.3 1 46.6 12.4 5 md smbj26a 26 28.9 31.9 1 42.1 14.2 5 me mcc www. mccsemi .com 3 of 9 revision: b 2011/09/06
smbj5.0(a) thru smbj44 0(a) electrical characteristics @ 25 o c unless otherwise specified reverse stand-off voltage v wm breakdown voltage v (br) @i t (volts) maximum clamping voltage@i pp peak pulse current i pp maximum reverse leakage @v wm i d mcc part number volts min max i t (ma) volts (amps) (ua) marking code smbj28 28 31.1 38.0 1 50.0 12.0 5 mf smbj28a 28 31.1 34.4 1 45.4 13.2 5 mg smbj30 30 33.3 40.7 1 53.5 11.2 5 mh smbj30a 30 33.3 36.8 1 48.4 12.4 5 mk smbj33 33 36.7 44.9 1 59.0 10.2 5 ml smbj33a 33 36.7 40.6 1 53.3 11.3 5 mm smbj36 36 40.0 48.9 1 64.3 9.3 5 mn smbj36a 36 40.0 44.2 1 58.1 10.3 5 mp smbj40 40 44.4 54.3 1 71.4 8.4 5 mq smbj40a 40 44.4 49.1 1 64.5 9.3 5 mr smbj43 43 47.8 58.4 1 76.7 7.8 5 ms smbj43a 43 47.8 52.8 1 69.4 8.6 5 mt smbj45 45 50.0 61.1 1 80.3 7.5 5 mu smbj45a 45 50.0 55.3 1 72.7 8.3 5 mv smbj48 48 53.3 65.1 1 85.5 7.0 5 mw smbj48a 48 53.3 58.9 1 77.4 7.7 5 mx smbj51 51 56.7 69.3 1 91.1 6.6 5 my smbj51a 51 56.7 62.7 1 82.4 7.3 5 mz smbj54 54 60.0 73.3 1 96.3 6.2 5 nd smbj54a 54 60.0 66.3 1 87.1 6.9 5 ne smbj58 58 64.4 78.7 1 103 5.8 5 nf smbj58a 58 64.4 71.2 1 93.6 6.4 5 ng smbj60 60 66.7 81.5 1 107 5.6 5 nh smbj60a 60 66.7 73.7 1 96.8 6.2 5 nk smbj64 64 71.1 86.9 1 114 5.3 5 nl smbj64a 64 71.1 78.6 1 103 5.8 5 nm smbj70 70 77.8 95.1 1 125 4.8 5 nn smbj70a 70 77.8 86.0 1 113 5.3 5 np smbj75 75 83.3 102 1 134 4.5 5 nq smbj75a 75 83.3 92.1 1 121 4.9 5 nr smbj78 78 86.7 106 1 139 4.3 5 ns smbj78a 78 86.7 95.8 1 126 4.7 5 nt smbj85 85 94.4 115 1 151 3.9 5 nu smbj85a 85 94.4 104 1 137 4.4 5 nv smbj90 90 100 122 1 160 3.8 5 nw smbj90a 90 100 111 1 146 4.1 5 nx smbj100 100 111 136 1 179 3.4 5 ny smbj100a 100 111 123 1 162 3.7 5 nz smbj110 110 122 149 1 196 3.0 5 pd smbj110a 110 122 135 1 177 3.4 5 pe smbj120 120 133 163 1 214 2.8 5 pf smbj120a 120 133 147 1 193 3.1 5 pg mcc tm micro commercial components www. mccsemi .com 4 of 9 revision: b 2011/09/06
mcc electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smbj130 130 144 176 1 231 2.6 5 ph smbj130a 130 144 159 1 209 2.9 5 pk smbj150 150 167 204 1 268 2.2 5 pl smbj150a 150 167 185 1 243 2.5 5 pm smbj160 160 178 218 1 287 2.1 5 pn smbj160a 160 178 197 1 259 2.3 5 pp smbj170 170 189 231 1 304 2.0 5 pq smbj170a 170 189 209 1 275 2.2 5 pr smbj180a 180 201 222 1 292 2.1 5 pt smbj200a 200 224 247 1 324 1.9 5 pv smbj220a 220 246 272 1 356 1.7 5 px smbj250a 250 279 309 1 405 1.5 5 pz smbj300a 300 335 371 1 486 1.3 5 qe smbj350a 350 391 432 1 567 1.1 5 qg smbj400a 400 447 494 1 648 0.9 5 qk smbj440a 440 492 543 1 713 0.9 5 qm smbj5.0(a) thru smbj440(a) tm micro commercial components www. mccsemi .com 5 of 9 revision: b 2011/09/06
smbj5.0c(a) thru smb j440c(a) electrical characteristics @ 25 o c unless otherwise specified reverse stand-off voltage v wm breakdown voltage v (br) @i t (volts) maximum clamping voltage@i pp peak pulse current i pp maximum reverse leakage @v wm i d mcc part number volts min max i t (ma) volts (amps) (ua) marking code mcc smbj5.0c 5.0 6.40 7.30 10 9.6 62.5 1600 ad smbj5.0ca 5.0 6.40 7.00 10 9.2 65.2 1600 ae smbj6.0c 6.0 6.67 8.15 10 11.4 52.6 1600 af smbj6.0ca 6.0 6.67 7.37 10 10.3 58.3 1600 ag smbj6.5c 6.5 7.22 8.82 10 12.3 48.7 1000 ah smbj6.5ca 6.5 7.22 7.98 10 11.2 53.6 1000 ak smbj7.0c 7.0 7.78 9.51 10 13.3 45.1 400 al smbj7.0ca 7.0 7.78 8.60 10 12.0 50.0 400 am smbj7.5c 7.5 8.33 10.2 1 14.3 42.0 200 an smbj7.5ca 7.5 8.33 9.21 1 12.9 46.5 200 ap smbj8.0c 8.0 8.89 10.9 1 15.0 40.0 100 aq smbj8.0ca 8.0 8.89 9.83 1 13.6 44.1 100 ar smbj8.5c 8.5 9.44 11.5 1 15.9 37.7 20 as smbj8.5ca 8.5 9.44 10.4 1 14.4 41.7 20 at smbj9.0c 9.0 10.0 12.2 1 16.9 35.5 10 au smbj9.0ca 9.0 10.0 11.1 1 15.4 39.0 10 av smbj10c 10 11.1 13.6 1 18.8 31.9 5 aw smbj10ca 10 11.1 12.3 1 17.0 35.3 5 ax smbj11c 11 12.2 14.9 1 20.1 29.9 5 ay smbj11ca 11 12.2 13.5 1 18.2 33.0 5 az smbj12c 12 13.3 16.3 1 22.0 27.3 5 bd smbj12ca 12 13.3 14.7 1 19.9 30.2 5 be smbj13c 13 14.4 17.6 1 23.8 25.2 5 bf smbj13ca 13 14.4 15.9 1 21.5 27.9 5 bg smbj14c 14 15.6 19.1 1 25.8 23.3 5 bh smbj14ca 14 15.6 17.2 1 23.2 25.8 5 bk smbj15c 15 16.7 20.4 1 26.9 22.3 5 bl smbj15ca 15 16.7 18.5 1 24.4 24.0 5 bm smbj16c 16 17.8 21.8 1 28.8 20.8 5 bn smbj16ca 16 17.8 19.7 1 26.0 23.1 5 bp smbj17c 17 18.9 23.1 1 30.5 19.7 5 bq smbj17ca 17 18.9 20.9 1 27.6 21.7 5 br smbj18c 18 20.0 24.4 1 32.2 18.6 5 bs smbj18ca 18 20.0 22.1 1 29.2 20.5 5 bt smbj20c 20 22.2 27.1 1 35.8 16.7 5 bu smbj20ca 20 22.2 24.5 1 32.4 18.5 5 bv smbj22c 22 24.4 29.8 1 39.4 15.2 5 bw smbj22ca 22 24.4 26.9 1 35.5 16.9 5 bx smbj24c 24 26.7 32.6 1 43.0 14.0 5 by smbj24ca 24 26.7 29.5 1 38.9 15.4 5 bz smbj26c 26 28.9 35.3 1 46.6 12.4 5 cd smbj26ca 26 28.9 31.9 1 42.1 14.2 5 ce tm micro commercial components www. mccsemi .com 6 of 9 revision: b 2011/09/06
smbj5.0c(a) thru smbj44 0c(a) electrical characteristics @ 25 o c unless otherwise specified reverse stand-off voltage v wm breakdown voltage v (br) @i t (volts) maximum clamping voltage@i pp peak pulse current i pp maximum reverse leakage @v wm i d mcc part number volts min max i t (ma) volts (amps) (ua) marking code mcc smbj28c 28 31.1 38.0 1 50.0 12.0 5 cf smbj28ca 28 31.1 34.4 1 45.4 13.2 5 cg smbj30c 30 33.3 40.7 1 53.5 11.2 5 ch smbj30ca 30 33.3 36.8 1 48.4 12.4 5 ck smbj33c 33 36.7 44.9 1 59.0 10.2 5 cl smbj33ca 33 36.7 40.6 1 53.3 11.3 5 cm smbj36c 36 40.0 48.9 1 64.3 9.3 5 cn smbj36ca 36 40.0 44.2 1 58.1 10.3 5 cp smbj40c 40 44.4 54.3 1 71.4 8.4 5 cq smbj40ca 40 44.4 49.1 1 64.5 9.3 5 cr smbj43c 43 47.8 58.4 1 76.7 7.8 5 cs smbj43ca 43 47.8 52.8 1 69.4 8.6 5 ct smbj45c 45 50.0 61.1 1 80.3 7.5 5 cu smbj45ca 45 50.0 55.3 1 72.7 8.3 5 cv smbj48c 48 53.3 65.1 1 85.5 7.0 5 cw smbj48ca 48 53.3 58.9 1 77.4 7.7 5 cx smbj51c 51 56.7 69.3 1 91.1 6.6 5 cy smbj51ca 51 56.7 62.7 1 82.4 7.3 5 cz smbj54c 54 60.0 73.3 1 96.3 6.2 5 dd smbj54ca 54 60.0 66.3 1 87.1 6.9 5 de smbj58c 58 64.4 78.7 1 103 5.8 5 df smbj58ca 58 64.4 71.2 1 93.6 6.4 5 dg smbj60c 60 66.7 81.5 1 107 5.6 5 dh smbj60ca 60 66.7 73.7 1 96.8 6.2 5 dk smbj64c 64 71.1 86.9 1 114 5.3 5 dl smbj64ca 64 71.1 78.6 1 103 5.8 5 dm smbj70c 70 77.8 95.1 1 125 4.8 5 dn smbj70ca 70 77.8 86.0 1 113 5.3 5 dp smbj75c 75 83.3 102 1 134 4.5 5 dq smbj75ca 75 83.3 92.1 1 121 4.9 5 dr smbj78c 78 86.7 106 1 139 4.3 5 ds smbj78ca 78 86.7 95.8 1 126 4.7 5 dt smbj85c 85 94.4 115 1 151 3.9 5 du smbj85ca 85 94.4 104 1 137 4.4 5 dv smbj90c 90 100 122 1 160 3.8 5 dw smbj90ca 90 100 111 1 146 4.1 5 dx smbj100c 100 111 136 1 179 3.4 5 dy smbj100ca 100 111 123 1 162 3.7 5 dz smbj110c 110 122 149 1 196 3.0 5 ed smbj110ca 110 122 135 1 177 3.4 5 ee smbj120c 120 133 163 1 214 2.8 5 ef smbj120ca 120 133 147 1 193 3.1 5 eg tm micro commercial components www. mccsemi .com 7 of 9 revision: b 2011/09/06
mcc electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smbj130c 130 144 176 1 231 2.6 5 eh smbj130ca 130 144 159 1 209 2.9 5 ek smbj150c 150 167 204 1 268 2.2 5 el smbj150ca 150 167 185 1 243 2.5 5 em smbj160c 160 178 218 1 287 2.1 5 en smbj160ca 160 178 197 1 259 2.3 5 ep smbj170c 170 189 231 1 304 2.0 5 eq smbj170ca 170 189 209 1 275 2.2 5 er smbj180ca 180 201 222 1 292 2.1 5 et smbj200ca 200 224 247 1 324 1.9 5 ev smbj220ca 220 246 272 1 356 1.7 5 ex smbj250ca 250 279 309 1 405 1.5 5 ez smbj300ca 300 335 371 1 486 1.3 5 fe smbj350ca 350 391 432 1 567 1.1 5 fg smbj400ca 400 447 494 1 648 0.9 5 fk smbj440ca 440 492 543 1 713 0.9 5 fm smbj5.0 c(a) thru smbj 44 0 c(a) tm micro commercial components www. mccsemi .com 8 of 9 revision: b 2011/09/06
mcc tm micro commercial components www. mccsemi .com 9 of 9 revision: b 2011/09/06 1 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SMBJ50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X