Part Number Hot Search : 
AA100 TX5000 F9NK90 L1010 A2919 NHSG064 SB358G HUM2010B
Product Description
Full Text Search
 

To Download SMART3000RMOD2U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 3kva 2.88kw line-interactive sine wave ups, hot-swap, extended run, snmp, webcard, 2u rack/tower, usb, db9 serial model number: SMART3000RMOD2U description 3000va / 3kva 120v modular line interactive 2u rack / tower ups for networks offers complete network-grade power protection with full support for hot-replacement of separate internal battery and electronics modules. high .96 power factor supports loads up to 2880 watts. high efficiency rating of 95% reduces electrical operating cost and btu emissions. offers selectable 110/120/127v 50/60hz operation. maintains battery derived sine wave ac output during power failures. line-interactive dual-boost, single cut automatic voltage regulation (avr) provides regulated 110/120/127v nominal output during brownouts and overvoltages. includes nema l5-30p input plug and 7 ups-supported output receptacles (6 x 5-15r, 1 x l5-30r). includes two individually controllable load banks, for advanced remote-reboot and load-shedding applications. network-grade ac surge and noise suppression. network management interfaces support simultaneous communications via usb, db9 serial and card slot for optional snmpwebcard and other card accessories. hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x. supports detailed monitoring of equipment load levels, self-test data and utility power conditions via all three network interfaces at once. advanced led indicators offer 5-stage metering of ups load and battery charge levels, plus single-led status indicators for utility power, voltage regulation, on-battery, overload, replace battery and site wiring fault conditions. audible alarms provide notification of on-battery, low-battery and overload conditions. includes poweralert auto-shutdown and management software for complete monitoring, reporting and logging of all site and ups operational conditions, plus support for advanced configurations involving load-shedding, remote-reboot and redundant dual-ups applications. internal batteries offer runtime of 11 minutes half load (1440 watts) and 4 minutes at full load (2880 watts). runtime is expandable with optional bp72v15-2u (limit 1), bp72v28rt-3u (limit 4) and bp72v18-2us (limit 2) external battery packs. supports installation in 4 post racks with included accessories. 2 post rackmount, wallmount and tower stand accessories sold separate. features 3000va / 3kva 120v modular line interactive 2u rack / tower ups for networks highlights 3kva / 3000va / 2880w line interactive 2u rack/tower ups, sine wave 100/120/127v output, corrects brownouts and overvoltages 90 to 146v 0.96 power factor, front panel status leds hot-swappable internal ups power module extended runtime options up to 2880w 4 post compatible mounting 95% line-mode efficiency, 2 switched load banks usb, rs232, epo and slot for snmpwebcard option 120v nema l5-30p input, 6 nema 5-15/20r & 1 l5-30r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment applications distributed server rooms network closets small business networks voice over ip (voip) phone systems package includes ups chassis pre-loaded with hot-swappable ups electronics module and internal battery module poweralert software with usb, db9 and epo cabling 4 post rackmount installation accessories owner's manual 1 / 5
hot-swappable power module and internal battery packs enables full ups maintenance with zero-downtime high power factor of .96 offers support for loads to 2880 watts high efficiency line power operation of 95% reduces ups electrical operating cost and btu emissions supports selectable 110, 120 and 127v nominal voltage operation at 50/60 hz sine wave ac output in ac and battery modes line-interactive ups with automatic voltage regulation (avr) l5-30p input plug connects to 120v 30a utility receptacle includes 7 ups supported outlets (6 5-15r and 1 l5-30r) l5-30r outlet is ideal for the connection of a 120v 30a pdu to distribute the full ups capacity to rack equipment 5-15r outlets are arranged in two separately breakered, individually controllable loading banks to support remote reboot or automated load shedding of less critical items (bank 1 has 2 outlets, bank 2 has 4 outlets). network-grade 800 joule ac surge suppression usb, db9 serial and card-slot accessory are all available for simultaneous use in advanced network configurations hid compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x includes poweralert auto-shutdown and management software for complete monitoring, reporting and logging of all site and ups operational conditions, plus support for advanced configurations involving load-shedding, remote-reboot and redundant dual-ups applications advanced led indicators offer 5-stage metering of ups load and battery charge levels, plus single-led status indicators for utility power, voltage regulation, on-battery, overload, replace battery and site wiring fault conditions. audible alarms provide notification of on-battery, low-battery and overload conditions. internal batteries offer runtime of 11 minutes half load (1440 watts) and 4 minutes at full load (2880 watts). runtime is expandable with optional bp72v15-2u (limit 1), bp72v28rt-3u (limit 4) and bp72v18-2us (limit 2) external battery packs some external battery configurations require the use of tripp lite's external battery configuration software (see manual) supports 4 post rackmount installation with included accessories; add 2postrmkitwm for 2 post and wallmount applications; add 2-9ustand accessory for upright tower support this product is energy star qualified for its ability to save customers money while helping to protect the environment specifications output output capacity details 2400w max capacity with external battery packs connected output volt amp capacity (va) 3000 output kva capacity (kva) 3 output watt capacity (watts) 2880 output kw capacity (kw) 2.9 power factor 1 nominal output voltage(s) supported 110v; 120v; 127v nominal voltage details 120v default frequency compatibility 50 / 60 hz output voltage regulation (line mode) 120v: -7% +9%, 110v: -8% + 11%, 127v: -9% +9% 2 / 5
output voltage regulation (battery mode) +/-5% output receptacles (6) 5-15r; (1) l5-30r load management receptacles two switchable load banks - bank one consists of 2 5-15r outlets, bank 2 consists of 4 5-15r outlets output circuit breakers 15a (x2) - breaker 1 covers 2 5-15r outlets, breaker 2 covers 4 5-15r outlets, l5-30r outlet is unbreakered output ac waveform (ac mode) pure sine wave output ac waveform (battery mode) onda sinusoidal pura input rated input current (maximum load) 24a nominal input voltage(s) supported 110v ca; 120v ca; 127v ca ups input connection type l5-30p ups input cord length (ft.) 10 ft. ups input cord length (m) 3.05 recommended electrical service 30a 120v input cord length (ft.) 10 input cord length (m) 3 input phase monofsicos battery full load runtime (min.) 4 min. (2880w) half load runtime (min.) 11 min. (1440w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp72v15-2u (lmite 1); bp72v28rt-3u (compatible con multi-paquete); bp72v18-2us (compatible con multi-paquete) dc system voltage (vdc) 72 battery recharge rate (included batteries) less than 4 hours to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc96-rmod2u battery access front panel battery access door battery replacement description hot-swappable, replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 90 to 146 overvoltage correction input voltages between 132 and 146 are reduced by 12% undervoltage correction input voltages between 101 and 110 are boosted by 15% severe undervoltage correction input voltages between 90 and 100 are boosted by 30% 3 / 5
user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced by pressing the on/test/mute switch audible alarm audible alarm indicates on battery, low battery and overload warnings led indicators 14 leds indicate line power, power fail, avr, fault, overload, replace battery and site wiring fault conditions; includes 5 led load and battery charge meter site wiring fault indication includes site wiring fault led surge / noise suppression ups ac suppression joule rating 800 joules emi / rfi ac noise suppression s ac suppression joule rating 800 ac suppression response time instantaneous physical included mounting accessory description 4 post rackmount installation accessories included installation form factors supported with optional accessories rack con 2 postes (2postrmkitwm); soporte de pared (2postrmkitwm); torre (2-9ustand) primary form factor rack ups power module dimensions (hwd, in.) 3.5 x 17.5 x 24 ups power module dimensions (hwd, cm) 8.9 x 44.4 x 61 rack height (u spaces) 2 ups power module weight (lbs.) 87 ups power module weight (kg) 39.5 ups shipping dimensions (hwd / in.) 9.2 x 23.8 x 39.8 ups shipping dimensions (hwd / cm) 23.4 x 60.5 x 101.1 shipping weight (lbs.) 103.9 shipping weight (kg) 47.2 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius 4 / 5
relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 515.4 battery mode btu / hr. (full load) 1594 ac mode efficiency rating (100% load) 95% communications communications interface usb (hid habilitado); db9 serial; epo (apagado de emergencia); ranura para interfaz snmp/web network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb, db9 and epo cabling included line / battery transfer transfer time 10 ms (line to battery) / 4 ms (battery to line) low voltage transfer to battery power (setpoint) 90 high voltage transfer to battery power (setpoint) 146 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features mdulo interno de energa ups de cambio en operacin; bateras de cambio en operacin green energy-saving features bancos de carga controlables individualmente certifications ups certifications calificado energy star; cumple con fcc parte 15 clase a (emi); probado conforme a csa (canad); probado conforme a nom (mxico); probado conforme a ul1778 (ee. uu.) warranty product warranty period (worldwide) garanta de 2 a?os connected equipment insurance (u.s., canada & puerto rico) 250,000 dlares de seguro mximo de por vida ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMART3000RMOD2U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X