Part Number Hot Search : 
Z5225 D1704 NTE15044 2N6071B HD74L 4VHCT0 MAX5913 F06T4
Product Description
Full Text Search
 

To Download SM5200DS-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm5200ds voltage 200 v 5amp. schottky barrier rectifiers 20-mar-2014 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 ? polarity: as marked ? mounting position: any ? weight: 0.7 grams package information package mpq leader size to-252 2.5k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum repetitive p eak reverse voltage v rrm 200 v maximum rms voltage v rms 140 v maximum dc blocking voltage v dc 200 v maximum average forward rectified current i f 5 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 120 a t a =25c 0.92 maximum instantaneous forward voltage @ 5a t a =100c v f 0.75 v t a =25c 0.1 maximum dc reverse current at rated dc blocking voltage (note 3) t a =100c i r 5 ma typical junction capacitance (note 1) c j 350 pf voltage rate of chance (rated v r ) dv / dt 10000 v / ? s typical thermal resistance (note 2) r jc 10 c/w operating & storage temperature t j ,t stg -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. fr4 board heat sink size: 10*10*0.2mm. 3. pulse test: 300us pulse width, 1% duty cycle. pin 2 pin 3 pin 1 to-252(d-pack) a c d n o p g e f h k j m b millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.90 j 2.30 ref. b 4.95 5.50 k 0.64 1.14 c 2.10 2.50 m 0.50 1.14 d 0.43 0.9 n 1.3 1.8 e 6.0 7.5 o 0 0.13 f 2.80 ref p 0.58ref. g 5.40 6.40 h 0.60 1.20
elektronische bauelemente sm5200ds voltage 200 v 5amp. schottky barrier rectifiers 20-mar-2014 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM5200DS-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X