Part Number Hot Search : 
GMS81508 GLZJ10 009503 CPT2206 MAX918 H11D1SD MAX918 KK4558N
Product Description
Full Text Search
 

To Download SKY13437-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [781] 376 - 3000 ? fax [781] 376- 3100 ? sales@skyworksinc.com ? www.skyworksinc.com 201791b ? skyworks proprietary information ? products and product informatio n are subject to change without notice ? january 30, 2013 1 preliminary data sheet sky13437 - 11 : 0.4 - 2. 7 ghz sp1 2 t switch with gpio interface applications ? 2g/3g /4g multimode cellular handsets ( lte, umts, cdma2000, edge, gsm) ? embedded data cards features ? broadband frequency range: 0.4 to 2. 7 ghz ? low insertion loss ? h igh isolation and linearity ? integrated gsm harmonic filter ? integrated gpio interface ? ten trx ports, one gsm low band transmit port, and one gsm high band transmit port ? small mcm (22- pin, 3. 2 x 2.5 x 0. 8 mm) package (msl 3 , 260 c per jedec j - std - 020) desc ription the sky13437 - 11 is a single pole, twelve throw (sp12t) antenna switch with integrated gsm transmit harmonic filter. the sky13437 - 11 maintains a high linearity, high isolation, and low insertion loss performance, which makes it an ideal choice for u mts, cdma2000, edge, gsm, and lte applications. the design features two dedicated gsm transmit ports. the remaining ten ports are suitable for wcdma transmit/receive and gsm receive functions. three transmit ports (trx1, trx2, and trx4) have been specifica lly designed to provide optimal lte band 13 performance. the switch exhibits an excellent triple beat ratio and 2 nd /3 rd order modulation distortion performance. figure 1. sky13437 - 11 block diagram switching is controlled by an integrated gpio interface . depending on the logic applied to the decoder, the antenna pin is connected to one of 12 switched rf ports using a low insertion loss path, while the paths between the antenna pin and the other rf pins are in a high isolation state. no external dc blocki ng capacito rs are required on the rf paths as long as no dc voltage is applied. the sky13437 - 11 is manufactured in a compact, 3. 2 x 2.5 x 0. 8 mm, 22- pin surface mount multi - chip module (mcm) package . a functional block diagram is shown in figure 1. the pin configuration and package are show n in figure 2. signal pin assignments and functional pin descriptions are provided in table 1. http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt 2 +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t figure 2. sky13437 - 11 pinout C 22- pin mcm (top view) table 1. sky13437 - 11 signal descriptions pin # name description pin # name description trx2 v uvuvusu ue gs-5 eu. / sve 2 5 vuvuvusuuegs-5 eu. 5 vuvuvusu 5 vuvuvusus 5 vuvuvus u 4 / sve trx5 vuvuvusu 5 5 vuvuvusus trx4 vuvuvusu uegs-5 eu. 5 vuvuvusus xstvm / groun e vuusmmuh htx 4.ihieustuvusuxui uhsueisgmus vuusmmuh ltx 4.mxeustuvusuxui uhsueisgmus vuusmmuh / sve vuusmmuh /5 usu 22 5 vu vuvusu note uuhsveeemtvtuueuhsve http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs table 2. sky13437 - 11 absolute maximum ratings parameter symbol minimum maximum units 1pxfs tvm v 2. 4 5 v humusm thmt 2, v v 5- C v vuxs 5 5 mm5 t / e e e 4ushusuvs t stg C 55 suhusuvs t C note: tvs uvsuheutgsueesetsevesmmu5istehuexuim sustuuuimuemmuis susttuusmxuismmvehguimutmtueis stvmusuehuuie caution : although this device is designed to be as robust as possible, electrostatic discharge (esd) can damage this device. this devi ce must be protected at all times from esd. static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. industry - standard esd precautions should be used at all times. electrical and mechanical specifications 5ifbctpmvufnbynvnsbuohtpguif 4,: - ssee 5m e musmtgutss ee5m 5m setuiusmmhgsui 4, - . 5itmuusttix5mteseuisu - to - sutmueuiu - to - su tmugsmmmm tuutugvseggsugsrvt.. .e. hvs mmvtusutuiututuvvteutvs usevmu sevut 5itevtustueseeututvteutvmuui .emsuguiutxui e uvvtthmg / ttrvummmeuui 5uisvhi5 sutxim C emlsthm g -, tmeuui/5su 5istvmuh se sesusevmutusu.g rx , is tvsesmm ittgg / . t i 4, - iut umsgsgsmm5 sut http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt 4 +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t table 3. sky13437 - 11 electrical specifications (note 1) (1 of 3) (v dd = 2. 8 5 v, t op = +25 c, characteristic impedance [z o ] = 50 , unless otherwise noted) parameter symbol test condition min typical max units rf specifications otfsuott il 5stumxe mhz 5stuihie . trx /2/4 sut , u. trx sut . trx sut . trx sut . 5sut . 5 orts, . 5sut . trx su , . trx ort , . trx su , . trx sut . trx orts, . trx sut . 5 2 5 5 5 5 5 5 5 5 e e e e e e e e e e e e e e e 4.isuuvu - - - 5stumxeu /5gu . 5stumx eu /5gu . 5stumxeu /5 4 gu . 5stuihieu /5gu . 5stuihieu /5gu . 2 2 e e e e e http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslt txxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs 5 table 3. sky13437 - 11 electrical specifications (note 1) ( 2 of 3) (v dd = 2. 8 5 v, t op = +25 c, characteristic impedance [z o ] = 50 , unless otherwise noted) parameter symbol test condition min typical max units rf specifications (continued) sftoisnod s 5- _ . , gg 5- _ . _ 4 , gg 5 _ . , gg 5 _ . _ 4 , gg _ . , g 5- _ . , gg 5- _ . _ 4 , gg 5 _ . , gg 5 _ . _ 4 , gg 5stu4.mxe / e 4 5stu4.mxe / e 4mmitt 5stu4.ihie / e 4 5st u4.ihie / e 4mmitt /5u5 2 / 4 sut . / <+25 e 4 5stu.mx e / e 4 5stu.mx e / e 4 5stu.ihi e / e 4mmitt 5stu.ihi e / e 4mmitt C 5 5 C 4 2 C C 4 2 C C 2 C C 5 5 C 45 C C 45 C C C C 45 C C 45 e e e e e e e e e tmu iso _ tx iso _ tx trx iso _ tx rx _ iso _ tx 2/ trx _ iso _ tx 2/ rx _ iso _ r x 2/ rx _ 5u5 u. 5u5 t , to mhz 5u s sut /u to mhz 5u5t u. 5us sut /u u. 5u /5xi 5u u. 2 4 2 2 2 . 5 4 4 4.5 .5 5 e e e e e e http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t table 3. sky13437 - 11 electrical s pecifications (note 1) ( 3 of 3) (v dd = 2.85 v, t op = +25 c, characteristic impedance [z o ] = 50 , unless otherwise noted) parameter symbol test condition min typical max units rf specifications (continued) tuodouof iso _ r x rx 2 _ iso _ trx / rx _ iso _ trx / trx _ iso _ trx / trx _ 5 u/5xi 5u u. 5us sut /u u. 5u5 to mhz , non - eut 5u5 u. eut 2 2 2 5 2 2 2 e e e e 2 e sesusevmutusu . sss5sut xui 5 e usgss/5 suxui / C emm mlsgsrvt C C e se sesusevmutusu . sss5sut xui 5 e usgss/5 suxui / C emm mlsgsrvt C C e dc specificat ions uf v 2. 5 2. 5 4 v 4vmvssu 4.4.4 4 ustu .. ustus i 5 5 5 5 hum ontrol thmt hi low vssu v 2, v 4 2 4 5 v v tvmuvs - on/turn - ggu 2 2 s uitxuihu uxui/5sue 5s5sut s 4vmsm - note 1: sgsthvsuemvesuieutmtueuit5m note 2: euessuts55s5 http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslt txxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs table 4. sky13437 - 11 mode control logic insertion loss state v c1 (pin 2 1 ) v c2 (pin 2 0 ) v c3 (pin 19) v c4 (pin 18) ltx htx 5 5 5 5 5 trx5 trx4 5 trx2 5 4mmmsuttmutuu n ote iwumiwu 4 tuuuisuietseuit5mmtuitxuiuvegetuuvegetuuxmmueh uie table 5. port - to - port isolation matrix (1 of 2) on port frequency (ghz) isolation (db ) ltx htx trx1 trx2 trx3 trx4 trx5 trx6 trx7 trx8 trx9 trx10 ltx C C C 52 C C 55 C C 54 C C C 45 C C 52 ltx C C C C C C C C 45 C 42 C C 42 C ltx 2 C C C C 52 C C C C 44 C C C C ltx C C C C 52 C C C C 45 C C C C htx C C C C C C C C 52 C C C 44 C htx C C C C 44 C 45 C 45 C 45 C 42 C 42 C C C htx 2 C C C 44 C 44 C 45 C 44 C 44 C C C C 42 C 44 htx C C C C C 55 C 52 C C C 52 C C C 5 C C C C C C C C 54 C C C 44 C 5 C C C C 22 C C 44 C C 44 C C 42 C C 5 2 C C 44 C C 22 C C 42 C 44 C 42 C C C C 5 C C C C C 25 C C 42 C C C C C 24 trx2 C C C C C C C C 55 C C C C trx2 C C C 25 C C C C C 44 C C C C trx2 2 C C C 24 C C 22 C C 44 C 42 C C C C trx2 C C C C C C C C C C C C 5 C C C C C C C C C C C C 5 C C 45 C C C C C 45 C 44 C C 44 C 42 C 5 2 C C 42 C C 25 C C C C 42 C C 42 C C 5 C C C C C C C C C C C C http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t table 5. port - to - port isolation matrix ( 2 of 2) on port frequency (ghz) isolation (db ) ltx htx trx1 trx2 trx3 trx4 trx5 trx6 trx7 trx8 trx9 trx10 trx4 C C C C C C C C C C C 55 C 52 trx4 C C 44 C C 42 C C C C C C C C 45 trx4 2 C C C 42 C C C C 22 C C C 44 C 45 C 44 trx4 C C C C C C C C C C C 42 C 42 trx 5 C C C C C C C C C C C 55 C trx 5 C C 44 C 44 C C C 25 C C C C C C trx 5 2 C C C 42 C C C 24 C C 22 C C 44 C 45 C 44 trx 5 C C C C C C 22 C C C C C 42 C 42 trx C C C 52 C C C C C C C C 55 C trx C C 44 C 44 C 44 C 44 C C C C C C C trx 2 C C C C 42 C 42 C C 25 C C 22 C C 45 C 44 trx C C C C C C C 22 C C C C 42 C 42 trx C C C 52 C C 52 C C C C C 55 C 54 C trx C C C 44 C 44 C 45 C C C C C 45 C C trx 2 C C C C 42 C C C C 25 C C C 44 C 44 trx C C C C C C C C 22 C C C 42 C trx C C 44 C 42 C 45 C C C C C C C C trx C C C C C C C C 44 C C C 24 C trx 2 C C C C C C C 45 C 42 C C C 24 C trx C C C C C C C C C C C C trx C C C C C 45 C C C C C C C trx C 44 C C C C C 45 C C C C C C trx 2 C 44 C C C C C C 45 C 42 C C C C trx C C 42 C C C C C C C C C C 24 trx C C C C C C C C C C 44 C C trx C C C 24 C C C 45 C C 44 C 44 C C C trx 2 C C 44 C C C C C 45 C 42 C 42 C C C trx C C 42 C C C C C C C C C C http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslt txxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs table 6. anten na - to - port isolation matrix (1 of 2) on port frequency (ghz) isolation (db ) ltx htx trx1 trx2 trx3 trx4 trx5 trx6 trx7 trx8 trx9 trx10 ltx C C C C C C 45 C 44 C 42 C C 44 C C ltx C C C C C C C C C C 42 C C ltx 2 C C C C C C C C C C C C ltx C C C C 52 C C C C C C 45 C C htx C C C 54 C C 54 C C 45 C C 42 C 44 C C htx C C C C C 44 C C C C C C C 44 htx 2 C 25 C C C C 42 C C C C C C C 42 htx C C C C C 42 C C C C C C C 42 5 C C C C C C C C C 42 C C C 5 C C C C C C C C C C C 44 C 5 2 C C C C C C C C C C C 42 C 5 C C C C 25 C C C C C C C C trx2 C 42 C C C C C C C 44 C 42 C C C 44 trx2 C C C C C C C C C C C 45 C trx2 2 C C C C C C C C C C C C trx2 C C C C C 25 C C C C C C C 5 C 42 C C C 42 C C C C 44 C 42 C C C 5 C C C C C C 42 C C C C C 45 C 5 2 C C C C C C C C C C C C 5 C C C C C C C C C C C C trx4 C C C C 54 C C C C C C C C trx4 C C C 44 C 44 C 45 C C C C C C C 44 trx4 2 C C C 42 C 42 C 42 C C C C C C 42 C trx4 C C C C C C C 25 C C C C C trx 5 C C 42 C C 52 C C 44 C C C C C C trx 5 C C C 44 C 44 C C C C C C C C 44 trx 5 2 C C C 42 C 42 C C C C C C C 42 C trx 5 C C C C C C C C 25 C C C C trx C 44 C 42 C C C 54 C C 44 C C C C C trx C C C 44 C 44 C C C C C C C C 44 trx 2 C C C 42 C 42 C C C C C C C 42 C trx C C C C C C C C C 25 C C C trx C C C C C C 45 C C C C C C trx C C C C C 45 C C C C C C C 44 trx 2 C C C 42 C 42 C C C C C C C 42 C 42 trx C C C C C C C C C C C C http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t table 6. anten na - to - port isolation matrix ( 2 of 2) on port frequency (ghz) isolation (db ) ltx htx trx1 trx2 trx3 trx4 trx5 trx6 trx7 trx8 trx9 trx10 trx C C C C C C C 45 C C 42 C C C trx C C C 45 C 45 C C C C C C C C trx 2 C C C C C 45 C C C C C C C trx C C C C C 42 C C C C C C C trx C C C C C C C 45 C C 42 C C C 44 trx C C C C 44 C C C C C C C C trx 2 C C C C C 45 C C C C C C C trx C C C C C C C C C C C C trx C C C C 42 C C C 45 C C 42 C C 44 C trx C C C C C C C C C C C C trx 2 C C C C C C C C C C C C trx C C C C C C C C C C C C figure 3. 3 rd order intermodulation test setup http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslt txxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs evaluation board des cription 5if 4,: - e mvu se tvteuutuui sgsgui 4, - 4 2 54xui . mvu setiuehstseehvs 4 . see 4suusvue hstseehvs 5 . ttmesx hgsuimvusettixhvs . package dimensions 5if1mbzpvugppusougpsuif 4,: - tsee hvs . 5mtslhtstix hvs . lh ettgsui 22- .. stixhvs eu esmettsseehvs . package and handling information otusvdupotpouiftiohdpoubofsmbcfmsfhbseohfyptvsfup nptuvsfbgufsuifdpoubofstfbmtcsplfonvtucfgpmmpfe 0uifstfspcmfntsfmbufeupnptuvsfbctpsu ponbzpddvs ifouifbsuttvckfdufeupihiufnfsbuvsfevsohtpmefs bttfncmz t i 4, - tsueu.tuvs4tuu-m .4- u - gstmesh s eeumgsusgsuui4lxsl tmu/u pcb design and smt assembly/rework guidelines for mcm - l packages epdcs . svtuulxiuuihuitsevuxiuisut evmmssevutmessgmxsu sevurvuutg uitsevustie tuese uesmgsu figure 4. sky13437 - 11 evaluation board schematic http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t figure 5. sky13437 - 11 recommended esd protection circuit s figure 6. sky13437 - 11 evaluation board assembly diagram http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslt txxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs figure 7. sky13437 - 11 pcb layout footprint (top view) figure 8 . typical part markings (top view) http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t figure 9. sky13437 - 11 22- pin mcm package dimensions http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? sky13437 - 11 sp12 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslt txxxtlxslt t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t +vs figure 10. sky13437 - 11 tape and reel d imensions http://www..net/ datasheet pdf - http://www..net/
preliminary data she et ? s ky13437 - 11 sp1 2 t switch with gpio i nterface 4lxpslt4pmvupotodt1ipof - t< - ttmttlxslttxxxtlxslt +vs t4lxsltssusgsut sevutesevu gsu s4vuuihuivu/u t ordering information model name manufacturing part number evaluation board part number 4: - - 2. ghz 4 2 54xui 4, - 4, - - shiu 2 4lxslt4mvutmmhiuttse gs uuitevutseeuxui4lxslt4mvuti4lxsltwsevutstst5itu smtmvehuigsuueisssee 4lxsltttsuutvtustevtegsgs umvsttmuivtus4lxsltttvtsttmugsssststttuitusmtsui gsuueis4lxsltihutevuusevuttsttgutssevuetsu tu uxuivuu4lxsltltuuu veuuiusmtsgsuetimmisttmuxiutsgsgmutumutsuise ggvmutsthgsgvuvsiht /mtxiuisstt metumsuisxtthsueuummuvmssushiutuitevu4lxsltttvtm mugsusmtsevuts gsuseeisvesmvehuitmetusvussevusvtg4lxs ltsevutgsususmtutsee4lxslt5steeutg 4m 5.5-454//.5/i44w55/5/,/544.-4555 54/- /5/44 5-44./5-5./2-5// - //./5//5--5-55--4/5444- 4-.4,,44/5/55.-5/445/ .5/55455.4/5/5/54.5-44,,4 4--/5--/.4/-/5/5-.55/4-/5//5-4555/42/5 -.4/-/55-.55/ -45 /4-455455.4-5.545.5-4/.5/5/55/5.5 -44/45 44-54. 4lxsltsevutsuueegsvtemmgthsmg - s vtuhmutsuisrvuxiiuigmvsgui4lxsltsevutvmemeustmvs euiitmssumeh4lxsltvtustvthstmmh4lxsltsevutgsvttvimute tuui sxstlehsugvmmeg4lxsltgs ehtstvmuhgstvissvtstm vtustssttmgsuissevutemutvth4lxsltsevutxiieugsvmtiet guttstvmu gethegutssstssug sevutvutegvmtiesustsethtgutvtusttivmemveethesuhtghvsetu uiteuisstlt4lxsltttvtmmugs muttttu vtussevuethsehurvustvmuhgsuivtg4lxsltsevutvutegtuuevmti etgutssust 4lxsltui4lxslttmeisluisvhi4muwsusesltsshtuseuses ltg4lxslt4mvutuiue4uuteuisvust5ise - suset etsgseuguvsttmesuissuguisstuxsteeumgsum vehsmuusteeut tueuxxxtlxslt sssuesgs http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SKY13437-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X