Part Number Hot Search : 
SB180 ISL58315 BC547 4749A 112N101A MMSZ43 ACE50528 BFXXXX
Product Description
Full Text Search
 

To Download SF14G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - high efficiency, low vf - high current capability - high reliability - low power loss - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf t j o c t stg o c document number: ds_d1401007 version: f14 a sf11g thru sf18g taiwan semiconductor glass passivated su p er fast rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data case: do-204al (do-41) do-204al (do-41) weight: 0.35 g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol sf 11g sf 12g sf 13g sf 14g sf 15g sf 16g sf 17g v sf 18g unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 1 35 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a maximum instantaneous forward voltage (note 1) @ 1 a v f 0.95 1.3 1.7 typical junction capacitance (note 3) 20 10 operating junction temperature range - 55 to +150 maximum reverse current @ rated vr t j =25 t j =125 i r 5 100 maximum reverse recovery time (note 2) storage temperature range - 55 to +150 note 1: pulse test with pw=300 s, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. typical thermal resistance r jl r ja 20 o c/w 80
creat by art part no. part no. sf18g sf18g (ta=25 unless otherwise noted) document number: ds_d1401007 version: f14 sf11g thru sf18g taiwan semiconductor ordering information packing code green compound code package packing sf1xg (note 1) a0 suffix "g" do-41 3,000 / ammo box (52mm taping) r0 do-41 5,000 / 13" paper reel r1 do-41 5,000 / 13" paper reel (reverse) b0 do-41 1,000 / bulk packing note 1: "x" defines voltage from 50v (sf11g) to 600v (sf18g) example preferred p/n packing code green compound code description ratings and characteristics curves sf18g a0 a0 sf18g a0g a0 g green compound 0.0 0.5 1.0 1.5 0 255075100125150175 average forward current (a) ambient temperature ( o c) fig.1- maximum average forward current derating resistive or inductive load 0 5 10 15 20 25 30 35 110100 peak forward surge current (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig.2- typical reverse characteristics tj=25 tj=75 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 4- typical forward characteristics sf17g-sf18g pulse width=300 s 1% duty cycle sf15g-sf16g sf11g-SF14G
creat by art min max min max a 2.00 2.70 0.079 0.106 b 0.71 0.86 0.028 0.034 c 25.40 - 1.000 - d 4.20 5.20 0.165 0.205 e 25.40 - 1.000 - p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1401007 version: f14 marking diagram sf11g thru sf18g taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 0 10 20 30 40 50 60 70 0.1 1 10 100 1000 junction capacitance (pf) reverse voltage (v) fig. 5- typical junction capacitance sf15g-sf18g sf11g-SF14G f=1.0mhz vsig=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1401007 version: f14 sf11g thru sf18g taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of SF14G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X