Part Number Hot Search : 
A2700 2SC33 MKP1841 SZ453G 2SC33 STPS1 2SC33 BYV26E
Product Description
Full Text Search
 

To Download SF14G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 sf11g - sf18g 1.0 amp. glass passivated super fast rectifiers do-41 features  high efficiency, low vf  high current capability  high reliability  high surge current capability  low power loss.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  case: molded plastic  epoxy: ul 94v-0 rate flame retardant  lead: pure tin plated, lead free., solderable per mil-std-202, method 208 guaranteed  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375?,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension  mounting position: any  weight: 0.35 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sf 11g sf 12g sf 13g sf 14g sf 15g sf 16g sf 17g sf 18g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current .375 (9.5mm) lead length @t a = 55 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 0.95 1.3 1.7 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 100 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 20 10 pf typical thermal resistance r ja r jl 80 20 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. mount on cu-pad size 5mm x 5mm on pcb.
fig.6 - revers e recove r y tim e characteristi c an d tes t circui t diagram 50 noninductive non inductive oscilloscope (not e 1) pulse gener a t or (not e 2) dut (+) 50vdc (approx) (-) notes : 1 . ris e t ime=7n s max . inpu t impedance= 1 megoh m 22pf 2 . ris e t ime=10n s max . sours e impedance= 5 0 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (sf11g thru sf18g) fig.5- typical forward characteristics instantaneous for ward current . (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o sf11g~SF14G sf15g~sf16g sf17g~sf18g fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 0.1 1 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 tj=75 c 0 instantaneous reverse current .( a) fig.3- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 5 10 25 20 30 number of cycles at 60hz 8.3ms single half sine wave jedec method 35 15 0 fig.4- typical junction capacitance junction cap acitance.(pf) 0.1 0.5 1 5 2 10 20 50 100 200 1000 10 20 30 40 50 60 70 reverse voltage. (v) sf11g~SF14G sf15g~sf18g tj=25 c 0 500 0.2 0 version: a06 fig.1- maximum average forward current derating average for ward current .(a) 0 25 50 100 150 175 125 75 0 1.0 1.5 0.5 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length


▲Up To Search▲   

 
Price & Availability of SF14G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X