Part Number Hot Search : 
PB0124 ELH0101K A8180SLU 11390034 78002 CD4026 TLV431 TEVAL
Product Description
Full Text Search
 

To Download RFVA2017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 9 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos 1 7 8 2 gnd 3 vpc 4 nc 5 6 gnd voltage variable attenuator vcc rf out rf in vctrl RFVA2017 analog controlled variable gain amplifier rfmd?s RFVA2017 is a fully integrated analog controlled variable gain amplifier featuring exceptional linearity over a greater than 19db gain con- trol range. this variable gain amplifier is controlled by a single 0v to 3.3v positive supply voltage. the RFVA2017 is packaged in a small 7mm x 7mm leadless laminate mcm which contains thermal vias for ultra low thermal resistance. this module is internally matched to 50 ? and is easy to use with no external matching components required. features ? 2260mhz to 2440mhz operation ? gain = 24db typical ? gain adjustment range >19db ? acpr = -66dbc typ. at +12dbm p out (dual carrier wcdma) ? small 7mm x 7mm, multi-chip module applications ? cellular, 3g and 4g infrastructure ? wibro, wimax, lte ? microwave radio ? high linearity power control ds141202 ? ? package: mcm, 7mm x 7mm RFVA2017ana- log controlled variable gain amplifier RFVA2017sq sample bag with 25 pieces RFVA2017sr 7? sample reel with 100 pieces RFVA2017tr7 7? reel with 1500 pieces RFVA2017tr13 13? reel with 2500 pieces RFVA2017pck-410 2260mhz to 2440mhz pcba with 5-piece sample bag not for new design
2 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit max device current 770 ma max device voltage 5.5 v max control line voltage 6 v max rf input power* 25 dbm max junction temp (t j )+ 1 5 0 c max storage temp +150 c thermal resistance (junction to backside of module) 14.8 c/w esd class 1c (1000v min) moisture sensitivity level msl3 *load condition: z l = 50 ? parameter specification unit condition min. typ. max. frequency 2260 2440 mhz temperature range -40 25 85 c operating range gain 21 24 27 db min attenuator setting nominal operating output power 12 dbm operating power for acpr rating output ip3 40 44 dbm in high gain setting p1db 25 29 dbm in high gain setting acpr -60 -66 dbc dual carrier wcdma, 7.5db cf at nominal operating power; over full attenuation range gain flatness 0.2 0.4 db over 50mhz bw gain adjustment range 19 22 db control voltage range 0 3.3 v noise figure 4.3 5.3 db min attenuator setting impedance 50 ? input return loss 14 22 db over attenuation range output return loss 14 23 db over attenuation range supply voltage 4.75 5.0 5.25 v supply current 300 460 600 ma max current at -40c supply current (vpc = 0v) 120 126 140 ma output amplifier shutdown total current caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the device under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro device s, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rohs (restriction of hazardous substances): compliant per eu directive 2002/95/ec. not for new design
3 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . not for new design
4 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . not for new design
5 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board schematic evaluation board bill of materials (bom) description reference designator manufacturer manufacturer?s p/n evaluation board ddi rfvax007l410(a) cap, 1 ? f, 10%, 10v, x5r, 0402 c7, c9-c10 murata electronics grm155r61a105ke15d res, 0 ???? 0402 r1 kamaya, inc rmc1/16sjpth conn, sma, end launch, univ, hyb mnt, flt j1-j2 heilind electronics per mat-21-1038 conn, hdr, st, plrzd, 4-pin, 0.100? p2 itw pancon mpss100-4-c conn, hdr, st, plrzd, 2-pin, 0.100? p1 itw pancon mpss100-2-c dnp c1, c3-c4, c6, c11-c12, r3-r5 RFVA2017 module u1 rfmd RFVA2017 not for new design
6 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . pin table and description pin function description 1rfin rf input pin. internal dc block. 2gnd ground pin. 3vpc power up/down control for 2nd stage amplifier. apply v cc to power on 2nd stage amplifier. apply 0v to disable 2nd stage amplifier. do not exceed v cc + 0.5v. connect to v cc if not needed. decoup ling capacitor may be desired on application board for control line noise. 4nc no connection. 5vcc power supply for the module. recommending 1 ? f decoupling cap on the application board. 6gnd ground pin. 7rfout rf output pin. internal dc block. 8vctrl gain control voltage; 0v to 3.3v range. maximum gain at 0v. recommending 0.1 ? f decoupling on the applica- tion board. center pad gnd center ground pads need to have a good thermal path on the application board. use solder stencil pattern shown in the document to define solder paste during assembly. not for new design
7 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . application schematic (without using final stage amplifier power down control) application schematic (using final stage amplifier power down control) 1 7 8 2 gnd 3 vpc 4 nc 5 6 gnd voltage variable attenuator rf out rf in 1 uf vcc vcntrl 0.1 uf 1 7 8 2 gnd 3 4 nc 5 6 gnd voltage variable attenuator rf out rf in 1 uf vcc vcntrl 0.1 uf 0.1 uf vpc not for new design
8 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing branding diagram not for new design
9 of 9 RFVA2017 ds141202 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board assembly drawing pcb design requirements not for new design


▲Up To Search▲   

 
Price & Availability of RFVA2017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X