Part Number Hot Search : 
2SC4159 SZ5710 GS25U15 330KL 4N03L XSCC1 2SB1317 FSH10A04
Product Description
Full Text Search
 

To Download NB3N108K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 april, 2012 ? rev. 6 1 publication order number: NB3N108K/d NB3N108K 3.3v differential 1:8 fanout clock data driver with hcsl outputs description the NB3N108K is a differential 1:8 clock fanout buffer with high ? speed current steering logic (hcsl) outputs optimized for ultra low propagation delay variation. the NB3N108K is designed with hcsl pci express cl ock distribution and fbdimm applications in mind. inputs can directly accept differential lvpecl, lvds, hcsl signals per figures 7, 8, and 9. single ? ended lvpecl, hcsl, lvcmos, or lvttl levels are accepted with a proper external v th reference supply per figures 4 and 10. input pins incorporate separate internal 50  termination resistors allowing additional single ended system interconnect flexibility. output drive current is set by connecting a 475  resistor from i ref (pin 1) to gnd per figure 6. outputs can also interface to lvds receivers when terminated per figure 11. the NB3N108K specifically guarantees low output?to?output skews. optimal design, layout, and processing minimize skew within a device and from device to device. system designers can take advantage of the NB3N108K?s performance to distribute low skew clocks across the backplane or the motherboard. features ? typical input clock frequency 100, 133, 166, or 400 mhz ? 220 ps typical rise and fall times ? 800 ps typical propagation delay ?  tpd 100 ps maximum propagation delay variation per each diff pair ? 0.1 ps typical integrated phase jitter rms ? operating range: v cc = 3.0 v to 3.6 v with v ee = 0 v ? differential hcsl output levels ? lvds output levels with interface termination ? these are pb ? free devices applications ? clock distribution ? pcie i, ii, iii ? networking and communications ? high end computing ? routers end products ? servers ? fbdimm memory card ? ethernet switch/routers *for additional marking information, refer to application note and8002/d. qfn32 mn suffix case 488am marking diagram* http://onsemi.com figure 1. simplified logic diagram q0 q0 q1 q1 q6 q6 q7 q7 clk clk v cc gnd r ref iref see detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ordering information vtclk vtclk 32 1 nb3n 108k awlyywwg 1 a = assembly location wl = wafer lot yy = year ww = work week g = pb ? free package
NB3N108K http://onsemi.com 2 figure 2. pinout configuration (top view) 1 2 3 4 5 6 7 8 9 10111213141516 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 NB3N108K iref vtclk clk clk vtclk gnd vcc q7 q7 q6 q6 vcc nc nc nc nc vcc q3 q3 q4 q4 vcc vcc q0 q0 q1 q1 vcc q5 q5 q2 q2 exposed pad (ep) table 1. pin description pin name i/o description 1 iref use the iref pin to set the output drive. connect a 475  rref resistor from the iref pin to gnd to produce 2.6 ma of iref current. a current mirror multiplies iref by a factor of 5.4x to force 14 ma through a 50  output load. see figures 6 and 12. 2, 5 vtclk, vtclk ? internal 50  termination resistor connection pins. in the differential configuration when the input termination pins are connected to the com- mon termination voltage, and if no signal is applied then the device may be susceptible to self ? oscillation. 3 clk lvpecl hcsl, lvds input clock (true) input 4 clk lvpecl hcsl, lvds input clock (invert) input 12, 14, 18, 20, 22, 26, 28, 30 q[7 ? 0]b hcsl or lvds (note 1) output output (invert) (note 1) 13, 15, 19, 21, 23, 27, 29, 31 q[7 ? 0] hcsl or lvds (note 1) output output (true) (note 1) 6, 7, 10, 11 nc no connect 8 gnd ? supply ground. gnd pin must be externally connected to power supply to guarantee proper operation. 9, 16, 17, 24, 25, 32 vcc ? positive voltage supply pin. vcc pins must be externally connected to a power supply to guarantee proper operation. exposed pad ep gnd exposed pad. the thermally exposed pad (ep) on package bottom (see case drawing) must be attached to a sufficient heat ? sinking conduit for proper thermal operation and electrically connected to the circuit board ground (gnd). 1. outputs can also interface to lvds receiver when terminated per figure 11.
NB3N108K http://onsemi.com 3 table 2. attributes characteristic value esd protection human body model machine model >2 kv 200 v moisture sensitivity (note 2) qfn ? 52 level 1 flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in transistor count 286 meets or exceeds jedec spec eia/jesd78 ic latchup test 2. for additional information, see application note and8003/d. table 3. maximum ratings (note 3) symbol parameter condition 1 condition 2 rating unit v cc positive power supply gnd = 0 v 4.6 v v i positive input gnd = 0 v gnd ? 0.3 v i v cc v i out output current continuous surge 50 100 ma ma t a operating temperature range qfn32 ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) (note 3) 0 lfpm 500 lfpm qfn32 qfn32 31 27 c/w c/w  jc thermal resistance (junction ? to ? case) 2s2p (note 3) qfn32 12 c/w t sol wave solder pb ? free 265 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 3. jedec standard 51 ? 6, multilayer board ? 2s2p (2 signal, 2 power) with eight filled thermal vias under exposed pad.
NB3N108K http://onsemi.com 4 table 4. dc characteristics (v cc = 3.0 v to 3.6 v, t a = ? 40 c to +85 c note 4) symbol characteristic min typ max unit i gnd gnd supply current (all outputs loaded) 60 90 ma i cc power supply current (all outputs loaded) 190 230 ma i ih input high current 2.0 150  a i il input low current ? 150 ? 2.0  a r tin internal input termination resistor 45 50 55  differential input driven single ? ended v th input threshold reference voltage range (note 5) 350 v cc ? 1000 mv v ih single  ended input high voltage v th + 150 v cc mv v il single  ended input low voltage gnd v th ? 150 mv differential inputs driven differentially (figures 7, 8 and 9) v ihd differential input high voltage 425 v cc ? 850 mv v ild differential input low voltage gnd v cc ? 1000 mv v id differential input voltage (v ihd  v ild ) 150 v cc ? 850 mv v cmr input common mode range 350 v cc ? 1000 mv hcsl outputs (figure 4) v oh output high voltage 600 740 900 mv v ol output low voltage ? 150 0 150 mv note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. measurements taken with with outputs loaded 50  to gnd, see figure 6. connect a 475  resistor from iref (pin 1) to gnd per figure 6. 5. v th is applied to the complementary input when operating in single ended mode per figure 4.
NB3N108K http://onsemi.com 5 table 5. ac characteristics v cc = 3.0 v to 3.6 v, gnd = 0 v; ? 40 c to +85 c (note 6) symbol characteristic min typ max unit v outpp output voltage amplitude (@ v inppmin ) f in 400 mhz 725 1000 mv t plh , t phl propagation delay (see figure 3a) clk/clk to qx/qx 550 800 1100 ps  t plh ,  t phl propagation delay variation per each diff pair (note 7) (see figure 3a) clk/clk to qx/qx 100 ps t skew duty cycle skew (note 8) within ? device skew device to device skew (note 9) 20 100 150 ps t jit  integrated phase jitter rms (note 10) 0.1 ps v inpp input voltage swing/sensitivity (differential configuration) 0.150 v cc ? 0.85 v v cross absolute crossing magnitude voltage (see figure 3b) 250 550 mv  v cross variation in magnitude of v cross (see figure 3b) 150 mv t r , t f absolute magnitude in output risetime and falltime (from 175 mv to 525 mv) (see figure 3b) qx, qx 150 220 400 ps  tr,  tf variation in magnitude of risetime and falltime (single ? ended) (see figure 3b) qx, qx 125 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. measured by forcing v inpp (min) from a 50% duty cycle. measurement taken with all outputs loaded 50  to gnd per figure 6. connect a 475  resistor from iref (pin 1) to gnd per figure 6. 7. measured from the input pair crosspoint to each single output pair crosspoint across temp and voltage ranges per figure 3. 8. duty cycle skew is measured between differential outputs using the deviations of the sum of t pw ? and t pw+ . 9. skew is measured between outputs under identical transition conditions @ 50 mhz. 10. phase noise integrated from 12 khz to 20 mhz. figure 3. ac reference measurement clk clk q q t p lh t p hl v inpp = v ih (clk) ? v il (clk) = v ih (clk ) ? v il (clk ) v outpp = v oh (q x ) ? v ol (q x ) = v oh (q x ) ? v ol (q x )  t p lh  t p hl t r t f 525 mv 175 mv 525 mv 175 mv  v cross v cross tr max ? tr min =  t r tr min tf max ? tf min =  t f tf min tf max tr max (a) propagation delay and propagation delay variation (b) tr, tf and  tr,  tf (c) vcross and  vcross q x q x q x q x q x q x
NB3N108K http://onsemi.com 6 figure 4. single ? ended interconnect v th reference voltage clk v th clk v th v cc v ee v cmrmin v cmrmax v cmr in in v ihdmax v ildmax v id = v ihd ? v ild v ihdtyp v ildtyp v ihdmin v ildmin figure 5. v th diagram figure 6. typical termination configuration for output driver and device evaluation a . connect 475  resistor rref from iref pin to gnd. b . r s1 , r s2 : 0  for test and evaluation. select to minimizing ringing. c . c l1 , c l2 : receiver input simulation (for test only not added to application circuit. d . d l1 , d l2 termination and load resistors located at received inputs. c l1 c 2 pf c l2 c 2 pf z 0 = 50  z 0 = 50  receiver r s1 b r s2 b NB3N108K hcsl driver r ref a r l1 d 50  r l2 d 50  qx qx iref 50  v tclk = v tclk = v cc ? 2.0 v lvpecl driver z 0 = 50  z 0 = 50  v cc = 3.3 v / 2.5 v v cc = 3.3 v gnd gnd 50  v tclk v tclk figure 7. lvpecl interface *rtin, internal input termination resistor 50  v tclk = v tclk lvds driver z 0 = 50  z 0 = 50  v cc = 3.3 v / 2.5 v / 1.8 v v cc = 3.3 v gnd gnd 50  v tclk v tclk clk figure 8. lvds interface *rtin, internal input termination resistor NB3N108K NB3N108K clk clk clk
NB3N108K http://onsemi.com 7 50  v tclk = v tclk = gnd hcsl driver z 0 = 50  z 0 = 50  v cc = 3.3 v / 2.5 / 1.8 v v cc gnd gnd 50  v tclk v tclk figure 9. standard 50  load hcsl interface *rtin, internal input termination resistor NB3N108K gnd 50  v tclk = open lvcmos/ lvttl driver z 0 = 50  v cc = 3.3 v / 2.5 / 1.8 v v cc gnd gnd 50  v tclk v tclk *rtin, internal input termination resistor NB3N108K figure 10. lvcmos/lvttl interface clk = v th v th v tclk = open clk clk clk clk figure 11. hcsl interface termination to lvds hcsl device lvds device qx qx z o = 50  z o = 50  r l = 150  r l = 150  100  100  gnd iref r ref NB3N108K figure 12. hcsl simplified output structure r ref r l1 r l2 qx qx iref 2.6 ma 475  50  50  14 ma
NB3N108K http://onsemi.com 8 ordering information device package shipping ? NB3N108Kmng qfn32 (pb ? free) 74 units / rail NB3N108Kmnr4g qfn32 (pb ? free) 1000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
NB3N108K http://onsemi.com 9 package dimensions qfn32 5*5*1 0.5 p case 488am ? 01 issue o seating 32 x k 0.15 c (a3) a a1 d2 b 1 9 16 17 32 2 x 2 x e2 32 x 8 24 32 x l 32 x bottom view exposed pad top view side view d a b e 0.15 c pin one location 0.10 c 0.08 c c 25 e a 0.10 b c 0.05 c notes: 1. dimensions and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.25 and 0.30 mm terminal 4. coplanarity applies to the exposed pad as well as the terminals. plane dim min nom max millimeters a 0.800 0.900 1.000 a1 0.000 0.025 0.050 a3 0.200 ref b 0.180 0.250 0.300 d 5.00 bsc d2 2.950 3.100 3.250 e 5.00 bsc e2 e 0.500 bsc k 0.200 ??? ??? l 0.300 0.400 0.500 2.950 3.100 3.250 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.50 pitch 3.20 0.28 3.20 32 x 28 x 0.63 32 x 5.30 5.30 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. sc illc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems in tended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scill c and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding th e design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resa le in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 NB3N108K/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NB3N108K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X