Part Number Hot Search : 
KTLP350S LSC3100 2CZ4005 6M000 599PG2C MJE34 M69AR UFT12520
Product Description
Full Text Search
 

To Download MPA1948A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input characteristics:ta=25 min typ max units input voltage operating range 90 100/242 267 vac input frequency 47 50/60 63 hz inrush current ac100v 25 cold start 10 a ac242v 25 cold start 20 a model name input current(typ) power factor (typ) input power(typ) i nput rated capacity at max current at max current at max current output voltagev output voltagev output voltagev output voltagev ac90v ac267v ac100v ac242v ac100v ac242v MPA1948A 0.49a 0.18a 0.994 0.939 43.2w 42.2w mpa1948b 0.42a 0.16a 0.991 0.916 37.0w 36.4w mpa1948c 0.35a 0.14a 0.989 0.887 31.1w 31.0w mpa1948d 0.30a 0.13a 0.983 0.853 26.5w 26.8w mpa1948e 0.39a 0.15a 0.988 0.894 33.2w 32.9w stand-by power non-communication state a c100 v 0.13w , ac242v 0.23w output characteristics(*1)ta=25 model name min*2 max ac100v ac242v ac100v ac242v MPA1948A 7 35ma 700ma 108ma 77.9% 77.3% 81.8% 83.8% mpa1948b 6 30ma 600ma 102ma 76.8% 76.2% 80.9% 82.5% mpa1948c 5 25ma 500ma 81ma 76.2% 75.1% 81.1% 81.4% mpa1948d 4.2 21ma 425ma 79ma 75.3% 72.6% 80.7% 79.6% mpa1948e 5.4 27ma 540ma 100ma 76.8% 76.1% 81.3% 82.1% (*1)output characteristics are measured by le-5150-2(keisokugik en) as a led-load . ripple currentp-p output voltage30v typat max current 30 50v 30 50v 40va 38va 33va 35va model name output voltage range output voltage50v average current(typ) max current(5% 600ma 30 50v mpa1948e 540ma output current5%) 30 50v 700ma 500ma MPA1948A mpa1948b efficiencytyp at max current mpa1948d 425ma 30 50v 31va product specification mpa1948 y series power supply for led constant current power supply ordering guide mpa1948c rohs-y b) () p y ( ) (*2depend on dimming method. max current value(15% environmental characteristics: condition min typ max units operating temp. range -10 (*) 50 operating humidity non-condensing 595 % storage temp. range -20 55 cooling condition natural air cooling mtbf eiaj rcr-9102b 10 year estimated life ta=50, max voltage/max load 50000 hour weight 480 g sinusoidal vibration vibration frequency1055hzvibration acceleration2g shock 10g rohs compliant warranty 1 year manufacturing country china *start-up at -20 safety: safety standards electrical appliance safety low (1st clause) en61347-1, en61347-2-13cb report) harmonics en61000-3-2 class c conducted emission pse1st clause)en55015 class b, en55022 class b insulation resistance 30m or moreinput to output-reinforcedinput to chassis-basic withstand voltage ac4000v60hzprimary-secondaryleak current10ma or less ac1600v60hzprimary-fgleak current10ma or less leakage current 1rms or lessac242v60hznormal temperature/normal humidity) protection characteristics: *input ac again 10 seconds later. **when led is connected, be careful to be possible to flow ru sh current to led. immunity: electrostatic discharge iec61000-4-2 level3 electrical fast transient burst iec61000-4-4 level3 surge iec61000-4-5 level3 over voltage protection over current protection latching output open protection auto recovery** auto recovery** operating on/offrepeat return method 0.8a or more 60v or more ac re-input* on/offrepeat conditions 1/8 product specification mpa1948series
mechanical dimensions?label tolerance lQ lQ lQ product specification mpa1948 y series power supply for led rangeofdimension toleranceofoutline l Q lQ lQ lQ ldimension unitmm label1 exMPA1948A 2/8 mpa1948series product specification
input/output terminal ac input wire parts name output connector connector no. terminal 1 and 2 are same volt age. terminal 3 and 4 are same voltage. signal connector connector no. cn301no polarity instruction for connecting conductor fg maker type name terminal no. description acneutral 2 aclive product specification mpa1948 y series power supply for led 3 maker type name terminal no. cn1 / wago 1 description maker type name terminal no. description cn01 / wago 1 led output cathode 2 led output cathode 3 led output+ anode 4 led output+ anode cn201 b4b-ph-k-s jst 1 3.3v 2 uart_rxreception uart_txtransmission 4 gnd 3 cn301 / wago) 1 daliorpwmsignal 2 daliorpwmsignal structure : part name and structure of terminal block. product specification 3/8 mpa1948series
stripping of wire please strip a conductor's stripped length related as drawing s. please fix splayed, bent or twisted wire. connecting please follow the instructions product specification mpa1948 y series power supply for led insert a wire to the wire hole. a wire must be inserted to a stop position. pull a wire slightly to check if connecting has been done completely. removal please follow the instructions product specification 4/8 mpa1948series p position. g has been done completely. put a screwdriver to the operating slot. hold down a screwdriver, a conductor can be releaase put off a screwdriver.
dimming specifications this product supports uart, dali and pwm mode. in the case of uart, dali and pwm dimming mode, change a dip s witch (sw401) product specification mpa1948 y series power supply for led to each mode before ac input. (refer as follows) dimming sw401 posisiondali side use a murata special module about uart. input connector uart cn201 ieee802.15.4product description communication standard?dimming specifications dali cn301 ic238 sw401 posisiondali side input pulse 10-16vo-p fre q uenc y 100hz1khz duty 095%typ ex. output currentduty 0%???700ma95%???offf:1khz output currentduty 0%???700ma 98%???offf:100hz sw401 posisionpwm side di i h i i m i dali c301 pwm cn301 dimming characteristics masterpiece 200 300 400 500 600 700 800 io(ma uart-dimming curve logarithm 700 800 dali-dimming curve 0 100 200 300 1 9 17 25 33 41 49 57 65 73 81 89 97 105 113 121 129 137 145 153 161 169 177 185 193 201 209 217 225 233 241 249 io ( step 1 254 0 100 200 300 400 500 600 700 800 1 9 17 25 33 41 49 57 65 73 81 89 97 105 113 121 129 137 145 153 161 169 177 185 193 201 209 217 225 233 241 249 io(ma) step 1 254 linear logarithm 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 step 1 254 200 300 400 500 600 700 800 io(ma pwm-dimming curve pwm:100hz pwm:1khz 5/8 product specification mpa1948series 0 100 200 300 400 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 io( m pwm-duty % pwm:1khz
instruction manual before using the power supply unit pay attention to all warnings and cautions before using the psu. incorrect usage could lead to an electrical shock, damage t o the psu or a fire hazard. warning & caution ?do not modify and remove the cover. ?if any failure or trouble occurs because of utilizing the pow er supply unit without reflecting the described contents on this specification, murata cannot ass ure such trouble. ?do not touch the internal com ponents, they may have high volt age or high temperature. you may get electrical shock or burned. ?definitely avoid to use the power supply unit by the excessi ve input voltage, output voltage, output current and ambient temperature as defined on this sp ecification. the excessive current, voltage and temperature will cause th e deterioration of the components or abnormal heat, both of which may affect not only to shor ten the unit's life-long but also to damage and break the unit. in a case of led vf 30v or less because of led chip dispersio n, please make sure to evaluate and confirm the quality upon mounting the power supply unit to your product. but don't use it under the led vf 25v or less. ?use the psu after confirm t he correct connection of input and output. ?be sure not to scratch and dama ge the input leads. never tran sfer the unit by holding and pulling any lead wire. if psu i d d b l t l t t it product specification mpa1948 y series power supply for led ?if psu is dropped, absolutely not to use it any more. ?make sure not to install and/or store the unit under the envi ronment as stated below because such will cause the insulation deterioration. make sure to avoid storing the unit under the condition of high temperature, high humidity or direct sunlight which are out of the standard on this specification. ambient air containing the corrosive gas. (cl2, h2s, nh3, so2, nox, etc.) places which have the fear to be splashed with water, oil, org anic solvent, etc. places with a high concentration of dusty places. other environment correspondingly mentioned above. ?make sure not to install and/or store the unit under the envi ronment as stated below because such will cause the insulation deterioration. if any alien substance attached on terminals, it may cause the contact failure or insertion deterioration. the use of the silicon rubber or silicon bond which contain a high percentage of dimethylpolysiloxane may cause to trigger the contact failure o f volume, potentiometer volume or switch. make sure to use such rubber or bond with the percentage of dimethylpolysiloxane 0.1% or less. ?psu can not be used under the condition of the series operati on. ?rust may occur in the chassis because of use environment. ?this specification regulates the quality of the power unit, i f nothing specially defined. when using the power supply unit, make sure to evaluate and confirm the quality upon mounting the power supply unit to your product. product specification 6/8 mpa1948series
mounting ?please use the place at 50 or less around the psu ambient. ?please connect the thick and short wire to the fg terminal for safety and emi. ?please separate input wire and output wire surely. ?please refer as follows about the recommended wire for input, output and dimming. ac-intput wire0.8-1.6mm0.5-2.5mOsingle wirestrip length 9-10mm) led output wire/dimming wire for dali and pwm 0.8-1.2mm0.5-1.5mO single wirestrip length 9-10mm) ?please fix a screw about the installation of the power supply more than one place of one side. (more than two places in total) screw hole3 .544.52 parallel operation ?series operation is not possible. ?for parallel operation, either method (1) or (2) is possible. but please caution as follows. *psu output [] and [] are connected in psu [ ]arethesame product specification mpa1948 y series power supply for led mounting method *psu output [] and [] are connected in psu . [] are the same . therefore this psu are not 2 output. parallel 1in a case of operating the plural leds for one power supply. if led vf voltage are different, the current may be partial. please add a balance circuit not to become so. parallel 2in a case of operating twe power supplies for one le d. the total current of two power supplies pass through in the le d. and please confirm the leakage current as the system. product specification 7/8 mpa1948series psu output terminal psu output terminal led load psu output terminal led load led load
packing specification use for the model mpa1948 series. no. q'ty 11/12 22/12 31/12 4 12/12 packing process : note: 1. it contains 12 pieces of product in every box. product specification mpa1948 y series power supply for led parts name packing box base pad partition board small pe bag label side cn101 is on the top (2) (4) product specification 8/8 mpa1948series figture.1 ach29 (1) (2) (3) 400mm 320mm 300mm


▲Up To Search▲   

 
Price & Availability of MPA1948A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X