Part Number Hot Search : 
KIA378 1010A 342A138 MAX15022 KBPC10 NSSW088 FCM7002 SCD110H
Product Description
Full Text Search
 

To Download LMBT5401LT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. maximum ratings rating symbol v alue unit collector?emitter voltage v ceo ? 150 vdc collector?base voltage v cbo ? 160 vdc emitter?base voltage v ebo ? 5.0 vdc collector current ? continuous i c ? 500 madc high voltage transistor thermal characteristics characteristic symbol max unit total device dissipation fr- 5 board (1) p d 225 mw t a =25 c derate above 25c 1.8 mw/c thermal resistance, junction to ambient r ja 556 c/w total device dissipation p d 300 mw alumina substrate, (2) t a = 25c derate above 25c 2.4 mw/c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c device marking lmbt5401lt1g=2l electrical characteristics (t a = 2 5 c unless otherwise noted) characteristic symbol min max unit off characteristics collector?emitter breakdown voltage v (br)ceo vdc (i c = ?1.0 madc, i b = 0) ? 150 ? collector?base breakdown voltage v (br)cbo vdc (i c = ?100 adc, i e = 0) ? 160 ? emitter-base breakdown voltage v (br)ebo vdc (i e = ?10 adc,i c =0) -5.0 ? collector cutoff current i cbo (v cb = ?120 vdc, i e = 0) ? ? 50 nadc (v cb = ?120 vdc, i e = 0, t a =100 c) ? ? 50 adc 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 1 sot? 23 lmbt5401lt1g 2 emitter 3 collector 1 base device marking and ordering information device marking shipping lmbt5401lt3g 2l 10000/tape&reel feature ? compliance with rohs requirements. we declare that the material of product 2 3 rev.o 1/5 s-lmbt5401lt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. lmbt5401lt1g 2l 3000/tape&reel s-lmbt5401lt1g s-lmbt5401lt3g
leshan radio company, ltd. lmbt5401lt1g , s-lmbt5401lt1g electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics (2) dc current gain h fe ?? (i c = ?1.0madc, v ce = ?5.0 vdc) 50 ?? (i c = ?10 madc, v ce = ?5.0 vdc) 60 240 (i c = ?50 madc, v ce = ?5.0 vdc) 50 ?? collector?emitter saturation voltage v ce(sat) vdc (i c = ?10 madc, i b = ?1.0 madc) ?? ? 0.2 (i c = ?50 madc, i b = ?5.0 madc) ?? ? 0.5 base?emitter saturation voltage v be(sat) vdc (i c = ?10 madc, i b = ?1.0 madc) ?? ? 1.0 (i c = ?50 madc, i b = ?5.0 madc) ?? ? 1.0 small?signal characteristics current?gain ? bandwidth product f t mhz (i c = ?10 madc, v ce = ?10 vdc, f = 100 mhz) 100 300 output capacitance c obo pf (v cb = ?10 vdc, i e = 0, f = 1.0 mhz) ?? 6.0 small?signal current gain h fe ? (i c = ?1.0madc, v ce = ?10vdc, f = 1.0 khz) 40 200 noise figure n f db (i c = ?200 adc, v ce = ?5.0 vdc,r s =10 ? , f = 1.0 khz) ?? 8.0 rev.o 2/5
leshan radio company, ltd. v ce = ?1.0 v v ce = ?5.0 v i c , collector current (ma) figure 1. dc current gain t j =125c 25c ?55c 200 150 100 70 50 30 20 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 h fe , current gain 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 i c =1.0ma i b , base current (ma) figure 2. collector saturation region v be , base?emitter voltage (volts) figure 3. collector cut?off region v ce , collector? emitter voltage (volts) i c , collector current ( a) 10ma 30 ma 100 ma v ce = 30 v i c = i ces t j = 125c 75c 25c reverse forward 10 3 10 2 10 1 10 0 10 -1 10 -2 10 -3 - 0.3 - 0.2 - 0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 rev.o 3/5 lmbt5401lt1g , s-lmbt5401lt1g
leshan radio company, ltd. i c , collector current (ma) figure 4. ?on? voltages v, voltage (volts) c, capacitance (pf) v , temperature coefficient (mv/ c) t, time (ns) i c , collector current (ma) figure 5. temperature coefficients figure 6. switching time test circuit v r , reverse voltage (volts) figure 7. capacitances i c , collector current (ma) figure 8. turn?on time i c , collector current (ma) figure 9. turn?off time t, time (ns) t j =25c v ce(sat) @ i c /i b =10 t j =25c c ibo v be(sat) @ i c /i b =10 v bb 10 s input pulse v in +8.8 v r b 5.1 k 0.25 f v in 100 1n914 v out r c v cc ?30 v 3.0 k t r , t f < 10 ns duty cycle = 1.0% values shown are for i c @ 10 ma t j = ?55c to 135c vc for v ce(sat) vb for v be(sat) c obo i c /i b = 10 t j = 25c t d @ v be(off) = 1.0v v cc = 120v t r @v cc = 30v t r @v cc = 120v t f @v cc = 120v t f @ v cc = 30v t s @v cc = 120v i c /i b =10 t j = 25c 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 2.5 2.0 1.5 1.0 0.5 0 - 0.5 - 1.0 - 1.5 - 2.0 - 2.5 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 1000 700 500 300 200 100 70 50 30 20 10 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200 10.2v 100 rev.o 4/5 lmbt5401lt1g , s-lmbt5401lt1g
d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 leshan radio company, ltd. notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector 0.031 0.8 sot-23 3 rev.o 5/5 lmbt5401lt1g , s-lmbt5401lt1g


▲Up To Search▲   

 
Price & Availability of LMBT5401LT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X