Part Number Hot Search : 
TEC4033 30030 MAX942 ML3401 H21A1 TT3042 CHM1291 MAX66
Product Description
Full Text Search
 

To Download LMBT3906DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio com p an y , ltd. 1 2 3 4 5 6 sot-363 lmbt3906dw1t1g devic e marking shipping orderin g inform a tion l mbt390 6 dw1t 1g a2 3000 units/reel th e l mbt3906dw1t 1 devic e i s a spinoff of our popular sot23/sot323 threeleaded device. it is designed for general purpose amplifier applications and is housed in the sot363 sixleaded surface mount package. by putting two discrete devices in one package, this device is ideal for lowpower surface mount applications where board space is at a premium. ? h fe , 100300 ? low v ce(sat) , 0.4 v ? simplifies circuit design ? reduces board space ? reduces component count ? available in 8 mm, 7inch/3,000 unit tape and reel ? device marking : l mbt 3906dw1t1g = a2 symbol value unit collectoremitter voltage v ceo 40 vdc collectorbase voltage v cbo 40 vdc emitterbase voltage v ebo 5.0 vdc collector current continuous i c 200 madc thermal characteristics characteristic symbol max unit total package dissipation (1) t a = 25 c p d 150 mw thermal resistance junction to ambient r  ja 833 c/w junction and storage temperature range t j , t stg 55 to +150 c 1. device mounted on fr4 glass epoxy printed circuit board using the minimum 1. recommended footprint. rating maximum ratings dual bias resistor transistor q 1 q 2 (1) (2) (3) (4) (5) (6) features z l mbt390 6 dw1t 1g a2 10000 units/reel compliance with rohs requirements. we declare that the material of product rev.o 1/6 s-lmbt3906dw1t1g z and control change requirements; aec-q101 qualified and ppap capable. s - prefix for automotive and other applications requiring unique site s-l mbt390 dw1t 1g 6 s-l mbt390 6 dw1t 1g
leshan radio company, ltd. electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collectoremitter breakdown voltage (2) v (br)ceo 40 vdc collectorbase breakdown voltage v (br)cbo 40 vdc emitterbase breakdown voltage v (br)ebo 5.0 vdc base cutoff current i bl 50 nadc collector cutoff current i cex 50 nadc on characteristics (2) dc current gain (i c = 0.1 madc, v ce = 1.0 vdc) (i c = 1.0 madc, v ce = 1.0 vdc) (i c = 10 madc, v ce = 1.0 vdc) (i c = 50 madc, v ce = 1.0 vdc) (i c = 100 madc, v ce = 1.0 vdc) h fe 60 80 100 60 30 300 collectoremitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) 0.25 0.4 vdc baseemitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) 0.65 0.85 0.95 vdc smallsignal characteristics currentgain bandwidth product f t 250 mhz output capacitance c obo 4.5 pf input capacitance c ibo 1 0 pf 2. pulse test: pulse width 300 m s; duty cycle 2.0%. input impedance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h ie 2.0 12 k w voltage feedback ratio (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h re 0.1 10 x 10 4 smallsignal current gain (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h fe 100 400 output admittance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h oe 3.0 60  mhos noise figure (v ce = 5.0 vdc, i c = 100  adc, r s = 1.0 k w , f = 1.0 khz) nf 4.0 db switching characteristics delay time (v cc = 3.0 vdc, v be = 0.5 vdc) t d 35 ns rise time (i c = 10 madc, i b1 = 1.0 madc) t r 35 ns storage time (v cc = 3.0 vdc, i c = 10 madc) t s 225 ns fall time (i b1 = i b2 = 1.0 madc) t f 75 ns rev.o 2/6 (i c = ?1.0 madc, i b = 0) (i c = ?10 adc, i e = 0) (i e = ?10 adc, i c = 0) (v ce = ?30 vdc, v eb = ?3.0 vdc) (v ce = ?30 vdc, v eb = ?3.0 vdc) lmbt3906dw1t1g ;s-lmbt3906dw1t1g
leshan radio com p an y , ltd. figure 1. delay and rise time equivalent test circuit figure 2. storage and fall time equivalent test circuit 3 v 275 10 k 1n916 c s < 4 pf* 3 v 275 10 k c s < 4 pf* < 1 ns +0.5 v 10.6 v 300 ns duty cycle = 2% < 1 ns +9.1 v 10.9 v duty cycle = 2% t 1 0 10 < t 1 < 500  s * total shunt capacitance of test jig and connectors typical transient characteristics figure 3. capacitance reverse bias (volts) 2.0 3.0 5.0 7.0 10 1.0 0.1 figure 4. charge data i c , collector current (ma) 5000 1.0 v cc = 40 v i c /i b = 10 q, charge (pc) 3000 2000 1000 500 300 200 700 100 50 70 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 40 0.2 0.3 0.5 0.7 q t q a c ibo c obo t j = 25 5 c t j = 125 5 c figure 5. turnon time i c , collector current (ma) 70 100 200 300 500 50 time (ns) 1.0 2.0 3.0 10 20 70 5 100 figure 6. fall time i c , collector current (ma) 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 t , fall time (ns) f v cc = 40 v i b1 = i b2 i c /i b = 20 i c /i b = 10 i c /i b = 10 t r @ v cc = 3.0 v t d @ v ob = 0 v 40 v 15 v 2.0 v rev.o 3/6 lmbt3906dw1t1g ;s-lmbt3906dw1t1g
leshan radio com p an y , ltd. typical audio smallsignal characteristics noise figure variations (v ce = 5.0 vdc, t a = 25 5 c, bandwidth = 1.0 hz) figure 7. f, frequency (khz) 2.0 3.0 4.0 5.0 1.0 0.1 figure 8. r g , source resistance (k ohms) 0 nf, noise figure (db) 1.0 2.0 4.0 10 20 40 0.2 0.4 0 100 4 6 8 10 12 2 0.1 1.0 2.0 4.0 10 20 40 0.2 0.4 100 nf, noise figure (db) f = 1.0 khz i c = 1.0 ma i c = 0.5 ma i c = 50  a i c = 100  a source resistance = 200  i c = 1.0 ma source resistance = 200  i c = 0.5 ma source resistance = 2.0 k i c = 100  a source resistance = 2.0 k i c = 50  a h parameters (v ce = 10 vdc, f = 1.0 khz, t a = 25 5 c) figure 9. current gain i c , collector current (ma) 70 100 200 300 50 figure 10. output admittance i c , collector current (ma) h , dc current gain h , output admittance ( mhos) figure 11. input impedance i c , collector current (ma) figure 12. voltage feedback ratio i c , collector current (ma) 30 100 50 10 20 2.0 3.0 5.0 7.0 10 1.0 0.1 0.2 1.0 2.0 5.0 0.5 10 0.3 0.5 3.0 0.7 2.0 5.0 10 20 1.0 0.2 0.5 oe h , input impedance (k ohms) ie 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 7 5 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 fe  70 30 0.7 7.0 0.7 7.0 7.0 3.0 0.7 0.3 0.7 7.0 0.7 7.0 h , voltage feedback ratio (x 10 ) re -4 rev.o 4/6 lmbt3906dw1t1g ;s-lmbt3906dw1t1g
leshan radio com p an y , ltd. figure 13. dc current gain figure 14. collector saturation region i b , base current (ma) 0.4 0.6 0.8 1.0 0.2 0.1 v , collector emitter voltage (volts) 0.5 2.0 3.0 10 0.2 0.3 0 1.00.7 5.0 7.0 ce i c = 1.0 ma t j = 25 5 c 0.070.05 0.030.02 0.01 10 ma 30 ma 100 ma figure 15. aono voltages i c , collector current (ma) 0.4 0.6 0.8 1.0 0.2 figure 16. temperature coefficients i c , collector current (ma) v, voltage (volts) 1.0 2.0 5.0 10 20 50 0 100 -0.5 0 0.5 1.0 0 60 80 120 140 160 180 20 40 100 200 -1.0 -1.5 -2.0 200 t j = 25 5 c v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 v be @ v ce = 1.0 v +25 5 c to +125 5 c -55 5 c to +25 5 c +25 5 c to +125 5 c -55 5 c to +25 5 c  vc for v ce(sat)  vb for v be(sat) , temperature coefficients (mv/ c) 5 v  typical static characteristics i c , collector current (ma) 100 1000 10 1.0 t j = 150 c 25 c -55 c h fe , dc current gain 10 100 1000 v ce = 1 v rev.o 5/6 lmbt3906dw1t1g ;s-lmbt3906dw1t1g
leshan radio company, ltd. notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.071 0.087 1.80 2.20 b 0.045 0.053 1.15 1.35 c 0.031 0.043 0.80 1.10 d 0.004 0.012 0.10 0.30 g 0.026 bsc 0.65 bsc h --- 0.004 --- 0.10 j 0.004 0.010 0.10 0.25 k 0.004 0.012 0.10 0.30 n 0.008 ref 0.20 ref s 0.079 0.087 2.00 2.20 pin 1. emitter 2 2. base 2 3. collector 1 4.emitter 1 5. base 1 6.collector 2 b 0.2 (0.008) a g s h c n j k d 6 p l 6 5 4 1 2 3 - b - m m 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm sc - 88/sot - 363 rev.o 6/6 lmbt3906dw1t1g ;s-lmbt3906dw1t1g


▲Up To Search▲   

 
Price & Availability of LMBT3906DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X