Part Number Hot Search : 
PB8282C MC1494 631A22 M32F10 50N50 1N4151W 5KE43 GP521
Product Description
Full Text Search
 

To Download LMBT2907AWT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. 2 emitter 3 collector 1 base general purpose transistor pnp silicon maximum ratings rating symbol v alue unit collector?emitter voltage v ceo ? 60 vdc collector?base voltage v cbo ? 60 vdc emitter?base voltage v ebo ? 5.0 vdc collector current ? continuous i c ? 600 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board, (1) p d 150 mw t a = 25c thermal resistance, junction to ambient r ja 833 c/w junction and storage temperature t j , t stg ?55 to +150 c device marking lmbt2907awt1g = 20 electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min max unit off characteristics collector?emitter breakdown voltage(2) v (br)ceo ?60 ? vdc (i c = ? 10 madc, i b = 0) collector?emitter breakdown voltage v (br)cbo ?60 ? vdc (i c = ? 10 adc, i e = 0) emitter?base breakdown voltage v (br)ebo ?5.0 ? vdc (i e = ?10 adc, i c = 0) base cutoff current i bl ? ? 50 nadc ( v ce = ?30vdc, v eb(off) = ?0.5vdc ) collector cutoff current i cex ? ? 50 nadc ( v ce = ?30vdc, v eb(off) = ?0.5vdc ) 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. lmbt2907awt1g case 419?02 , style 3 sot?323 / sc ? 70 feature ordering information device marking shipping lmbt2907awt1g 20 3000/tape&reel lmbt2907awt3g 20 10000/tape&reel r compliance with rohs requirements. we declare that the material of product 1 3 2 rev.b 1/3 s-lmbt2907awt1g and control change requirements; aec-q101 qualified and ppap capable. s- prefix for automotive and other applications requiring unique site s-lmbt2907awt1g s-lmbt2907awt3g
leshan radio company, ltd. lmbt2907awt1g electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics dc current gain(1) h fe ?? (i c =?0.1 madc, v ce =?10 vdc) 75 ?? (i c = ?1.0 madc, v ce = ?10 vdc) 100 ?? (i c = ?10 madc, v ce = ?10 vdc) 100 ?? (i c = ?150madc, v ce = ?10vdc) 100 300 (i c = ?500madc, v ce =?10 vdc) 50 ?? collector?emitter saturation voltage(1) v ce(sat) vdc (i c = ?150 madc, i b = ?15 madc) ?? ?0.4 (i c = ?500 madc, i b = ?50 madc) ?? ?1.6 base?emitter saturation voltage(1) v be(sat) vdc (i c = ?150 madc, i b = ?15madc) ?? ?1.3 (i c = ?500madc, i b = ?50madc ) ?? ?2.6 small?signal characteristics current?gain ? bandwidth product(4) f t 200 ?? mhz (i c = ?50madc, v ce = 20vdc, f = 100mhz) output capacitance (v cb = ?10 vdc, i e = 0, f = 1.0 mhz) c obo ?? 8.0 pf input capacitance c ibo ?? 30 pf (v eb = ?2.0vdc, i c = 0, f = 1.0 mhz) switching characteristics turn?on time (v cc = ?30 vdc, t on ?45 delay time i c = ?150 madc, i b1 = ?15 madc) t d ?10ns rise time t r ?40 storage time (v cc = ?6.0 vdc, t s fall time i c = ?150 madc,i b1 = i b2 = 15 madc) t f ?60ns turn?off time t off ? 280 1. pulse test: pulse width < 300 s, duty cycle < 2.0%. rev.b 2/3 ;s-lmbt2907awt1g ? 225
leshan radio company, ltd. 0.7 1.9 0.028 0.65 0.025 0.65 0.025 inches mm 0.075 0.035 0.9 notes: 1. dimension i ng and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimeters inches a 0.071 0.087 1.80 2.20 k 0.017 ref 0.425 ref l 0.026 bsc 0.650 bsc n 0.028 ref 0.700 ref s 0.0 79 0.0 95 2.00 2.40 b 0.045 0.053 1.15 1.35 c 0.03 2 0.04 0 0. 8 0 1. 00 d 0.012 0.016 0.30 0.40 g 0.047 0.055 1.20 1.40 h 0.000 0.004 0.00 0.10 j 0.004 0.010 0.10 0.25 c n a l d g s b h j k 3 12 0.05 (0.002) sc - 70 / sot - 323 rev.b 3/3 lmbt2907awt1g ;s-lmbt2907awt1g


▲Up To Search▲   

 
Price & Availability of LMBT2907AWT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X