Part Number Hot Search : 
L15PF EGL34A 10560 B86612P 625ETT MAX2036 1206L C506BX
Product Description
Full Text Search
 

To Download LMBT2222ADW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings rating symbol value unit collectoremitter voltage v ceo 40 vdc collectorbase voltage v cbo 75 vdc emitterbase voltage v ebo 6.0 vdc collector current continuous i c 600 madc thermal charac t eristics characteristic symbol max unit total package dissipation (note 1) t a = 25 c p d 150 mw thermal resistance, junction to ambient r  ja 833 c/w junction and storage temperature t j , t stg 55 to +150 c q 1 (1) (2) (3) (4) (5) (6) q 2 dual general purpose transistors npn silicon 1 3 2 6 4 5 s-lmbt2222adw1t1g sc-88 we declare that material of product compliance with rohs requirements. ordering information device shipping lmbt2222adw1t1g 10000/tape & reel 3000/tape & reel lmbt2222adw1t3g leshan radio com p an y , ltd. marking xx xx rev.o 1/7 lmbt2222adw1t1g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-lmbt2222adw1t1g s-lmbt2222adw1t3g
electrical characteristics (t a = 25 5 c unless otherwise noted) characteristic symbol min max unit off characteristics collectoremitter breakdown voltage (i c = 10 madc, i b = 0) v (br)ceo 40 vdc collectorbase breakdown voltage (i c = 10  adc, i e = 0) v (br)cbo 75 vdc emitterbase breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 vdc collector cutoff current (v ce = 60 vdc, v eb(off) = 3.0 vdc) i cex 10 nadc collector cutoff current (v cb = 60 vdc, i e = 0) (v cb = 60 vdc, i e = 0, t a = 125 5 c) i cbo 0.01 10  adc emitter cutoff current (v eb = 3.0 vdc, i c = 0) i ebo 100 nadc base cutoff current (v ce = 60 vdc, v eb(off) = 3.0 vdc) i bl 20 nadc on characteristics dc current gain (i c = 0.1 madc, v ce = 10 vdc) (i c = 1.0 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc, t a = 55 5 c) (i c = 150 madc, v ce = 10 vdc) (note 2) (i c = 150 madc, v ce = 1.0 vdc) (note 2) (i c = 500 madc, v ce = 10 vdc) (note 2) h fe 35 50 75 35 100 50 40 300 collector emitter saturation voltage (note 2) (i c = 150 madc, i b = 15 madc) (i c = 500 madc, i b = 50 madc) v ce(sat) 0.3 1.0 vdc base emitter saturation voltage (note 2) (i c = 150 madc, i b = 15 madc) (i c = 500 madc, i b = 50 madc) v be(sat) 0.6 1.2 2.0 vdc 2. pulse test: pulse width 3 300  s, duty cycle 3 2.0%. lmbt2222adw1t1g leshan radio com p an y , ltd. rev.o 2/7 ;s-lmbt2222adw1t1g
smallsignal characteristics currentgain bandwidth product (note 3) (i c = 20 madc, v ce = 20 vdc, f = 100 mhz) f t 300 mhz output capacitance (v cb = 10 vdc, i e = 0, f = 1.0 mhz) c obo 8.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo 25 pf input impedance (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h ie 2.0 0.25 8.0 1.25 k w voltage feedback ratio (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h re 8.0 4.0 x 10 4 small signal current gain (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h fe 50 75 300 375 output admittance (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) (i c = 10 madc, v ce = 10 vdc, f = 1.0 khz) h oe 5.0 25 35 200  mhos collector base time constant (i e = 20 madc, v cb = 20 vdc, f = 31.8 mhz) rb, c c 150 ps noise figure (i c = 100  adc, v ce = 10 vdc, r s = 1.0 k w , f = 1.0 khz) nf 4.0 db switching characteristics delay time (v cc = 30 vdc, v be ( off ) = 0.5 vdc, t d 10 ns rise time (v cc 30 vdc, v be(off) 0.5 vdc, i c = 150 madc, i b1 = 15 madc) t r 25 ns storage time (v cc = 30 vdc, i c = 150 madc, t s 225 ns fall time (v cc 30 vdc, i c 150 madc, i b1 = i b2 = 15 madc) t f 60 ns 3. f t is defined as the frequency at which |h fe | extrapolates to unity. leshan radio com p an y , ltd. rev.o 3/7 lmbt2222adw1t1g ;s-lmbt2222adw1t1g
figur e 1 . dc current gain figur e 2 . collector saturation region figure 3 . t ur n on t ime figur e 4 . t ur n off t ime leshan radio com p an y , ltd. 1000 10 20 30 50 70 100 200 300 500 700 1.0 k 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 300 500 700 i c , collector current (ma) h fe , dc current gain t j = 125 c 25 c -55 c v ce = 1.0 v v ce = 10 v v ce , collector-emitter voltage (volts) 1.0 0.8 0.6 0.4 0.2 0 0.005 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 i b , base current (ma) t j = 25 c i c = 1.0 ma 10 ma 150 ma 500 ma i c , collector current (ma) 70 100 200 50 t, time (ns) 10 20 70 5.0 100 5.0 7.0 30 50 200 10 30 7.0 20 i c /i b = 10 t j = 25 c t r @ v cc = 30 v t d @ v eb(off) = 2.0 v t d @ v eb(off) = 0 3.0 2.0 300 500 500 t, time (ns) 5.0 7.0 10 20 30 50 70 100 200 300 i c , collector current (ma) 10 20 70 100 5.0 7.0 30 50 200 300 500 v cc = 30 v i c /i b = 10 i b1 = i b2 t j = 25 c t s = t s - 1/8 t f t f rev.o 4/7 lmbt2222adw1t1g ;s-lmbt2222adw1t1g
figur e 5 . frequency effects figur e 6 . source resistance effects figur e 7 . capacitances figur e 8 . currentgain bandwidth product figur e 9. collector emitter saturation voltage figur e 10 . base emitter saturation voltage vs. leshan radio com p an y , ltd. f, frequency (khz) 4.0 6.0 8.0 10 2.0 0.1 r s , source resistance (ohms) nf, noise figure (db) 1.0 2.0 5.0 10 20 50 0.2 0.5 0 100 nf, noise figure (db) 0.01 0.02 0.05 r s = optimum r s = source r s = resistance i c = 1.0 ma, r s = 150  500  a, r s = 200  100  a, r s = 2.0 k  50  a, r s = 4.0 k  f = 1.0 khz i c = 50  a 100  a 500  a 1.0 ma 4.0 6.0 8.0 10 2.0 0 50 100 200 500 1.0 k 2.0 k 5.0 k 10 k 20 k 50 k 100 k reverse voltage (volts) 3.0 5.0 7.0 10 2.0 0.1 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 0.2 0.3 0.5 0.7 c cb 20 30 c eb i c , collector current (ma) 70 100 200 300 50 500 f t , current-gain bandwidth product (mhz) 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 v ce = 20 v t j = 25 c i c , collector current (a) i c , collector current (a) 1 0.1 0.01 0.001 0.01 0.1 1 1 0.1 0.01 0.001 0.2 0.3 0.5 0.7 0.8 1.0 1.1 1.3 v ce(sat) , collector ? emitter saturation voltage (v) v be(sat) , base ? emitter saturation voltage (v) i c /i b = 10 150 c ? 55 c 25 c 0.4 0.6 0.9 1.2 i c /i b = 10 150 c ? 55 c 25 c vs. collector current collector current rev.o 5/7 lmbt2222adw1t1g ;s-lmbt2222adw1t1g
leshan radio com p an y , ltd. i c , collector current (a) 1 0.1 0.01 0.001 0.2 0.3 0.5 0.6 0.7 0.9 1.1 1.2 v be(on) , base ? emitter voltage (v) 0.4 0.8 1.0 v ce = 1 v 150 c ? 55 c 25 c i c , collector current (ma) -0.5 0 +0.5 coefficient (mv/ c) -1.0 -1.5 -2.5 r  vc for v ce(sat) r  vb for v be -2.0 0.1 1.0 2.0 5.0 10 20 50 0.2 0.5 100 200 50 0 v ce (vdc) 100 10 1 0.1 0.01 0.001 0.01 0.1 1 10 ic (a) single pulse test @ t a = 25 c thermal limit 100 ms 1 s 10 ms 1 ms figur e 11. base emitter voltage vs. collector current figur e 12. temperature coefficients figur e 13. safe operating area rev.o 6/7 lmbt2222adw1t1g ;s-lmbt2222adw1t1g
sot363/sc88 dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10--- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 v 0.30 0.40 0.012 0.016 b 0.2 (0.008) mm 123 a g v s h c n j k 654 b d 6 pl leshan radio com p an y , ltd. rev.o 7/7 lmbt2222adw1t1g ;s-lmbt2222adw1t1g


▲Up To Search▲   

 
Price & Availability of LMBT2222ADW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X