led-100w seriesC fixed output and dimmable switch mode led drivers constant current & constant voltage with isolation black magic thermal advantage? aluminum housing electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) input over-voltage: can endure 320vac for 48 hrs, 350vac for 2 hrs frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ full load, 100v through 277v inrush current: <30.0 amps max @ 230 vac, cold start 25oc input current: 1.30 amps max maximum power: 100w current accuracy: 1% over input line variation load regulation: 3% thd: <_ 20% @ full load leakage current: 400 a typical hold up time: half cycle protection: output over-voltage, output over-current, and output short circuit protection reset by power cycling electrical specifcations minimum starting temp: -30oc maximum case temp. 90c storage temperature: -40oc to +85oc humidity: 5% to 95% cooling: convection vibration frequency: 5 to 55 hz/2g, 30 minutes sound rating: class a mtbf: 418,000 hours at full load and 40oc ambient conditions per mil-217f notice 2 emc: fcc 47cfr part 15 class b compliant constant current - product specifcations model number output current (ma 3%) output voltage range (vdc) max. output power (w) typical effciency led100w-286-c0350- xx 350 95-286 100 92% led100w-222-c0450- xx 450 74-222 100 92% led100w-143-c0700- xx 700 47-143 100 91% led100w-095-c1050- xx 1050 31-95 100 91% led100w-071-c1400- xx 1400 23-71 100 91% led100w-057-c1750- xx 1750 19-57 100 90% led100w-048-c2100- xx 2100 16-48 100 90% led100w-041-c2450- xx 2450 13-41 100 90% led100w-036-c2800- xx 2800 12-36 100 90% led100w-032-c3150- xx 3150 10-32 100 90% led100w-028-c3570- xx 3570 9-28 100 89% led100w-024-c4200- xx 4200 8-24 100 89% LED100W-020-c5000- xx 5000 7-20 100 88% led100w-018-c5550- xx 5550 6-18 100 88% constant voltage - product specifcations model number output voltage (vdc 5%) output current range (ma) max. output power (w) typical effciency led100w-018 18 1388-5550 100 88% LED100W-020 20 1250-5000 100 88% led100w-024 24 1050-4200 100 89% led100w-028 28 893-3570 100 89% led100w-032 32 788-3150 100 90% led100w-036 36 700-2800 100 90% led100w-041 41 613-2450 100 90% led100w-048 48 525-2100 100 90% led100w-057 57 438-1750 100 90% led100w-071 71 350-1400 100 91% led100w-095 95 263-1050 100 91% led100w-143 143 175-700 100 91% led100w-222 222 113-450 100 92% led100w-286 286 88-350 100 92% ordering options: -d: 0-10v & resistance dimmable version comes with an extra two wires +purple/-gray on the output side. -d 0-10v dimming is compatible with most quality 0-10v wall dimmers. see page 3 for additional specifcations. -pd: pwm dimmable version comes with an extra two wires +purple/-gray on the output side. pd pwm version is pwm dimmable via a positive 10% to 100% duty cycle, 200hz to 1khz, 0-10v pulse. see page 4 for additional specifcations. -xx indicates dimming options are available. see options at left. blank = fxed current output e332160 sign components manual rev 8-31-15 ? total power: 100 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? ip66 ? high power factor ? ul8750, csa 22.2, en61347, en61000-3-2, en61000-3-3 class c specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 4 dimensions - inches (mm) ul conditions of acceptability see website for additional information 45 case hotspot temperature (c) lifetime (khrs) lifetime/case temperature (full load @ 120vac) 0 100 250 200 150 300 50 350 50 55 60 65 70 75 80 85 90 50% load pf power factor / load 60% 70% 80% 90% 100% 50% load thd thd / load 60% 70% 80% 90% 100% 1 20v a c 2 77v a c 1 20v a c 2 77v a c 0.00 0.10 0.40 0.30 0.20 0.50 0.80 0.70 0.60 0.90 1.00 0% 20% 15% 10% 30% 25% 35% 40% 45% 50% output red (+) blue (-) input black (l) white (n) green (gnd) dimming purple (+) gray (-) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. dimming leads: 22 awg, rated 300 v, 105c. all wires are stranded with solder dipped ends. 2.240.12 [ 57.03 ] 2.240.12 [ 57.03 ] 6.81 [ 173.0 ] 6.42 [ 163.0 ] 7.25 [ 184.0 ] 1.06 [ 27 ] 2.81 [ 71.3 ] 1.83 [ 46.5 ] 5.91 min [ 150 min ] 0.390.04 [ 101 ] 5.91 min [ 150 min ] 0.390.04 [ 101 ] tc = 90c max 0.24 [ 6 ] 0.16 [ 4 ] 0.31 [ 7.8 ] 0.90 [ 22.8 ] 3.21 [ 81.5 ] led100w series note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 3 of 4 -d option: 0-10vdc and resistance dimming parameters minimum typical maximum source current out of 0-10v purple wire 0 ma 2 ma absolute voltage range on 0-10v (+) purple wire -2.0 v +15 v dim (+) purple ip710 wall dimmer led100w-xx-cxxxx-d dim (-) gray (dimmer must be current-sink type control) typical dimming circuit notes: 1. 0-10v dimmable version comes with an extra two wires +purple/-gray on the output side. 2. compatible with most 0-10v wall slide dimmers and direct 0-10v analog signal. recommended dimmer is leviton ip710 or equivalent 3. 0-10v dimmable version is not intended to dim below about 5% @ 0v or 10% @ 1.0v 4. 0-10v dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. 0v 1v 2v 3v 4v 5v 6v 7v 8v 9v 10v d i mmi n g i n p u t ( v dc) o u t put c u rre n t / 0 - 1 0 v dc d i mmi ng i nput 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led100w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 4 of 4 -pd option: pwm dimming pwm in pwm positive dimming typical circuit led100w-xx-cxxxx-pd pwm (+) purple pwm (-) gray parameters minimum typical maximum absolute maximum voltage range on pwm input (purple wire) -2.0v 10v +28v input low level voltage range (purple wire) -2.0 0v +7.5v input high level voltage range (purple wire) +9.0 10v 28v sink current into pwm input (purple wire) 0ma 1.2ma pwm input signal frequency 200hz 1000hz pwm input signal positive duty cycle 0% 10-90% 100% notes: 1. pwm dimmable version comes with an extra 2 wires +purple/-gray on the output side. 2. below 10% duty cycle proper dimming operation is not assured. unit is not intended to turn off at <10% duty cycle. 3. pwm dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% positive duty cycle o u t put c u rre n t / positive duty cycle 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led100w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
|