Part Number Hot Search : 
ST25VF BU2507DX LM78L10F KVX31S1 ADP0604 3120C F1A1548 8P2602
Product Description
Full Text Search
 

To Download LED-35W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LED-35W series narrow cross-section fts t5-style ballast channels off-line switch mode led drivers constant current or constant voltage, with isolation black magic thermal advantage? plastic housing class 2: us/canada us only ordering options: -d: 0-10v & resistance dimmable version comes with an extra two wires +purple/-gray on the output side. -d version is compatible with most quality 0-10v wall dimmers. see page 3 for additional specifcations. -pd: pwm dimmable version comes with an extra two wires +purple/-gray on the output side. -pd version is pwm dimmable via a positive 10% to 100% duty cycle, 200hz to 1khz, 0-10v pulse. see page 4 for additional specifcations. constant current - product specifcations model number output current (ma 4%) output voltage range (vdc) max. output power (w) typical effciency led35w-100-c0350- xx 350 34-100 35 86% led35w-054-c0700- xx 700 18-54 35 86% led35w-036-c1050- xx 1050 18-36 35 85% led35w-028-c1250- xx 1250 14-28 35 84% constant voltage - product specifcations model number output current range (ma) output voltage (vdc 5%) max. output power (w) typical effciency led35w-028 313-1250 28 35 84% led35w-036 263-1050 36 35 85% led35w-054 175-700 54 35 86% led35w-100 88-350 100 35 86% electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) input over-voltage: can endure 320vac for 48 hrs, 350vac for 2 hrs frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ >70% load, 120-277vac inrush current: <10.0 amps @ 230 vac, cold start 25oc input current: 0.37 a @ 120vac, full load maximum power: 35w current regulation: 2% over input line variation load regulation: 4% thd: <_ 20% @ >70% load, 120-277vac leakage current: 400 a typical start up time: <1s full output hold up time: half cycle protection: output over-voltage, output over-current, short circuit with auto-recovery, transient environmental specifcations minimum starting temp: -30oc maximum case temp. 90c storage temperature: -40oc to +85oc humidity: 5% to 95% cooling: convection vibration frequency: 5 to 55 hz/2g, 30 minutes sound rating: class a mtbf: 482,000 hours @ full load and 40oc ambient conditions per mil-217f notice 2 emc: fcc 47cfr part 15 class b compliant impact resistance: 1g/s weight: 8.8 oz (250 grams) typical -xx indicates dimming options are available. see options below. blank = fxed current output pending ? total power: 35 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? ip66 & nema4 ? fully encapsulated ? high power factor ? designed to be dlc & energy star compliant rev 8-25-15 specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 4 dimensions - mm dimming purple (+) gray (-) input white (n) black (l) output red (+) blue (-) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. dimming leads: 22 awg, rated 300 v, 105c. all wires are stranded with solder dipped ends. 9.10 [ 231.0 ] 8.5 [ 217.0 ] 4.2 [ 106.5 ] 0.08 [ 2.0 ] 0.28 [ 7.0 ] 0.492 [ 12.5 ] 0.39 0.04 [ 10 1 ] 5.91min [ 150min ] 1.05 [ 26.8 ] 5.91min [ 150min ] 0.39 0.04 [ 10 1 ] 0.16 [ 4.0 ] 1.02 [ 26.0 ] 2.44 [ 6.2 ] tc = 90c max safety and emc compliance voltage fuctuations & ficker, class c 50 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature 0 70 105 122.5 87.5 17.5 35 52.5 140 55 60 65 70 75 80 85 90 led35w series note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 3 of 4 -d option: 0-10vdc and resistance dimming notes: 1. 0-10v dimmable version comes with an extra two wires +purple/-gray on the output side. 2. compatible with most 0-10v wall slide dimmers and direct 0-10v analog signal. recommended dimmer is leviton ip710 or equivalent 3. 0-10v dimmable version output will be <_ 10% @ 0-1.0v 4. 0-10v dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. parameters minimum typical maximum source current out of 0-10v purple wire 0 ma 0.5 ma absolute voltage range on 0-10v (+) purple wire -2.0 v +15 v dim (+) purple ip710 wall dimmer led35w-xxx-cxxxx-d dim (-) gray (dimmer must be current-sink type control) typical dimming circuit 0v 1v 2v 3v 4v 5v 6v 7v 8v 9v 10v d i mmi n g i n p u t ( v dc) o u t put c u rre n t / 0 - 1 0 v dc d i mmi ng i nput 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led35w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 4 of 4 -pd option: pwm dimming pwm in sink pwm positive dimming typical circuit led35w-xxx-cxxxx-pd pwm (+) purple pwm (-) gray parameters minimum typical maximum absolute maximum voltage range on pwm input (purple wire) -2.0 v 10 v +15 v input low level voltage range (purple wire) -2.0 0 v +5.5 v input high level voltage range (purple wire) +9.0 10 v +15 v current into pwm input (purple wire) 0 ma 1.2 ma source current out of pwm input (purple wire) 0 ma 0.5 ma pwm input signal frequency 500 hz 1500 hz pwm input signal positive duty cycle 0% 10-90% 100% notes: 1. pwm dimmable version comes with an extra 2 wires +purple/-gray on the output side. 2. below 10% duty cycle proper dimming operation is not assured. unit is not intended to dim below 5% at 0% duty cycle. 3. pwm dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% positive duty cycle o u t put c u rre n t / 1.0khz positive duty cycle 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led35w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of LED-35W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X