Part Number Hot Search : 
DLZ15B FRE9260D SDHP15K 1040469 02N60C3 HMT32 29333C 01906
Product Description
Full Text Search
 

To Download LED-20W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LED-20W series switch mode led drivers with isolation, constant current, dimming & constant voltage electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) input over-voltage: can endure 320vac for 48 hrs, 350vac for 2 hrs frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ full load, 100v through 277v inrush current: <15.0 amps max @ 230 vac, cold start 25oc input current: 0.25 amps max at 120 vac effciency: 85% typical at max load maximum power: 20w line regulation: 2% load regulation: 3% thd: <_ 20% @ >_ 70% load 100-230v, >_ 80% load 277v leakage current: 300 a typical hold up time: half cycle output protection: over-voltage, over-current, and short circuit protection with auto recovery environmental specifcations minimum starting temp: -30oc storage temperature: -40oc to +85oc maximum case temp. 90c humidity: 5% to 95% cooling: convection sound rating: class a vibration frequency: 5 to 55 hz/2g, 30 minutes mtbf: 488,000 hours at full load and 40oc ambient conditions per mil-217f notice 2 weight: 5.8 oz (165 grams) typical constant current - product specifcations model number output current (ma 4%) output voltage range (vdc) max. output power (w) typical effciency led20w-57-c0350- xx 350 19-57 20 84% led20w-48-c0350- xx 350 16-48 16.8 83% led20w-43-c0460- xx 460 15-43 20 83% led20w-40-c0500- xx 500 14-40 20 82% led20w-36-c0550- xx 550 12-36 20 82% led20w-28-c0700- xx 700 10-28 20 81% led20w-24-c0700- xx 700 8-24 16.8 81% led20w-24-c0830- xx 830 8-24 20 81% led20w-22-c0910- xx 910 7-22 20 81% led20w-18-c1100- xx 1100 6-18 20 80% led20w-15-c1330- xx 1330 5-15 20 80% led20w-13-c1540- xx 1540 4-13 20 79% led20w-12-c1660- xx 1660 4-12 20 78% constant voltage - product specifcations model number output voltage (vdc 5%) output current range (ma) max. output power (w) typical effciency led20w-12 ? 12 415-1660 20 82% led20w-13 13 385-1540 20 82% led20w-15 15 333-1330 20 83% led20w-18 18 275-1100 20 83% led20w-22 22 228-910 20 84% led20w-24 ? 24 208-830 20 84% led20w-28 28 175-700 20 84% led20w-36 36 138-550 20 85% led20w-40 40 125-500 20 85% led20w-43 43 115-460 20 85% led20w-48 48 88-350 16.8 85% led20w-57 57 88-350 20 85% e332160 sign components manual ordering options: -d: 0-10v & resistance dimmable version comes with an extra two wires +purple/-gray on the output side. -d 0-10v dimming is compatible with most quality 0-10v wall dimmers. see page 3 for additional specifcations. -pd: pwm dimmable version comes with an extra two wires +purple/-gray on the output side. pd pwm version is pwm dimmable via a positive 10% to 100% duty cycle, 200hz to 1khz, 0-10v pulse. see page 4 for additional specifcations. -xx indicates dimming options are available. see options at left. blank = fxed current output class 2: us/canada us only rev 9-11-15 ? total power: 20 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? ip66 & nema4 ? high power factor ? ul sign components manual (s.a.m. models) models ? indicates s.a.m. specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 4 dimensions - in [mm] tc = 90 c max input white (n) black (l) dimming purple (+) gray (-) 5.91 min [ 150 min ] 5.91 min [ 150 min ] 0.390.04 [ 10.01 ] 0.390.04 [ 10.01 ] 3.74 [ 95 ] 0.20 [ 5 ] 0.20 [ 5 ] 1.87 [ 47.5 ] 1.61 [ 41 ] 0.39 [ 10 ] 0.55 [ 14 ] 0.55 [ 14 ] 0.16 [ 4 ] 0.98 [ 25 ] 0.79 [ 20 ] output red (+) blue (-) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. dimming leads: 22 awg, rated 300 v, 105c. all wires are stranded with solder dipped ends. 50% load pf power factor / load 60% 70% 80% 90% 100% 50% load thd thd / load 0% 15% 10% 5% 25% 20% 30% 35% 40% 60% 70% 80% 90% 100% 1 20v a c 2 77v a c 1 20v a c 2 77v a c 0.00 0.10 0.40 0.30 0.20 0.50 0.80 0.70 0.60 0.90 1.00 safety and emc compliance ul/cul ul8750, csa-c22.2 c e en61347 fcc, 47cfr part 15 class b en61000-3-2 en61000-3-3 class c typical efficiency / load (led20w-028-c0700-d) 75% 80% 85% 90% 100% 95% normalized output voltage efficiency 50% 60% 70% 80% 90% 100% 1 20v a c 2 77v a c ul conditions of acceptability see website for additional information 40 45 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature 0 60 90 115 75 15 30 45 130 50 55 60 65 70 75 80 85 90 led20w series note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 3 of 4 -d option: 0-10vdc and resistance dimming notes: 1. 0-10v dimmable version comes with an extra two wires +purple/-gray on the output side. 2. compatible with most 0-10v wall slide dimmers and direct 0-10v analog signal. recommended dimmer is leviton ip710 or equivalent 3. 0-10v dimmable version output will be <_ 10% @ 0-1.0v 4. 0-10v dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. parameters minimum typical maximum source current out of 0-10v purple wire 0ma 2ma absolute voltage range on 0-10v (+) purple wire -2.0 v +15 v sink current into 0-10v purple wire 0ma 1.2ma dim (+) purple ip710 wall dimmer led20w-xxx-cxxxx-d dim (-) gray (dimmer must be current-sink type control) typical dimming circuit 0v 1v 2v 3v 4v 5v 6v 7v 8v 9v 10v d i mmi n g i n p u t ( v dc) o u t put c u rre n t / 0 - 1 0 v dc d i mmi ng i nput 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led20w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?
pg 4 of 4 -pd option: pwm dimming pwm in sink pwm positive dimming typical circuit led20w-xxx-cxxxx-pd pwm (+) purple pwm (-) gray parameters minimum typical maximum absolute maximum voltage range on pwm input (purple wire) -2.0 v 10 v +15 v input low level voltage range (purple wire) -2.0 v 0 v +5.5 v input high level voltage range (purple wire) +9.0 v 10 v +15 v current into pwm input (purple wire) 0 ma 1.2 ma source current out of pwm input (purple wire) 0 ma 2 ma pwm input signal frequency 500 hz 1500 hz pwm input signal positive duty cycle 0% 10-90% 100% notes: 1. pwm dimmable version comes with an extra 2 wires +purple/-gray on the output side. 2. below 10% duty cycle proper dimming operation is not assured. unit is not intended to dim below 5% at 0% duty cycle. 3. pwm dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% positive duty cycle o u t put c u rre n t / 1.0khz positive duty cycle 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led20w series thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of LED-20W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X