Part Number Hot Search : 
TS30012 SDB310D1 SBP13 TB480E2 MAC97A4 PTB20017 PTB20017 M3E51XPX
Product Description
Full Text Search
 

To Download LBSS84WT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. s-lbss84wt1g sot ?323 
p?channel sot?323 these miniature surface mount mosfets reduce power loss conserve energy, making this device ideal for use in small power management circuitry. typical applications are dc?dc converters, load switching, power management in portable and battery?powered products such as computers, printers, cellular and cordless telephones. ? energy efficient ? miniature sot?323 surface mount package saves board space symbol value unit drain?to?source voltage v dss 50 v dc gate?to?source voltage ? continuous v gs 20 v dc drain current ? continuous @ t a = 25 c ? pulsed drain current (t p 10 s) i d i dm 130 520 ma total power dissipation @ t a = 25 c p d 225 mw operating and storage temperature range t j ,t stg ? 55 to 150 c thermal resistance ? junction?to?ambient r ja 556 c/w maximum lead temperature for soldering purposes, for 10 seconds t l 260 c rating maximum ratings (t j = 25 c unless otherwise noted) 3 drain 1  - gate source marking diagram m m = month code ? pb-free package is available. device package shipping sot-323 10000/tape&reel ordering information lbss84wt1g sot-323 3000/tape&reel lbss84wt1g thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (note 3.) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction to ambient r ja 556 c/w total device dissipation alumina substrate,(note 4.) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j, t stg ?
55 to +150 c   130 pd = device code pd 1 3 2 rev .a 1/4 lbss84wt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-lbss84wt1g s-lbss84wt1g
electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?to?source breakdown voltage (v gs = 0 vdc, i d = 250 adc) v (br)dss 50 ? ? vdc zero gate voltage drain current (v ds = 25 vdc, v gs = 0 vdc) (v ds = 50 vdc, v gs = 0 vdc) (v ds = 50 vdc, v gs = 0 vdc, t j = 125 c) i dss ? ? ? ? ? ? 0.1 15 60 adc gate?body leakage current (v gs = 20 vdc, v ds = 0 vdc) i gss ? ? 10 nadc on characteristics (note 1.) gate?source threaded voltage (v ds = v gs , i d = 250 adc) v gs(th) 0.8 ? 2.0 vdc static drain?to?source on?resistance (v gs = 5.0 vdc, i d = 100 madc) r ds(on) ? 5.0 10 ohms transfer admittance (v ds = 25 vdc, i d = 100 madc, f = 1.0 khz) |y fs | 50 ? ? ms dynamic characteristics input capacitance (v ds = 5.0 vdc) c iss ? 30 ? pf output capacitance (v ds = 5.0 vdc) c oss ? 10 ? transfer capacitance (v dg = 5.0 vdc) c rss ? 5.0 ? switching characteristics (note 2.) turn?on delay time t d(on) ? 2.5 ? ns rise time (v dd = ?15 vdc, i d = ?2.5 adc, t r ? 1.0 ? turn?off delay time (v dd 15 vdc , i d 2 . 5 adc , r l = 50 ? ) t d(off) ? 16 ? fall time t f ? 8.0 ? gate charge q t ? 6000 ? pc source?drain diode characteristics continuous current i s ? ? 0.130 a pulsed current i sm ? ? 0.520 forward voltage (note 2.) v sd ? 2.5 ? v 1. pulse test: pulse width 300 s, duty cycle 2%. 2. switching characteristics are independent of operating junction temperature. typical electrical characteristics       figure 1. transfer characteristics      figure 2. on?region characteristics 
                        !   !                   "    leshan radio company, ltd. lbss84wt1g , s-lbss84wt1g rev .a 2/4 gate-to-source voltage(volts) v , gs drain-to-source voltage(volts) v , ds drain current(amps) i , d drain current(amps) i , d
figure 3. on?resistance versus drain current        figure 4. on?resistance versus drain current figure 5. on?resistance variation with temperature  figure 6. gate charge            
   '                              
     "    
           !                  
           !   !  typical electrical characteristics    figure 7. body diode forward voltage  "                leshan radio company, ltd. rev .a 3/4 drain-to-source resistance(ohms) r , ds(on) drain-to-source resistance(ohms) r , ds(on) drain-to-source resistance(ohms) r , ds(on) (normalized) gate-to-source voltage(volts) vgs, diode current(amps) i , d drain current(amps) i , d drain current(amps) i , d  junction temperature( t , j total gate charge(pc) q , t vsd,diode forward voltage(volts) lbss84wt1g , s-lbss84wt1g
leshan radio company, ltd. sc?70 (sot?323) a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev .a 4/4 lbss84wt1g , s-lbss84wt1g
reel dimensions metric dimensions govern ?? english are in parentheses for reference only embossed tape and reel data for discretes a t max outside dimension measured at edge g inside dimension measured near hub 20.2mm min (.795??) 1.5mm min (.06??) 13.0mm 0.5mm (.512 .002??) 50mm min (1.969??) full radius size a max g t max 8 mm 12mm 16mm 24 mm 330mm (12.992??) 330mm (12.992??) 360mm (14.173??) 360mm (14.173??) 8.4mm+1.5mm, -0.0 (.33??+.059??, -0.00) 12.4mm+2.0mm, -0.0 (.49 ??+ .079??, -0.00) 16.4mm+2.0mm, -0.0 (.646??+.078??, -0.00) 24.4mm+2.0mm, -0.0 (.961??+.070??, -0.00) 14.4mm (.56??) 18.4mm (.72??) 22.4mm (.882??) 30.4mm (1.197??) leshan radio comp any , ltd. storage conditions temperature: 5 to 40 deg.c (20 to 30 deg. c is preferred) humidity: 30 to 80 rh (40 to 60 is preferred ) recommended period: one year after manufacturing (this recommended period is for the soldering condition only. the characteristics and reliabilities of the products are not restricted to this limitation)
shi p ment s p ecification 10 reel 12 inner box/carton 360kpcs/carton dim(unit:mm) dim(unit:mm) 10reel/inner box 30kpcs/inner box label cpn label label label ????? leshan radi o com p an y, ltd. mark 195mm*195mm*150mm 460mm*400mm*420mm 8000pcs/reel (sot-723,sod-723) 3000pcs/reel 80kpcs/inner box (sot-723,sod-723) 960kpcs/carton (sot-723,sod-723) leshan radio comp any , ltd.


▲Up To Search▲   

 
Price & Availability of LBSS84WT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X