Part Number Hot Search : 
AK4430 1590MF ELM311 S12DB 78024AP TV817 SACB30 B15L10
Product Description
Full Text Search
 

To Download LBSS8402DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s-lbss8402dw1t1g ordering information lbss8402dw1t1g 40 2 3000 tape & reel n-channel/p-channel sc-88 lbss8402dw1t3g 40 2 10000 tape & reel leshan radio company, ltd. s 1 d 1 d 2 s 2 g 1 g 2 1 2 3 4 5 6 ? we declare that the material of product are halogen free and compliance with rohs requirements. ? 
symbol value unit drain?to?source voltage v dss 50 v dc gate?to?source voltage ? continuous v gs 20 v dc drain current ? continuous @ t a = 25 c ? pulsed drain current (t p 10 s) i d i dm 130 520 ma total power dissipation @ t a = 25 c p d 380 mw operating and storage temperature range t j ,t stg ? 55 to 150 c thermal resistance ? junction?to?ambient r ja 328 c/w maximum lead temperature for soldering purposes, for 10 seconds t l 260 c rating maximum ratings (t j = 25 c unless otherwise noted) rev .a 1/6 lbss8402dw1t1g ? ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-lbss8402dw1t1g s-lbss8402dw1t3g device marking shipping
leshan radio company, ltd. electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics draintosource breakdown voltage (v g s = 0 vdc, i d = 250 m adc) v (br)dss 50 vdc zero gate voltage drain current (v d s = 25 vdc, v g s = 0 vdc) (v d s = 50 vdc, v g s = 0 vdc) i dss 0.1 0.5 m adc gatesource leakage current (v g s = 20 vdc, v d s = 0 vdc) i gss 0.1 m adc on characteristics (note 1.) gatesource threshold voltage (v d s = v g s , i d = 1.0 madc) v gs(th) 0.5 1.5 vdc static draintosource onresistance (v g s = 2.75 vdc, i d < 200 madc, t a = 4 0 c to +85 c) (v g s = 5.0 vdc, i d = 200 madc) r ds(on) 5.6 10 3.5 ohms dynamic characteristics input capacitance (v d s = 25 vdc, v g s = 0, f = 1 mhz) c iss 42 pf output capacitance (v d s = 25 vdc, v g s = 0, f = 1 mhz) c o s s 15 transfer capacitance (v dg = 25 vdc, v g s = 0, f = 1 mhz) c rss 3 switching characteristics (note 2.) turnon delay time (v t d(on) 5 ns turnoff delay time (v dd = 30 vdc, i d = 0.2 adc,) t d(o f f) 7 1. pulse test: pulse width 300 m s, duty cycle 2%. 2. switching characteristics are independent of operating junction temperature. n-channel lbss8402dw1t1g , s-lbss8402dw1t1g rev .a 2/6
leshan radio company, ltd. p-channel electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?to?source breakdown voltage (v gs = 0 vdc, i d = 250 adc) v (br)dss 50 ? ? vdc zero gate voltage drain current (v ds = 25 vdc, v gs = 0 vdc) (v ds = 50 vdc, v gs = 0 vdc) (v ds = 50 vdc, v gs = 0 vdc, t j = 125 c) i dss ? ? ? ? ? ? 0.1 15 60 adc gate?body leakage current (v gs = 20 vdc, v ds = 0 vdc) i gss ? ? 100 nadc on characteristics (note 1.) gate?source threaded voltage (v ds = v gs , i d = 250 adc) v gs(th) 0.8 ? 2.0 vdc static drain?to?source on?resistance (v gs = 5.0 vdc, i d = 100 madc) r ds(on) ? 5.0 10 ohms dynamic characteristics input capacitance (v ds = 5.0 vdc) c iss ? 30 ? pf output capacitance (v ds = 5.0 vdc) c oss ? 10 ? transfer capacitance (v dg = 5.0 vdc) c rss ? 5.0 ? switching characteristics (note 2.) turn?on delay time t d(on) ? 13 ? ns rise time (v dd = ?15 vdc, i d = ?2.5 adc, t r ? 6 ? turn?off delay time (v dd 15 vdc , i d 2 . 5 adc , r l = 50 ? ) t d(off) ? 16 ? fall time t f ? 3 ? gate charge q t ? 6000 ? pc 1. pulse test: pulse width 300 s, duty cycle 2%. 2. switching characteristics are independent of operating junction temperature. rev .a 3/6 lbss8402dw1t1g , s-lbss8402dw1t1g
leshan radio company, ltd. n-channel typical electrical characteristics r ds(on) , drain-to-source resistance (normalized) figure 1. onregion characteristics 1 figure 2. transfer characteristics figure 3. onresistance variation with temperature v gs = 10 v i d = 0.8 a -55 -5 45 95 145 0.6 0.8 v gs , gate-to-source voltage (volts) 0 4 0 8 500 v ds = 40 v t j = 25 c 1000 i d = 200 ma 1500 1.2 2 1.4 1.6 1.8 v gs = 4.5 v i d = 0.5 a 2000 10 2 6 v gs(th) , variance (volts) 1 i d = 1.0 ma -55 -5 45 95 145 0.75 0.875 1.125 1.25 0 0.3 0.4 0.1 0.6 0.2 figure 4. threshold voltage variation with temperature 1 1.5 2 2.5 3 figure 5. gate charge v ds = 10 v 150 c 25 c -55 c 3.5 0.5 4 024 10 0 0.3 0.4 6 0.1 8 0.6 0.2 0.5 13 9 57 v gs = 3.25 v v gs = 2.75 v v gs = 2.5 v v gs = 3.0 v v gs = 3.5 v 0.7 0.8 t j = 25 c 0.7 0.8 0.9 4.5 0.50 2.2 -30 20 70 120 2500 3000 rev .a 4/6 vds,drain-to-source voltage (volts) vgs,gate-to-source voltage (volts) id,drain current(amps) id,drain current(amps)  junction temperature( t , j  junction temperature( t , j total gate charge(pc) q , t lbss8402dw1t1g , s-lbss8402dw1t1g
leshan radio company, ltd. p-channel typical electrical characteristics       figure 1. transfer characteristics      figure 2. on?region characteristics 
                        !   !                   "    
 %
 figure 3. on?resistance versus drain current        figure 4. on?resistance versus drain current figure 5. on?resistance variation with temperature  figure 6. gate charge            
   '                              
     "    
           !                  
           !   !  rev .a 5/6 vgs,gate-to-source voltage (volts) vds,drain-to-source voltage (volts) id,drain current (amps) id,drain current (amps) drain-to-source resistance(ohms) r , ds(on) drain-to-source resistance(ohms) r , ds(on) rds(on),drain-to-source resistance vgs,gate-to-source voltage (volts) id,drin current(amps) id,drin current(amps)  junction temperature( t , j total gate charge(pc) q , t lbss8402dw1t1g , s-lbss8402dw1t1g
sc?88 (sot?363) case 419b?02 issue t style 1: pin 1. emitter 2 2. base 2 3. collector 1 4. emitter 1 5. base 1 6. collector 2 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419b?01 obsolete, new standard 419b?02. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 123 a g s h c n j k 654 ?b? d 6 pl scale 20:1 0.50 0.0197 1.9 0.0748 0.65 0.025 0.65 0.025 0.40 0.0157  mm inches  soldering footprint* leshan radio company, ltd. rev .a 6/6 lbss8402dw1t1g , s-lbss8402dw1t1g


▲Up To Search▲   

 
Price & Availability of LBSS8402DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X