Part Number Hot Search : 
1413D080 103K00 FBU8D SHD12 00LT1 532AA XC3020 MMG05N60
Product Description
Full Text Search
 

To Download L2N7002KDW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. s-l2n7002kdw1t1g device marking shipping ordering information 3000 tape & reel dual n?channel sc88 ? small signal mosfet 380 mamps, 60 volts ? (top view) simplified schematic we declare that the material of product are halogen free and compliance with rohs requirements. ? esd protected ? low r ds(on) ? surface mount package ? this is a pb ? free device ? low side load switch ? level shift circuits ? dc ? dc converter ? portable applications i.e. dsc, pda, cell phone, etc. maximum ratings (t j = 25 c unless otherwise stated) rating symbol value unit drain ? to ? source voltage v dss 60 v gate ? to ? source voltage v gs 20 v drain current (note 1) steady state t a = 25 c t a = 85 c t < 5 s t a = 25 c t a = 85 c i d 320 230 380 270 ma power dissipation (note 1) steady state t < 5 s p d 300 420 mw pulsed drain current (t p = 10  s) i dm 1.5 a operating junction and storage temperature range t j , t stg ? 55 to +150 c source current (body diode) i s 300 ma lead temperature for soldering purposes (1/8 from case for 10 s) t l 260 c gate ? source esd rating (hbm, method 3015) esd 2000 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. thermal characteristics characteristic symbol max unit junction ? to ? ambient ? steady state (note 1) r  ja 417 c/w junction ? to ? ambient ? t 5 s (note 1) r  ja 300 1. surface ? mounted on fr4 board using 1 in sq pad size (cu area = 1.127 in sq [1 oz] including traces) 60 v 2.3  @ 10 v r ds(on) max 380 ma i d max (note 1) v (br)dss 2.7  @ 5.0 v l2n7002kdw1t1g 72k rev .c 1/6 s 1 d 1 d 2 s 2 g 1 g 2 1 2 3 4 5 6 l2n7002kdw1t1g s-l2n7002kdw1t1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. features applications
leshan radio company, ltd. l2n7002kdw1t1g , s-l2n7002kdw1t1g electrical characteristics (t j = 25 c unless otherwise specified) parameter symbol test condition min typ max units off characteristics drain ? to ? source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 60 v drain ? to ? source breakdown voltage temperature coefficient v (br)dss /t j 71 mv/ c zero gate voltage drain current i dss v gs = 0 v, v ds = 60 v t j = 25 c 1  a t j = 125 c 500 v gs = 0 v, v ds = 50 v t j = 25 c 100 na gate ? to ? source leakage current i gss v ds = 0 v, v gs = 20 v 10  a on characteristics (note 2) gate threshold voltage v gs(th) v gs = v ds , i d = 250  a 1.0 2.5 v negative threshold temperature coefficient v gs(th) /t j 4.0 mv/ c drain ? to ? source on resistance r ds(on) v gs = 10 v, i d = 500 ma 2.3  v gs = 5.0 v, i d = 50 ma 2.7 forward transconductance g fs v ds = 5 v, i d = 200 ma 80 ms charges and capacitances input capacitance c iss v gs = 0 v, f = 1 mhz, v ds = 25 v 34 pf output capacitance c oss 3 reverse transfer capacitance c rss 2.2 total gate charge q g(tot) v gs = 4.5 v, v ds = 10 v; i d = 500 ma 0.71 nc threshold gate charge q g(th) 0.1 gate ? to ? source charge q gs 0.32 gate ? to ? drain charge q gd 0.16 switching characteristics, v gs = v (note 3) turn ? on delay time t d(on) v ds = 10 v, v gen = 10 v, i d = 500 ma 3.8 ns rise time t r 3.4 turn ? off delay time t d(off) 19 fall time t f 12 drain ? source diode characteristics forward diode voltage v sd v gs = 0 v, i s = 115 ma t j = 25 c 1.4 v t j = 85 c 0.7 2. pulse test: pulse width 300  s, duty cycle 2% 3. switching characteristics are independent of operating junction temperatures rev .c 2/6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.2 0.4 0.6 0.8 1.0 4.0 v 3.0 v v gs = 5,6,7.8,9.10 v 0123456 0.0 0.1 0.2 0.3 0.4 t j =125 o c t j =25 o c t j =-55 o c 0.10.20.30.40.50.60.70.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 t j = 125 o c t j = 85 o c t j = 25 o c v gs = 5.0v t j = -55 o c 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 t j = 125 o c t j = 85 o c t j = 25 o c v gs = 10v t j = -55 o c leshan radio company, ltd. typical electrical characteristics rev .c 3/6 l2n7002kdw1t1g , s-l2n7002kdw1t1g figure 1. on ? region characteristics figure 2. transfer characteristics v ds , drain ? to ? source voltage (v) v gs , gate ? to ? source voltage (v) i d , drain current (a) i d , drain current (a) figure 3. on ? resistance vs. drain current and temperature figure 4. on ? resistance vs. drain current and temperature i d , drain current (a) r ds(on) , drain ? to ? source resistance (  ) i d , drain current (a) r ds(on) , drain ? to ? source resistance (  )
12345678910 1 2 3 4 5 6 7 8 9 10 i d = 0.5 a -50 -25 0 25 50 75 100 125 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 v gs = 5.0 v v gs = 10 v r on 10v@t j = 25 o c: 2.3 r on 5.0v@t j = 25 o c: 2.7 i d = 0.5 a leshan radio company, ltd. typical electrical characteristics rev .c 4/6 l2n7002kdw1t1g , s-l2n7002kdw1t1g figure 5. on ? resistance vs. gate ? to ? source voltage figure 6. on ? resistance variation with temperature v gs , gate ? to ? source voltage (v) t j , junction temperature ( c) r ds(on) , drain ? to ? source resistance (  ) r ds(on) , drain ? to ? source resistance (normalized) 0 5 10 15 20 25 30 0 5 10 15 20 25 30 35 40 45 50 55 60 frequency = 1 mhz crss coss ciss 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v ds = 10 v i ds = 0.5 a figure 7. capacitance variation figure 8. gate ? to ? source and drain ? to ? source voltage vs. total charge qg, total gate charge (nc) v gs , gate ? to ? source voltage (v) c, capacitance (pf) gate ? to ? source or drain ? to ? source voltage (v)
leshan radio company, ltd. typical electrical characteristics figure 9. diode forward voltage vs. current v sd , source ? to ? drain voltage (v) i s , source current (a) rev .c 5/6 l2n7002kdw1t1g , s-l2n7002kdw1t1g 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.1 1 2 t j = 150 o c t j =25 o c
rev .c 6/6 sc?88 (sot?363) notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419b?01 obsolete, new standard 419b?02. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 123 a g s h c n j k 654 ?b? d 6 pl scale 20:1 0.50 0.0197 1.9 0.0748 0.65 0.025 0.65 0.025 0.40 0.0157  mm inches  soldering footprint* leshan radio company, ltd. l2n7002kdw1t1g , s-l2n7002kdw1t1g


▲Up To Search▲   

 
Price & Availability of L2N7002KDW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X