Part Number Hot Search : 
THC956 TWN6201 LT147A ASI10516 MC79M00 FPL37PT HS247200 F102R4
Product Description
Full Text Search
 

To Download L2N7002EM3T5G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. n - channel ordering information rk rk = device code m = month code marking diagram & pin assignment 3 2 1  
  maximum ratings rating symbol value unit drain?source voltage v dss 60 v dc drain current ? continuous t c = 25 c (note 1.) ? continuous ? i d i dm madc gate?source voltage ? continuous v gs vdc thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (note 2.) t a = 25 c derate above 25 c p d 150 1.2 mw mw/ c thermal resistance, junction to ambient r ja 833 c/w junction and storage temperature t j, t stg +150 c 1. the power dissipation of the package may result in a lower continuous drain current. 2. fr?5 = 1.0 x 0.75 x 0.062 in. 3. alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina. n?channel sot?723 ? pb?free package is available. 20 small signal mosfet 115 mamps, 60 volts m pulse t < 10us s-l2n7002em3t5g sot-723 1 2 3 115 800 ?55 to g d s 1 2 3 ? esd protected:2000v rev .o 1/4 l2n7002em3t5g l2n7002em3t5g rk 8000 tape & reel s-l2n7002em3t5g device marking shipping ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable.
leshan radio company, ltd. l2n7002em3t5g , s-l2n7002em3t5g  z z z z (ohfwulfdofkdudfwhulvwlfv  7d  & parameter test conditions v gs = = = = = ? = = ? ? ? ? ? ? ? ? ? ? ? ? ? ? = = ? ? 7.5 ? = = = = = = = = = = ? ? ? ? ? = ? = ? z z z z (ohfwulfdofkdudfwhulvwlf curve v  v gs , i rev .o 2/4
leshan radio company, ltd. z z z z (ohfwulfdofkdudfwhulvwlf curve v (continues)  z z z z switching fkdudfwhulvwlf s measurement circuit  rev .o 3/4 l2n7002em3t5g , s-l2n7002em3t5g
leshan radio company, ltd. d b1 e b e a l c h ?y? ?x? x 0.08 (0.0032) y 2x e 1 2 3 1.0 0.039  mm inches  0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 dim min nom max millimeters a 0.45 0.50 0.55 b 0.15 0.20 0.27 b1 0.25 0.3 0.35 c 0.07 0.12 0.17 d 1.15 1.20 1.25 e 0.75 0.80 0.85 e 0.40 bsc h 1.15 1.20 1.25 l 0.15 0.20 0.25 0.018 0.020 0.022 0.0059 0.0079 0.0106 0.010 0.012 0.014 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 bsc 0.045 0.047 0.049 0.0059 0.0079 0.0098 min nom max inches e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions or gate burrs. sot?723 soldering footprint rev .o 4/4 l2n7002em3t5g , s-l2n7002em3t5g


▲Up To Search▲   

 
Price & Availability of L2N7002EM3T5G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X