Part Number Hot Search : 
D103K LT3463A TX1298T C221M ADT731 NM3SOL3 BYV26BZ WP710
Product Description
Full Text Search
 

To Download L2N7002DMT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. s-l2n7002dmt1g 115 mamps 60 volts r ds(on) = 7.5  n - channel device marking shipping ordering information 10000 tape & reel maximum ratings rating symbol value unit drain?source voltage v dss 60 v dc drain?gate voltage (r gs = 1.0 m ? ) v dgr 60 v dc drain current ? continuous t c = 25 c (note 1.) ? continuous t c = 100 c (note 1.) ? pulsed (note 2.) i d i d i dm madc gate?source voltage ? continuous ? non?repetitive (t p 50 s) v gs v gsm vdc vpk thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (note 3.) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction to ambient r ja 556 c/w total device dissipation alumina substrate,(note 4.) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j, t stg -55 to +150 c 1. the power dissipation of the package may result in a lower continuous drain current. 2. pulse test: pulse width 300 s, duty cycle 2.0%. 3. fr?5 = 1.0 x 0.75 x 0.062 in. 4. alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina. n?channel sc?74 ? 75 800 20 40 115 small signal mosfet 115 mamps, 60 volts we declare that the material of product compliance with rohs requirements. sc-74 esd protected:1000v ? rev .o 1/4 l2n7002dmt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. l2n7002dmt1g 72d 3000 tape & reel s-l2n7002dmt1g l2n7002dmt3g 72d s-l2n7002dmt3g
leshan radio company, ltd. l2n7002dmt1g , s-l2n7002dmt1g electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?source breakdown voltage (v gs = 0, i d =250 adc) v (br)dss 60 ? ? vdc zero gate voltage drain current t j = 25 c (v gs = 0, v ds = 60 vdc) t j = 125 c i dss ? ? ? ? 1.0 500 adc gate?body leakage current, forward (v gs = 20 vdc) i gssf ? ? 1.0 gate?body leakage current, reverse (v gs =? 20 vdc) i gssr ? ? ?1.0 on characteristics (note 2.) gate threshold v oltage (v ds = v gs ,i d = 250 adc) v gs(th) 1.0 1.6 2 vdc on?state drain current (v ds  2.0 v ds(on) ,v gs = 10 vdc) i d(on) 500 ? ? ma static drain?source on?state voltage (v gs = 10 vdc, i d = 500 madc) (v gs = 5.0 vdc, i d = 50 madc) v ds(on) ? ? ? ? 3.75 0.375 vdc static drain?source on?state resistance (v gs = 10 v, i d = 500 madc) t c = 25 c t c = 125 c (v gs = 5.0 vdc, i d = 50 madc) t c = 2 5 c t c = 125 c r ds(on) ? ? ? ? 1.4 ? 1.8 ? 7.5 13.5 7.5 13.5 ohms forward transconductance (v ds  2.0 v ds(on) ,i d = 200 madc) g fs 80 ? ? mmhos dynamic characteristics input capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c iss ? 17 50 pf output capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c oss ? 10 25 pf reverse transfer capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c rss ? 2.5 5.0 pf switching characteristics (note 2.) turn?on delay time (v dd = 25 vdc , i d  500 madc, t d(on) ? 7 20 ns turn?off delay time (v r g = 25  , r l = 50  ,v gen = 10 v) t d(off) ? 11 40 ns body?drain diode ratings diode forward on?voltage (i s = 115 madc, v gs = 0 v) v sd ? ? ?1.5 vdc source current continuous (body diode) i s ? ? ?115 madc source current pulsed i sm ? ? ?800 madc 2. pulse test: pulse width  300 s, duty cycle  2.0%. adc adc rev .o 2/4
leshan radio company, ltd. typical electrical characteristics       
        ! " "      #$% &$' &$( &$) &$# &$% %$' %$( %$) %$# % &% % &$% #$% *$% )$% +$% ($% ,$% '$% -$%        figure 1. ohmic region &$% %$' %$( %$) %$# &% % &$% #$% *$% )$% +$% ($% ,$% '$% -$%        figure 2. transfer characteristics #$) #$# #$% &$' &$( &$) &$# &$% %$' %$( %$) &$# &$%+ &$& &$&% &$% %$-+ %$- %$'+ %$' %$,+ %$,  (%  #% . #% . (% . &%% . &)%  (%  #% . #% . (% . &%% . &)%   figure 3. temperature versus static drain?source on?resistance   figure 4. temperature versus gate threshold voltage   /#+    /&% - ' , ( ) * +   /&%  ++  #+  &#+    /&%   /#%%0   /    /&$%0 rev .o 3/4 l2n7002dmt1g , s-l2n7002dmt1g
leshan radio company, ltd. sc?74 23 4 5 6 d 1 e b e a1 a 0.05 (0.002) c l h e dim a min nom max min millimeters 0.90 1.00 1.10 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.25 0.37 0.50 0.010 c 0.10 0.18 0.26 0.004 d 2.90 3.00 3.10 0.114 e 1.30 1.50 1.70 0.051 e 0.85 0.95 1.05 0.034 0.20 0.40 0.60 0.008 0.039 0.043 0.002 0.004 0.015 0.020 0.007 0.010 0.118 0.122 0.059 0.067 0.037 0.041 0.016 0.024 nom max 2.50 2.75 3.00 0.099 0.108 0.118 h e ? ? l 0 10 0 10   rev .o 4/4 l2n7002dmt1g , s-l2n7002dmt1g
leshan radio comp any , ltd. reel dimensions metric dimensions govern ?? english are in parentheses for reference only embossed tape and reel data for discretes a t max outside dimension measured at edge g inside dimension measured near hub 20.2mm min (.795??) 1.5mm min (.06??) 13.0mm 0.5mm (.512 .002??) 50mm min (1.969??) full radius size a max g t max 8 mm 178.0mm (7.0??) 8.4mm+1.5mm, -0.0 (.33??+.039??, -0.00) 10.9mm (.43??) storage conditions temperature: 5 to 40 deg.c (20 to 30 deg. c is preferred) humidity: 30 to 80 rh (40 to 60 is preferred ) recommended period: one year after manufacturing (this recommended period is for the soldering condition only. the characteristics and reliabilities of the products are not restricted to this limitation)
shi p ment s p ecification leshan radio comp any , ltd. shi p ment s p ecification 10 reel 12 inner box/carton 360kpcs/carton dim(unit:mm) dim(unit:mm) 10reel/inner box 30kpcs/inner box label cpn label label label ????? leshan radi o com p an y, ltd. mark 195mm*195mm*150mm 460mm*400mm*420mm 8000pcs/reel (sot-723,sod-723,sod-923) 3000pcs/reel 80kpcs/inner box (sot-723,sod-723,sod-923) 960kpcs/carton (sot-723,sod-723,sod-923)


▲Up To Search▲   

 
Price & Availability of L2N7002DMT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X