Part Number Hot Search : 
MAX4995 AS7C3 JCS630 15J311 9034PCX BY100 D2011 IRF634NL
Product Description
Full Text Search
 

To Download KSMD19N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100v n-channel mosfet general description these n-channel enhancement mode power field effect transistors are produced using kersemi proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for low voltage applications such as audio amplifier, high efficiency switching dc/dc converters, and dc motor control. features ? 15.6a, 100v, r ds(on) = 0.1 ? @v gs = 10 v ? low gate charge ( typical 19 nc) ? low crss ( typical 32 pf) ? fast switching ? 100% avalanche tested ? improved dv/dt capability absolute maximum ratings t c = 25c unless otherwise noted thermal characteristics symbol parameter KSMD19N10 / ksmu19n10 units v dss drain-source voltage 100 v i d drain current - continuous (t c = 25c) 15.6 a - continuous (t c = 100c) 9.8 a i dm drain current - pulsed (note 1) 62.4 a v gss gate-source voltage 25 v e as single pulsed avalanche energy (note 2) 220 mj i ar avalanche current (note 1) 15.6 a e ar repetitive avalanche energy (note 1) 5.0 mj dv/dt peak diode recovery dv/dt (note 3) 6.0 v/ns p d power dissipation (t a = 25c) * 2.5 w power dissipation (t c = 25c) 50 w - derate above 25c 0.4 w/c t j , t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter typ max units r jc thermal resistance, junction-to-case -- 2.5 c / w r ja thermal resistance, junction-to-ambient * -- 50 c / w r ja thermal resistance, junction-to-ambient -- 110 c / w * when mounted on the minimum pad size recommended (pcb mount) ! " ! ! ! " " " ! " ! ! ! " " " s d g to-252 to-251 KSMD19N10 / ksmu19n10 2014-7-12 1 www.kersemi.com
(note 4) (note 4, 5) (note 4, 5) (note 4) electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 1.35mh, i as = 15.6a, v dd = 25v, r g = 25 ?, starting t j = 25c 3. i sd 19a, di/dt 300a/ s, v dd bv dss, starting t j = 25c 4. pulse test : pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 100 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25c -- 0.1 -- v/c i dss zero gate voltage drain current v ds = 100 v, v gs = 0 v -- -- 1 a v ds = 80 v, t c = 125c -- -- 10 a i gssf gate-body leakage current, forward v gs = 25 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -25 v, v ds = 0 v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2.0 -- 4.0 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 7.8 a -- 0.078 0.1 ? g fs forward transconductance v ds = 40 v, i d = 7.8 a -- 11 -- s dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 600 780 pf c oss output capacitance -- 165 215 pf c rss reverse transfer capacitance -- 32 40 pf switching characteristics t d(on) turn-on delay time v dd = 50 v, i d = 19 a, r g = 25 ? -- 7.5 25 ns t r turn-on rise time -- 150 310 ns t d(off) turn-off delay time -- 20 50 ns t f turn-off fall time -- 65 140 ns q g total gate charge v ds = 80 v, i d = 19 a, v gs = 10 v -- 19 25 nc q gs gate-source charge -- 3.9 -- nc q gd gate-drain charge -- 9.0 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 15.6 a i sm maximum pulsed drain-source diode forward current -- -- 62.4 a v sd drain-source diode forward voltage v gs = 0 v, i s = 15.6 a -- -- 1.5 v t rr reverse recovery time v gs = 0 v, i s = 19 a, di f / dt = 100 a/ s -- 78 -- ns q rr reverse recovery charge -- 200 -- nc KSMD19N10 / ksmu19n10 2014-7-12 2 www.kersemi.com
0 4 8 12 16 20 0 2 4 6 8 10 12 v ds = 50v v ds = 80v note : i d = 19a v gs , gate-source voltage [v] q g , total gate charge [nc] 10 -1 10 0 10 1 0 300 600 900 1200 1500 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 10 -1 10 0 10 1 25 150 notes : 1. v gs = 0v 2. 250 s pulse test i dr , reverse drain current [a] v sd , source-drain voltage [v] 0 20406080 0.00 0.06 0.12 0.18 0.24 0.30 note : t j = 25 v gs = 20v v gs = 10v r ds(on) [ ? ], drain-source on-resistance i d , drain current [a] 246810 10 -1 10 0 10 1 notes : 1. v ds = 40v 2. 250 s pulse test -55 150 25 i d , drain current [a] v gs , gate-source voltage [v] 10 -1 10 0 10 1 10 0 10 1 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bottom : 4.5 v notes : 1. 250 s pulse test 2. t c = 25 i d , drain current [a] v ds , drain-source voltage [v] typical characteristics figure 5. capacitance characteristics figure 6. gate charge characteristics figure 3. on-resistance variation vs. drain current and gate voltage figure 4. body diode forward voltage variation vs. source current and temperature figure 2. transfer characteristics figure 1. on-region characteristics KSMD19N10 / ksmu19n10 2014-7-12 3 www.kersemi.com
10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 n ote s : 1. z jc (t) = 2.5 /w m ax. 2. d u ty f actor, d =t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), therm al response t 1 , s q u are w ave p u lse d ura tion [sec] 25 50 75 100 125 150 0 4 8 12 16 i d , drain current [a] t c , case temperature [ ] 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 s dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 notes : 1. v gs = 10 v 2. i d = 7.8 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] typical characteristics (continued) figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 7. breakdown voltage variation vs. temperature figure 8. on-resistance variation vs. temperature figure 11. transient thermal response curve t 1 p dm t 2 KSMD19N10 / ksmu19n10 2014-7-12 4 www.kersemi.com
charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs v gs v ds 10% 90% t d(on) t r t on t off t d(off) t f v dd 10v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time 10v dut r g l l i d i d t p gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms KSMD19N10 / ksmu19n10 2014-7-12 5 www.kersemi.com
peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period -------------------------- KSMD19N10 / ksmu19n10 2014-7-12 6 www.kersemi.com
package dimensions 6.60 dpak KSMD19N10 / ksmu19n10 2014-7-12 7 www.kersemi.com
package dimensions (continued) 6.60 ipak KSMD19N10 / ksmu19n10 2014-7-12 8 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of KSMD19N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X