Part Number Hot Search : 
CTCDR 0N60B3 MLX902 120EI GBLCSC0 00393 HER201 NCP12
Product Description
Full Text Search
 

To Download KIA78R12F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2009. 10. 22 1/8 semiconductor technical data kia78r05f~kia78r35f bipolar linear integrated circuit revision no : 4 5 terminal low dropout voltage regulator the kia78r ???? series are low dropout voltage regulator suitable for various electronic equipments. it provides constant voltage power source with dpak-5 terminal surface mount type pkg. the regulator has multi function such as over current protection, overheat protection and on/off control. features ? 1.0a output low dropout voltage regulator. ? built in on/off control terminal. ? built in over current protection, over heat protection function. line up dpak-5 dim millimeters a b c d e i 6.6 0.2 6.1 0.2 5.0 0.2 1.10 0.2 2.70 0.2 1.27 0.1 0.5+0.2/-0.1 2.30 0.2 0.5 0.1 0.50 0.1 0.8 0.2 0.7min 0 ~0.25 c a b e d f h i j l p o m n f h j l m n o 1.00 0.1 p 1 dc input (v ) in on/off control (v ) 2 c dc output (v ) 3 out n.c 4 gnd 5 gnd 5 12 34 5 + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ heat sink is common to maximum ratings (ta=25 ? ) item output voltage (typ.) unit kia78r05f 5 v kia78r06f 6 kia78r08f 8 kia78r09f 9 kia78r10f 10 KIA78R12F 12 kia78r15f 15 kia78r25f 2.5 kia78r33f 3.3 kia78r35f 3.5 characteristic symbol rating unit remark input voltage v in 35 v - on/off control voltage v c 35 v - output current i o 1 a - power dissipation 1 p d1 1.3 w no heatsink power dissipation 2 p d2 13 w infinite heatsink junction temperature t j 150 ? - operating temperature t opr -20~80 ? - storage temperature t stg -30~150 ? - soldering temperature (10sec) t sol 260 ? -
2009. 10. 22 2/8 kia78r05f~kia78r35f revision no : 4 electrical characteristics (unless otherwise specified, i o =0.5a, ta=25 ? , note1.) characteristic symbol conditions min. typ. max. unit output voltage kia78r05f v o - 4.88 5.0 5.12 v kia78r06f - 5.85 6.0 6.15 kia78r08f - 7.80 8.0 8.2 kia78r09f - 8.78 9.0 9.22 kia78r10f - 9.75 10.0 10.25 KIA78R12F - 11.70 12.0 12.30 kia78r15f - 14.70 15.0 15.30 kia78r25f - 2.438 2.50 2.562 kia78r33f - 3.220 3.30 3.380 kia78r35f - 3.413 3.50 3.587 load regulation reg load 5ma ?a i out ?a 1a - 0.1 2.0 % line regulation reg line (note 2) - 0.5 2.5 % temperature coefficient of output voltage t c v o tj=0 ?- 125 ? - ?? 0.02 ?? 0.05 %/ ? ripple rejection r ? r - 45 55 - db drop out voltage v d i o =1a, v in =0.95 v out - - 0.5 v output on state for control voltage v c(on) - 2.0 - - v output on state for control current i c(on) v c =2.7v - - 20 a output off state for control voltage v c(off) - - - 0.8 v output off state for control current i c(off) v c =0.4v - - -0.4 ma quiescent current i q i o =0 - - 10 ma note1) v in of kia78r05=7v " kia78r06=8v " kia78r08=10v " kia78r09=15v " kia78r10=16v " kia78r12=18v " kia78r15=21v " kia78r25=4.2v " kia78r33=5.0v " kia78r35=5.2v note2) v in of kia78r05=6~12v " kia78r06=7~15v " kia78r08=9~25v " kia78r09=10~25v " kia78r10=11~26v " kia78r12=13~29v " kia78r15=16~32v " kia78r25=3.2~10v " kia78r33=4.0~10v " kia78r35=4.2~10v
2009. 10. 22 3/8 kia78r05f~kia78r35f revision no : 4 over heat protection control output on/off aso protection bandgap reference - + v in v c gnd v out block diagram
2009. 10. 22 4/8 kia78r05f~kia78r35f revision no : 4 a a a v 0.33 f gnd i i r i q c l o v c v in v out gnd v c v in v in v out v c v c v in v out 47 f fig. 1 standard test circuit kia78rxx kia78rxx specific ic c o load high or open:output on low :output off cmos or ttl fig. 3 application circuit for standard v 0.33 f r l e o 47 f fig. 2 ripple rejection test circuit e i f=120hz(sine wave) ei=0.5vrms rr=20log(ei/eo)
2009. 10. 22 5/8 kia78r05f~kia78r35f revision no : 4 -100 -25 0255075 100 125 -50 0 50 100 150 relative output voltage (%) 0 0 output current i out (a) fig. 5 v out - i out 0.5 1.0 1.5 2.0 20 40 60 80 100 junction temperature t j ( c) output voltage deviation v o (mv) fig. 4 p d - ta (dpak-5) power dissipation p d (w) 0 3 6 9 15 12 0150 50 100 thermal resistance j-c 9.62 j-a 96.2 c/w ambient temperature ta ( c) p d2 p d1 fig. 6 v o - t j v in =7v (kia78r05) v in =8v (kia78r06) v in =10v (kia78r08) v in =15v (kia78r09) v in =16v (kia78r10) v in =18v (kia78r12) v in =21v (kia78r15) v in =4.2v (kia78r25) v in =5.0v (kia78r33) v in =5.2v (kia78r35) 0 -25 quiescent current i q (ma) 0255075 100 125 2 4 6 8 10 junction temperature t j ( c) v in = 35v i o = 0a -25 0 25 50 100 75 125 junction temperature t j ( c) fig. 7 v d - t j fig. 8 i q - t j 0 dropout voltage v d (v) i =1a o 0.1 0.2 0.3 0.4 0.5 i =0.75a o i =0.5a o i =0.25a o i o =0.5a input ripple frequency f (khz) 0.1 0 ripple rejection rr (db) 10 20 30 40 50 60 70 80 110 100 i o = 0.5a,ei=0.5vrms v in = 4.2v(kia78r25) v in = 10v(kia78r08) v in = 5.0v(kia78r33) v in = 15v(kia78r09) v in = 5.2v(kia78r35) v in = 16v(kia78r10) v in = 7v (kia78r05) v in = 18v(kia78r12) v in = 8v (kia78r06) v in = 21v(kia78r15) fig. 9 r.r - f
2009. 10. 22 6/8 kia78r05f~kia78r35f revision no : 4 f=120hz,ei=0.5vrms, c ref =3.3 f v in = 4.2v(kia78r25) v in = 10v(kia78r08) v in = 5.0v(kia78r33) v in = 15v(kia78r09) v in = 5.2v(kia78r35) v in = 16v(kia78r10) v in = 7v (kia78r05) v in = 18v(kia78r12) v in = 8v (kia78r06) v in = 21v(kia78r15) ripple rejection rr (db) output current i o (a) 0.1 20 0.5 1.0 30 40 50 60 70 fig. 10 r.r - i out fig. 12 v out - v in (kia78r05) output voltage v out (v) r = input voltage v in (v) 1 0 0 3 2 5 4 2 l r =10 ? l 4 l r =5 ? 68 7 6 8 output voltage v out (v) input voltage v in (v) 0 0 51015 fig. 13 v out - v in (kia78r06) 1 2 3 4 5 6 7 8 r l =6 ? r l = ? output voltage v out (v) input voltage v in (v) fig. 14 v out - v in (kia78r08) 5 0 0 10 15 5 10 r l =8 ? r l = ? 0 0 51015 5 10 output voltage v out (v) input voltage v in (v) fig. 15 v out - v in (kia78r09) r l =9 ? r l =18 ? r l = ? fig. 11 v out - v in (kia78r33) output voltage v out (v) input voltage v in (v) 1 0 0 3 2 4 2468 5 r = l r =3.3 ? l
2009. 10. 22 7/8 kia78r05f~kia78r35f revision no : 4 0 0 20 510152025 5 10 15 output voltage v out (v) input voltage v in (v) fig. 17 v out - v in (kia78r12) r l =24 ? r l =12 ? r l = ? 0 0 5101 52025 5 10 15 20 output voltage v out (v) input voltage v in (v) fig. 18 v out - v in (kia78r15) r l =30 ? r l =15 ? r l = ? 0 0 10 5 20 30 40 10 circuit operating current i bias (ma) input voltage v in (v) fig. 21 i bias - v in (kia78r06) r l =6 ? r l = ? circuit operating current i bias (ma) 0 0 510 10 20 30 40 input voltage v in (v) fig. 20 i bias - v in (kia78r05) r l =5 ? r l =10 ? r l = ? circuit operating current i bias (ma) 012 0 345 10 20 30 40 input voltage v in (v) fig. 19 i bias - v in (kia78r33) r l =3.3 ? r l = ? 5 0 0 5 10 10 15 15 output voltage v out (v) input voltage v in (v) fig. 16 v out - v in (kia78r10) r l =10 ? r l = ?
2009. 10. 22 8/8 kia78r05f~kia78r35f revision no : 4 0 0 10 20 30 40 510152025 10 0 05 15 10 20 30 40 circuit operating current i bias (ma) input voltage v in (v) fig. 24 i bias - v in (kia78r10) circuit operating current i bias (ma) input voltage v in (v) fig. 25 i bias - v in (kia78r12) r l =24 ? r l =24 ? r l =12 ? r l =12 ? r l =10 ? r l = ? r l = ? r l = ? 0 0 10 5 40 30 20 20 10 15 25 circuit operating current i bias (ma) input voltage v in (v) fig. 26 i bias - v in (kia78r15) r l =15 ? r l =15 ? r l =30 ? r l =30 ? r l = ? r l = ? 0 0 10 20 30 40 51015 circuit operating current i bias (ma) input voltage v in (v) fig. 22 i bias - v in (kia78r08) r l = ? 0 0 10 20 30 40 10 5 15 circuit operating current i bias (ma) input voltage v in (v) fig. 23 i bias - v in (kia78r09) r l =9 ? r l =18 ? r l = ?


▲Up To Search▲   

 
Price & Availability of KIA78R12F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X