Part Number Hot Search : 
T01KO 600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1
Product Description
Full Text Search
 

To Download HMC557 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - double-balanced - chip 4 4 - 66 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC557 gaas mmic fundamental mixer, 2.5 - 7.0 ghz v01.1007 general description features functional diagram high lo/rf isolation: 48 db wide if bandwidth: dc - 3 ghz passive double balanced topology low conversion loss: 7 db small size: 1.02 x 0.94 x 0.1 mm typical applications the HMC557 is ideal for: ? wimax & fixed wireless ? microwave radio ? military & space ? communications, radar & ew ? test equipment & sensors the HMC557 is a passive double balanced mixer that can be used as an upconverter or downconverter between 2.5 and 7 ghz. the miniature monolithic mixer is fabricated in a gaas mesfet process, and requires no external components or matching cir- cuitry. the HMC557 operates with lo drive levels as low as +9 dbm and provides excellent lo to rf and lo to if isolation due to optimized balun structures. measurements were made with the chip mounted into in a 50 ohm test fi xture and includes the parasitic effects of wire bond assembly. connections were made with a 1 mil wire bond with minimal length (<12 mil). electrical specifi cations, t a = +25 c, if= 100 mhz, lo= +15 dbm* parameter min. typ. max. min. typ. max. units frequency range, rf & lo 2.5 - 5.0 5.0 - 7.0 ghz frequency range, if dc - 3 dc - 3 ghz conversion loss 7 9.5 8 10.5 db noise figure (ssb) 7 9.5 8 10.5 db lo to rf isolation 40 48 35 45 db lo to if isolation 25 30 22 28 db rf to if isolation 10 18 18 24 db ip3 (input) 17 22 dbm ip2 (input) 50 50 dbm 1 db gain compression (input) 10 12 dbm *unless otherwise noted, all measurements performed as downconverter, if= 100 mhz.
mixers - double-balanced - chip 4 4 - 67 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com conversion gain vs. temperature @ lo = +15 dbm conversion gain vs. lo drive isolation @ lo = +15 dbm if bandwidth @ lo = +15 dbm return loss @ lo = +15 dbm upconverter performance conversion gain vs. lo drive -20 -15 -10 -5 0 23456789 +25c +85c -55c conversion gain (db) frequency (ghz) -25 -20 -15 -10 -5 0 23456789 rf lo return loss (db) frequency (ghz) -20 -15 -10 -5 0 23456789 +9 dbm +12 dbm +15 dbm +18 dbm conversion gain (db) frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 0 0.5 1 1.5 2 2.5 3 3.5 4 if return loss conversion gain response (db) frequency (ghz) -20 -15 -10 -5 0 23456789 +9 dbm +12 dbm +15 dbm +18 dbm conversion gain (db) frequency (ghz) -60 -50 -40 -30 -20 -10 0 23456789 rf/if lo/rf lo/if isolation (db) frequency (ghz) HMC557 v01.1007 gaas mmic fundamental mixer, 2.5 - 7.0 ghz
mixers - double-balanced - chip 4 4 - 68 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com input ip2 vs. temperature @ lo = +15 dbm * input ip3 vs. lo drive * input ip3 vs. temperature @ lo = +15 dbm * input ip2 vs. lo drive * * two-tone input power = -10 dbm each tone, 1 mhz spacing. input p1db vs. temperature @ lo = +15 dbm 0 5 10 15 20 25 30 23456789 +9 dbm +12 dbm +15 dbm +17 dbm ip3 (dbm) frequency (ghz) 0 10 20 30 40 50 60 70 23456789 +25c +85c -40c ip2 (dbm) frequency (ghz) 0 10 20 30 40 50 60 70 23456789 +9 dbm +12 dbm +15 dbm +17 dbm ip2 (dbm) frequency (ghz) 0 5 10 15 20 25 30 23456789 +25c +85c -40c ip3 (dbm) frequency (ghz) mxn spurious outputs nlo mrf01234 0xx-6242641 1140373571 27653715277 39495867397 4949497100102 rf = 5.1 ghz @ -10 dbm lo = 5 ghz @ +15 dbm all values in dbc below the if output power level. 6 8 10 12 14 16 2345678 +25c +85c -55c p1db (dbm) frequency (ghz) HMC557 v01.1007 gaas mmic fundamental mixer, 2.5 - 7.0 ghz
mixers - double-balanced - chip 4 4 - 69 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com outline drawing absolute maximum ratings notes: 1. all dimensions are in inches [mm]. 2. die thickness is .004. 3. typical bond pad is .004 square. 4. bond pad spacing center to center is .006. 5. backside metallization: gold. 6. bond pad metallization: gold. 7. backside metal is ground. 8. connection not required for unlabeled bond pads. 9. this die is designed for pick-up with vacuum (edge) collet tools. to preclude the risk of permanent damage, no contact to the die surface is allowed within this rectangular area. die packaging information [1] standard alternate wp-7 (waffle pack) [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation. electrostatic sensitive device observe handling precautions rf / if input +25 dbm lo drive +25 dbm channel temperature 150 c continuous pdiss (t = 85 c) (derate 7.6 mw/c above 85 c) 492 mw thermal resistance (channel to die bottom) 132 c/w storage temperature -65 to +150 c operating temperature -55 to +85 c HMC557 v01.1007 gaas mmic fundamental mixer, 2.5 - 7.0 ghz
mixers - double-balanced - chip 4 4 - 70 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com pad number function description interface schematic 1lo this pin is dc coupled and matched to 50 ohms. 2rf this pin is dc coupled and matched to 50 ohms. 3if this pad is dc coupled. for applications not requiring operation to dc, this port should be dc blocked externally using a series capacitor whose value has been chosen to pass the necessary if frequency range. for operation to dc, this pin must not source or sink more than 2 ma of current or part non-function and possible part failure will result. die bottom gnd die bottom must be connected to rf/dc ground. pad descriptions assembly drawing HMC557 v01.1007 gaas mmic fundamental mixer, 2.5 - 7.0 ghz
mixers - double-balanced - chip 4 4 - 71 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hmc general handling, mounting, bonding note). 50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina thin fi lm substrates are recommended for bringing rf to and from the chip (figure 1). if 0.254mm (10 mil) thick alumina thin fi lm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. one way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (figure 2). microstrip substrates should be brought as close to the die as possible in order to minimize ribbon bond length. typical die-to-substrate spacing is 0.076mm (3 mils). gold ribbon of 0.075 mm (3 mil) width and minimal length <0.31 mm (<12 mils) is recommended to minimize inductance on rf, lo & if ports. handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either waffle or gel based esd protective containers, and then sealed in an esd protective bag for shipment. once the sealed esd protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: handle the chips in a clean environment. do not attempt to clean the chip using liquid cleaning systems. static sensitivity: follow esd precautions to protect against esd strikes. transients: suppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick-up. general handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fi ngers. mounting the chip is back-metallized and can be die mounted with ausn eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and fl at. eutectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 c and a tool temperature of 265 c. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 c. do not expose the chip to a temperature greater than 320 c for more than 20 seconds. no more than 3 seconds of scrubbing should be required for attachment. epoxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fi llet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire is recommended. thermosonic wirebonding with a nominal stage temperature of 150 c and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be started on the chip and terminated o n the package or substrate. all bonds should be as short as possible <0.31 mm (12 mils). 0.102mm (0.004?) thick gaas mmic 3 mil ribbon bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic 3 mil ribbon bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab HMC557 v01.1007 gaas mmic fundamental mixer, 2.5 - 7.0 ghz


▲Up To Search▲   

 
Price & Availability of HMC557

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X