zowie (200v~1000v / 10a) GBU1002LC thru gbu1010lc absolute maximum ratings (ta = 25 o c) v rrm 600 1000 800 400 1002lc 1004lc 1006lc 1008lc 1010lc 200 v i f(av) a i fsm a 290 220 8.3ms single half sine-wave item average forward current at t c = 100j symbol conditions unit peak forward surge current gbu 10 repetitive peak reverse voltage low vf bridge rectifier * internal structure with gprc (glass passivated rectifier chip) inside * compliance to rohs product * low forward voltage drop * superior thermal conductivity * ideal for printed circuit boards * plastic package has underwriters laboratory flammability classification 94v-0 * this series is ul listed under the recognized component index, file number e335309 features case : molded plastic terminals : tin plated, solderable per mil-std-750, method 2026. polarity : as marked on body mechanical data electrical characteristics (ta = 25 o c) v f i f = 5.0a item symbol conditions min. typ. v - 0.90 0.91 - 0.91 0.92 max. unit forward voltage pf - 69 - c j v r = 4v, f = 1.0 mhz junction capacitance a 2 sec - - 349 200 rating for fusing ( t<8.3ms) ua - - 5 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2013/08 rev. 1 t j, t stg -55 to +175 operating junction and storage temperature range o c - 25 - r th(ja) junction to ambient (without heatsink) thermal resistance o c/w - 3.2 - r th(jc) junction to lead (with heatsink) i 2 t - + gbu1002 lc marking zowie logo ul logo uni t : mm case : gbu-lc outline dimensions 7 . 0 0 0.20 2 2 . 0 0 0.30 3 . 6 m i n . 5 . 0 8 0.20 2 . 4 1 0.20 5 . 5 0 0.20 1 8 . 5 0 0.30 1 8 . 0 0 1.0 5 . 0 8 0.20 5 . 0 8 0.20 0 . 5 0 0.2 1 . 0 0 0.20 1 . 1 4 0.20 2 . 0 0 0.50 3 . 5 0 0.20 3 x 45 o chamfer type GBU1002LC / gbu1006lc GBU1002LC / gbu1006lc gbu1008lc / gbu1010lc gbu1008lc / gbu1010lc bulk : * 20 pces per tube pack * 720 pcs per boxes * 2,880 pcs per carton packing 02 = 200v 04 = 400v 06 = 600v 08 = 800v 10 = 1000v voltage class
zowie (200v~1000v / 10a) GBU1002LC thru gbu1010lc 2013/08 rev. 1 fig.1 - forward current derating curve average forward rectified current, amperes 10.0 8.0 2.0 4.0 6.0 0 0 25 50 75 100 125 175 150 case temperature, o c fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes 0.1 1.0 10.0 100.0 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 instantaneous forward voltage, volts fig.5 - typical junction capacitance reverse voltage, volts 0.1 junction capacitance, pf 1.0 10 100 10 100 1000 fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz pulse width 8.3ms single half-sire-wave 0 50 100 150 200 300 250 1 10 100 t j =25 o c t j =25 o c fig.4 - typical reverse characteristics per bridge element percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.01 0 0.10 1.0 10 100 500 20 40 60 80 100 t j =25 o c t j =125 o c gbu1002l c ~ 0 6l c gbu100 8 lc & 10lc
|