Part Number Hot Search : 
AQW614 8T34SH 2158M000 BU208A FAMILY BR4010 LT1K53A TLC154P
Product Description
Full Text Search
 

To Download ESD0402LC05N15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount polymer esd suppressors revision november 08, 2013 1 / 4 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. ESD0402LC05N15 socay electronics co., ltd. www.socay.com ESD0402LC05N15 is applied to electrostatic discharge (esd) protection. it is designed to protect the high-speed data lines against esd transients. it has very low capacitance and fast turn on times makes it ideal for data and transmission lines with high data rates. it can apply to hdmi, usb3.0, display port, thunderbolt, etc. u protection against esd voltages and currents (iec61000-4-2 level 4) u extremely quick response time (<1ns) present ideal esd protection u extremely low capacitance (0.05pf typical) u bi-directional device u smd (surface mount device) u zero signal distortion symbol unit min typical max. rated voltage v dc v 15 trigger voltage v t v 300 clamping voltage v c v 20 capacitance, @1mhz c p pf 0.05 response time ns 1 esd voltage capability, contact discharge mode kv 8 esd voltage capability, air discharge mode kv 15 esd pulse withstand pulses 1000 v t - measurement by using transmission line pulse (tlp) v c - measurement by using transmission line pulse (tlp) c p - device capacitance measured with 1vrms description features equivalent circuits electrical characteristics
surface mount polymer esd suppressors revision november 08, 2013 2 / 4 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. ESD0402LC05N15 socay electronics co., ltd. www.socay.com (1) series type: esd guard tm series (2) chip size (eia): 0402 (3) series type: extremely low capacitance cemi / esd protection (4) capacitance: value - xx, 05=0.05pf (5) capacitance tolerance: n - 30%, m - 20% (6) rated voltage, vdc substrate ceramic (alumina) symbol spec. encapsulate polymer l 1.00 0.1 end termination ag / ni / sn w 0.50 0.1 h 0.38 0.1 b 0.25 0.15 a 0.50 0.1 c 0.50 0.1 d 0.50 0.1 e xplanation of part number construction & dimensions unit: mm recommended pad outline esd 0 4 0 2 lc 0 5 n 15 (1) (2) (3) (4) (5) (6)
surface mount polymer esd suppressors revision november 08, 2013 3 / 4 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. ESD0402LC05N15 socay electronics co., ltd. www.socay.com item specifications test condition reference parameter value unit thermal shock i l 10 a -40 c to +85 c 30 min. cycle, 5 cycles jis c0025 (1998)test na operating temperature -55 to +85 c storage temperature --55 to +85 c taping package storage condition storage temperature 5 to 40 c high temperature i l 10 a rated voltage, 85 c, 1000hrs mil-std-202g method 108 relative humidity <65 %rh storage time 12 max month solder leach resistance i l 10 a 260 c, 10s mil-std-202g method 210f i l - leakage current at rated voltage, the maximum leakage current was measured after reliability test. reflow condition pb free assembly pre heat -temperature min (t s(min) ) +150 c -temperature max (t s(max) ) +200 c -time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to t l - ramp-up rate 3 c/second max reflow - temperature (t l ) (liquidus) +217 c - time (min to max) (t l ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c note that this product will be easily damaged by rapid heating, rapid cooling or local heating. do not give heat shock over 100 c in the process of soldering. we recommend to take preheating and gradual cooling soldering gun procedure note the follows, in case of using solder gun for replacement. 1) the tip temperature must be less than 280 for the period within 3 seconds by using soldering gun under 30w 2) the soldering gun tip shall not touch this product directly. soldering volume note that excess of soldering volume will easily get crack the body of this product. time within 5 c of actual peak temperature (t p ) 20-40 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max environmental specifications temperature specifications construction & dimensions unit: mm ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time precaution for soldering
surface mount polymer esd suppressors revision november 08, 2013 4 / 4 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. ESD0402LC05N15 socay electronics co., ltd. www.socay.com carrier tape dimensions unit: mm symbol 0402 a 8.00 0.30 b 3.50 0.05 c 1.75 0.10 d 2.00 0.05 e 4.00 0.10 f 1.50 0.10 l 1.19 0.05 packaging method - products shall be heat-sealed in the chip pocket, spacing pitch 2-mm of paper carrier tape with cover tape, and carrier tape shall be reeled to the reel. - tape material to be paper. - cover tape adhesion to be 40 15 grams. w 0.69 0.05 t 0.48 0.03 taping reel dimensions unit: mm taping specifications there shall be the portion having no product in both the head and the end of taping, and there shall be the cover tape in the heat of taping. quantity of products in the taping package standard quantity 0402 10,000pcs / reel shipping quantity is a multiple of standard quantity packaging informati on


▲Up To Search▲   

 
Price & Availability of ESD0402LC05N15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X