Part Number Hot Search : 
ABS250K 15KPA1 BR1632A 2T440G IRFZ3 LX200F00 T6C63 2SK142
Product Description
Full Text Search
 

To Download ENA1108A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  71812 tkim/o2908ab msim tc-00001669 no. a1108-1/8 http://onsemi.com semiconductor components industries, llc, 2013 august, 2013 15gn03ma rf transistor 10v, 70ma, f t =1.5ghz, npn single mcp stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. applications ? vhf, rf, mixer, osc, if ampli er features ? high cut-off frequency : f t =1.5ghz typ ? high gain : ? s21e ? 2 =13db typ (f=0.4ghz) ? ultrasmall package permitting applied sets to be small and slim speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo 20 v collector-to-emitter voltage v ceo 10 v emitter-to-base voltage v ebo 3v collector current i c 70 ma collector dissipation p c when mounted on ceramic substrate (250mm 2 0.8mm) 400 mw junction temperature tj 150 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7023a-009 ordering number : ENA1108A product & package information ? package : mcp ? jeita, jedec : sc-70, sot-323 ? minimum packing quantity : 3,000 pcs./reel packing type: tl marking electrical connection zc lot no. lot no. tl 1 : base 2 : emitter 3 : collector mcp 3 12 2.0 0.425 0.425 0.3 0.65 2.1 0.9 1.25 0.3 0.2 0 to 0.08 0.15 15gn03ma-tl-e 3 2 1
15gn03ma no. a1108-2/8 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =10v, i e =0a 0.1 a emitter cutoff current i ebo v eb =2v, i c =0a 1 a dc current gain h fe v ce =5v, i c =10ma 100 180 gain-bandwidth product f t v ce =5v, i c =20ma 1.0 1.5 ghz output capacitance cob v cb =10v, f=1mhz 0.95 1.25 pf reverse transfer capacitance cre 0.65 pf forward transfer gain ? s21e ? 2 v ce =5v, i c =20ma, f=0.4ghz 10 13 db noise figure nf v ce =3v, i c =2ma, f=0.4ghz 1.6 db ordering information device package shipping memo 15gn03ma-tl-e mcp 3,000pcs./reel pb free 0246810 0 10 20 30 40 50 60 70 80 90 100 collector-to-emitter voltage, v ce -- v collector current, i c -- m a i c -- v ce it08096 i b =0ma 0 0.2 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50 80 70 60 base-to-emitter voltage, v be -- v collector current, i c -- m a it08097 i c -- v be 5 7 100 2 3 5 7 1.0 2 3 3 h fe -- i c 1.0 23 57 10 23 57 100 1.0 23 57 10 23 57 100 collector current, i c -- ma dc current gain, h fe it08098 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma v ce =5v f t -- i c collector current, i c -- ma gain-bandwidth product, f t -- ghz it08099 v ce =5v v ce =5v
15gn03ma no. a1108-3/8 0 20 40 60 80 100 120 140 160 0 50 100 150 200 250 300 350 400 450 it08104 collector dissipation, p c -- mw p c -- ta 1.0 23 57 23 57 10 100 ? s21e ? 2 -- i c collector current, i c -- ma ambient temperature, ta -- c forward transfer gain, ? s21e ? 2 -- db it08102 collector current, i c -- ma noise figure, nf -- db it08103 nf -- i c 5 7 2 3 1.0 5 7 2 3 1.0 collector-to-base voltage, v cb -- v reverse transfer capacitance, cre -- pf it08101 cre -- v cb 0.1 22 35 5 7237 1.0 10 0.1 22 35 5 7237 1.0 10 cob -- v cb collector-to-base voltage, v cb -- v output capacitance, cob -- pf it08100 f=1mhz f=1mhz 4 6 8 10 12 14 1.0 10 357 235 5 723 2 3 5 7 10 1.0 z s =50 z s =zsopt v ce =5v f=400mhz v ce =3v f=400mhz when mounted on ceramic substrate (250mm 2 ? 0.8mm)
15gn03ma no. a1108-4/8 s parameters (common emitter) v ce =5v, i c =1ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.927 -39.48 3.051 153.95 0.045 66.57 0.938 -5.28 200 0.877 -72.13 2.643 134.85 0.072 53.42 0.879 -10.12 300 0.831 -97.09 2.258 118.70 0.090 41.89 0.834 -15.17 400 0.796 -115.43 1.925 105.65 0.093 33.66 0.806 -20.70 500 0.772 -128.51 1.645 95.12 0.090 29.42 0.796 -25.57 600 0.759 -139.76 1.420 86.92 0.085 28.20 0.796 -28.96 700 0.754 -148.33 1.255 80.31 0.080 30.19 0.792 -31.48 800 0.750 -155.54 1.132 74.68 0.072 36.45 0.790 -34.42 900 0.746 -162.07 1.033 69.44 0.067 44.81 0.793 -37.89 1000 0.743 -167.59 0.948 65.05 0.065 55.74 0.796 -41.83 v ce =5v, i c =3ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.819 -66.73 7.544 137.99 0.036 55.23 0.862 -14.15 200 0.733 -107.53 5.274 115.44 0.050 43.07 0.730 -17.07 300 0.698 -130.44 3.901 102.51 0.055 40.37 0.691 -20.60 400 0.682 -144.75 3.111 93.53 0.056 41.56 0.673 -22.18 500 0.674 -154.20 2.563 85.87 0.056 46.54 0.680 -25.14 600 0.669 -161.91 2.175 79.64 0.057 53.71 0.686 -28.23 700 0.669 -167.44 1.884 74.61 0.061 62.91 0.686 -30.58 800 0.671 -172.33 1.680 70.09 0.067 70.67 0.690 -33.35 900 0.672 -176.77 1.520 65.76 0.075 78.25 0.695 -36.65 1000 0.672 179.40 1.386 61.98 0.086 83.86 0.700 -40.53 v ce =5v, i c =5ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.745 -85.56 10.487 129.32 0.031 52.32 0.808 -17.13 200 0.673 -125.68 6.596 107.46 0.041 43.79 0.695 -19.72 300 0.650 -144.45 4.641 95.99 0.044 45.46 0.655 -20.94 400 0.643 -155.93 3.583 88.14 0.046 51.02 0.641 -22.34 500 0.641 -163.08 2.926 81.98 0.051 57.47 0.638 -24.48 600 0.641 -169.17 2.468 76.86 0.055 65.57 0.640 -27.05 700 0.642 -173.85 2.139 72.14 0.064 72.10 0.640 -29.96 800 0.645 -177.59 1.898 68.01 0.072 78.01 0.643 -32.86 900 0.648 179.02 1.708 64.03 0.082 84.74 0.654 -36.05 1000 0.649 175.69 1.565 60.67 0.096 88.35 0.663 -39.64 v ce =5v, i c =10ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.648 -111.11 13.755 118.07 0.025 49.17 0.710 -18.60 200 0.617 -144.00 7.787 99.84 0.031 50.50 0.618 -18.94 300 0.610 -157.84 5.322 90.62 0.035 55.71 0.593 -19.18 400 0.611 -165.84 4.071 84.05 0.042 63.53 0.585 -20.81 500 0.612 -171.10 3.295 78.75 0.049 72.26 0.585 -23.14 600 0.616 -175.51 2.770 74.15 0.059 76.93 0.591 -25.68 700 0.620 -179.00 2.401 69.78 0.068 81.33 0.595 -28.62 800 0.622 178.16 2.122 65.84 0.080 85.49 0.598 -31.66 900 0.629 175.42 1.906 62.06 0.091 88.11 0.610 -34.80 1000 0.632 172.79 1.741 58.71 0.104 90.16 0.619 -38.30
15gn03ma no. a1108-5/8 s parameters (common emitter) v ce =5v, i c =15ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.608 -124.26 15.141 112.79 0.021 49.66 0.661 -18.68 200 0.596 -152.05 8.271 96.59 0.028 56.25 0.584 -17.69 300 0.594 -163.33 5.613 88.34 0.034 63.87 0.566 -18.43 400 0.600 -169.82 4.267 82.26 0.042 71.61 0.561 -19.87 500 0.601 -173.91 3.457 77.23 0.052 77.39 0.564 -22.13 600 0.606 -177.77 2.902 72.65 0.061 81.90 0.570 -24.90 700 0.613 179.41 2.501 68.50 0.071 84.02 0.573 -27.96 800 0.617 176.72 2.210 64.59 0.083 86.75 0.579 -30.98 900 0.624 174.31 1.988 60.86 0.094 88.46 0.592 -34.26 1000 0.628 171.96 1.808 57.39 0.108 90.57 0.599 -37.51 v ce =5v, i c =20ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.587 -132.33 15.887 109.73 0.018 50.98 0.630 -18.23 200 0.589 -156.83 8.517 94.77 0.026 60.57 0.563 -17.10 300 0.590 -166.31 5.751 86.97 0.034 66.88 0.549 -17.73 400 0.593 -171.88 4.373 80.95 0.043 73.76 0.547 -19.30 500 0.598 -175.61 3.529 76.08 0.052 79.21 0.552 -21.55 600 0.604 -178.89 2.958 71.70 0.063 82.86 0.558 -24.41 700 0.611 178.36 2.550 67.43 0.073 85.71 0.560 -27.19 800 0.616 176.07 2.257 63.56 0.085 87.76 0.569 -30.31 900 0.624 173.75 2.026 59.99 0.097 89.02 0.581 -33.63 1000 0.628 171.39 1.838 56.47 0.109 90.88 0.590 -36.92 v ce =5v, i c =30ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.574 -141.90 16.518 106.28 0.017 56.75 0.594 -17.60 200 0.584 -161.69 8.702 92.68 0.024 65.21 0.541 -16.13 300 0.587 -169.42 5.851 85.19 0.033 71.56 0.531 -16.69 400 0.596 -174.12 4.433 79.42 0.042 77.01 0.532 -18.41 500 0.599 -177.29 3.570 74.54 0.053 82.34 0.536 -20.78 600 0.609 179.93 2.987 70.07 0.063 84.47 0.545 -23.60 700 0.616 177.48 2.574 65.88 0.073 86.83 0.550 -26.54 800 0.621 175.27 2.268 61.99 0.085 88.18 0.559 -29.78 900 0.631 173.12 2.033 58.20 0.096 90.72 0.571 -33.08 1000 0.638 170.96 1.845 54.81 0.111 91.80 0.582 -36.46 v ce =5v, i c =50ma, z o =50 freq(mhz) ? s11 ? s11 ? s21 ? s21 ? s12 ? s12 ? s22 ? s22 100 0.578 -151.54 16.222 102.78 0.015 58.15 0.564 -16.24 200 0.596 -166.79 8.428 90.13 0.023 71.59 0.524 -14.78 300 0.603 -172.63 5.641 82.89 0.033 76.27 0.520 -15.94 400 0.611 -176.28 4.254 77.21 0.043 79.95 0.521 -17.71 500 0.618 -178.98 3.421 72.11 0.052 83.78 0.530 -20.31 600 0.629 178.44 2.851 67.60 0.064 86.83 0.538 -23.39 700 0.639 176.23 2.452 63.15 0.074 88.24 0.546 -26.40 800 0.647 174.01 2.155 59.33 0.087 89.54 0.555 -29.74 900 0.657 171.87 1.921 55.44 0.099 92.59 0.568 -33.37 1000 0.664 169.65 1.740 51.95 0.113 94.10 0.581 -36.94
15gn03ma no. a1108-6/8 embossed taping speci cation 15gn03ma-tl-e
15gn03ma no. a1108-7/8 outline drawing land pattern example 15gn03ma-tl-e mass (g) unit 0.006 * for reference mm unit: mm 0.65 0.65 2.1 0.7 1.0
15gn03ma ps no. a1108-8/8 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of ENA1108A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X